Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSS3612-7 Datasheet(PDF) 3 Page - Power-One

Part # PSS3612-7
Description  9...25 A Switching Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PSS3612-7 Datasheet(HTML) 3 Page - Power-One

  PSS3612-7 Datasheet HTML 1Page - Power-One PSS3612-7 Datasheet HTML 2Page - Power-One PSS3612-7 Datasheet HTML 3Page - Power-One PSS3612-7 Datasheet HTML 4Page - Power-One PSS3612-7 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
286
www.power-one.ch
Edition 5/05.2001
Environmental
Operating ambient temperature
-2,
Ui nom, Io nom, convection cooled
–10...50
°C
Operating case temperature
TC
-2,
Ui nom, Io nom
–10...80
°C
Storage temperature
-2, non operational
–25...100
°C
Operating ambient temperature
-7,
Ui nom, Io nom, convection cooled
–25...71
°C
Operating case temperature
TC
-7,
Ui nom, Io nom
–25...95
°C
Storage temperature
-7, non operational
–40...100
°C
Damp heat
IEC/EN 60068-2-3
Vibration, sinusoidal
IEC/EN 60068-2-6
Shock
IEC/EN 60068-2-27
Bump
IEC/EN 60068-2-29
Random vibration
IEC/EN 60068-2-64
MTBF
MIL-HDBK-217
Options
Large and small cooling plate instead of standard heatsink
B/B1
Extended temperature range
–40...71
°C, ambient, operating
-9
Electronic inrush current limitation
E
Output voltage adjustment
±8% U
o nom, excludes feature R and vice versa
P
Thyristor crowbar on output
C
Accessories
Front panels 19" (Schroff/Intermas), 12 und 16 TE
Mating H15 or H15 S4 connectors with screw, solder, fast-on or press-fit terminals
Connector retention facilities
Adapter kit for DIN-rail
Pin allocation
Electrical Determination
Type H15
Type H15 S4
Pin No.
Ident.
Pin No.
Ident.
Output voltage (positive)
4
Vo+
4/6
Vo+
Output voltage (positive)
6
Vo+
Output voltage (negative)
8
Go–
8/10
Go–
Output voltage (negative)
10
Go–
Crowbar trigger input (option C)
12
C
12
C
Inhibit input
14
i
14
i
R-input (output voltage programming) 1
16
R
16
R
Sense line (negative)
18
S–
18
S–
Sense line (positive)
20
S+
20
S+
Current sharing control input
22
CS
22
CS
Protective ground (leading pin)
24
24
Input voltage (negative)
26
Gi–
26/28
Gi–
Input voltage (negative)
28
Gi–
Input voltage (positive)
30
Vi+
30/32
Vi+
Input voltage (positive)
32
Vi+
PSS, PSK Series
9...25 A Switching Regulators


Similar Part No. - PSS3612-7

ManufacturerPart #DatasheetDescription
logo
Power-One
PSS3612-7 POWER-ONE-PSS3612-7 Datasheet
214Kb / 5P
   9 - 25 A Switching Regulator
More results

Similar Description - PSS3612-7

ManufacturerPart #DatasheetDescription
logo
Power-One
PSS POWER-ONE-PSS Datasheet
214Kb / 5P
   9 - 25 A Switching Regulator
PSA3E6-2 POWER-ONE-PSA3E6-2 Datasheet
46Kb / 4P
   1...6 A Switching Regulators
PSB5A4-7IR POWER-ONE-PSB5A4-7IR Datasheet
57Kb / 4P
   3...8 A Switching Regulators
PSC3E122 POWER-ONE-PSC3E122 Datasheet
54Kb / 4P
   6...12 A Switching Regulators
PSL5A10-7R POWER-ONE-PSL5A10-7R Datasheet
59Kb / 4P
   6...12 A Switching Regulators
PSB POWER-ONE-PSB Datasheet
96Kb / 3P
   3 to 8 A Switching Regulators
PSC POWER-ONE-PSC Datasheet
213Kb / 3P
   6 to 12 A Switching Regulators
PSL POWER-ONE-PSL Datasheet
405Kb / 4P
   6 to 12 A Switching Regulators
logo
Cooper Bussmann, Inc.
SD3814-1R2-R COOPER-SD3814-1R2-R Datasheet
372Kb / 4P
   Switching Regulators
logo
Tiger Electronic Co.,Lt...
MC33063ADR2G TGS-MC33063ADR2G Datasheet
2Mb / 7P
   Switching Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com