Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8VM-10024 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # S8VM-10024
Description  Switch Mode Power Supply
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VM-10024 Datasheet(HTML) 3 Page - Omron Electronics LLC

  S8VM-10024 Datasheet HTML 1Page - Omron Electronics LLC S8VM-10024 Datasheet HTML 2Page - Omron Electronics LLC S8VM-10024 Datasheet HTML 3Page - Omron Electronics LLC S8VM-10024 Datasheet HTML 4Page - Omron Electronics LLC S8VM-10024 Datasheet HTML 5Page - Omron Electronics LLC S8VM-10024 Datasheet HTML 6Page - Omron Electronics LLC S8VM-10024 Datasheet HTML 7Page - Omron Electronics LLC S8VM-10024 Datasheet HTML 8Page - Omron Electronics LLC S8VM-10024 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
S8VM
3
Specifications
■ Ratings/Characteristics
Note:
1. Do not use an Inverter output for the Power Supply. Inverters with an output frequency of 50/60 Hz are available, but the rise in the internal temperature of the Power
Supply may result in ignition or burning.
2. Refer to Engineering Data (15-W, 30-W, 50-W, 100-W, 150-W Models) on page 9 to 11 for details.
3. If the output voltage adjuster (V. ADJ) is turned, the voltage will increase by more than +20% of the voltage adjustment range. If the adjuster is turned too far, it may
activate the overvoltage protection function and interrupt the output.
When adjusting the output voltage, confirm the actual output voltage from the Power Supply and be sure that the load is not damaged.
4. To reset the protection, turn OFF the input power for three minutes or longer and then turn it back ON.
5. Conducted emissions: The noise value is affected by factors such as the wiring method. The Power Supply conforms to Class B when the aluminum plate is laid under
the Power Supply. For 15-W models, insert a clamp filter (ZCAT2436-1330 by TDK: 50
Ω min. [50 to 500 MHz], or the equivalent) in the output wire to reduce noise.
6. Radiated emissions: The noise value is affected by factors such as the wiring method. The Power Supply conforms to Class B when the aluminum plate is laid under the
Power Supply. For 150-W models, insert a clamp filter (ZCAT2017-0930 by TDK: 35
Ω min. [50 to 500 MHz], or the equivalent) in the input wire to reduce noise.
7. The weight indicated is for bottom mounting, open-frame models.
8. A
@: Sinking type (NPN)
P
@: Sourcing type (PNP)
9. With the S8VM-15024
@@, the output current for UL1604 certification is 6.3 A.
Item
Power rating
15 W
30 W
50 W
100 W
150 W
Efficiency
5-V models
75% min.
75% min.
80% min.
81% min.
81% min.
12-V models
78% min.
79% min.
79% min.
81% min.
81% min.
15-V models
78% min.
79% min.
79% min.
81% min.
81% min.
24-V models
80% min.
81% min.
80% min.
82% min.
83% min.
Input
Voltage (See note 1.)
100 to 240 VAC (85 to 264 VAC)
Frequency (See note 1.)
50/60 Hz (47 to 63 Hz)
Current
100-V input
0.5 A max.
0.9 A max.
0.8 A max.
1.4 A max.
2.0 A max.
200-V input
0.25 A max.
0.45 A max.
0.4 A max.
0.7 A max.
1.0 A max.
Power factor
100-V input
---
0.98 min.
200-V input
---
0.94 min.
Harmonic current emissions
---
Conforms to EN 61000-3-2
Leakage
current
100-V input
0.4 mA max. (at rated output)
200-V input
0.75 mA max. (at rated output)
Inrush current
(See note 2.)
100-V input
17.5 A max. (for cold start at 25
°C)
200-V input
35 A max. (for cold start at 25
°C)
Output
Voltage adjustment range (See note 3.)
−20% to 20% (with V. ADJ) (S8VM-@@@24A@/P@: −10% to 20%)
Ripple
3.2% (p-p) max. (5 V),
1.5% (p-p) max. (12 V),
1.2% (p-p) max. (15 V),
1.0% (p-p) max. (24 V),
(at rated input/output voltage)
3.2% (p-p) max. (5 V),
1.5% (p-p) max. (12 V),
1.2% (p-p) max. (15 V),
0.75% (p-p) max. (24 V),
(at rated input/output voltage)
Input variation influence
0.4% max. (at 85 to 264 VAC input, 100%)
Load variation influence (rated input
voltage)
0.8% max. (with rated input, 0 to 100% load)
Temperature variation influence
0.02%/
°C max.
Startup time (See note 2.)
1,100 ms max. (at rated input/output voltage) 800 ms max. (at rated input/output voltage)
Hold time (See note 2.)
20 ms typ. (15 ms min.) (at rated input/output voltage)
Additional
functions
Overload protection (See note 2.)
105% to 160% of rated load current, voltage
drop, intermittent, automatic reset
105% to 160% of rated load current,
voltage drop (12 V, 15 V, and 24 V),
voltage drop, intermittent (5 V), automatic reset
Overvoltage protection (See note 2.)
Yes (See note 4.)
Undervoltage alarm indication
Yes (color: Yellow (DC LOW1), red (DC LOW2)) (S8VM-
@@@24A@/P@ only)
Undervoltage alarm output
No
Yes (S8VM-
@@@24A@/P@ only)
(Transistor output), 30 VDC max., 50 mA max. (See note 8.)
Series operation
Yes
Parallel operation
No
Remote sensing function
No
Yes
Other
Ambient operating temperature
Refer to the derating curve in Engineering Data (15-W, 30-W, 50-W, 100-W, 150-W Models). (with no icing or conden-
sation) (See note 2.)
Storage temperature
−25 to 65°C
Ambient operating humidity
30% to 85% (Storage humidity: 25% to 90%)
Dielectric strength
3.0 kVAC for 1 min. (between all inputs and outputs; detection current: 20 mA)
2.0 kVAC for 1 min. (between all inputs and PE/FG terminals; detection current: 20 mA)
500 VAC for 1 min. (between all outputs and PE/FG terminals; detection current: 100 mA)
500 VAC for 1 min. (between all outputs (except the detection output terminals) and detection output terminals; de-
tection current: 20 mA) (S8VM-
@@@24A@/P@ only)
Insulation resistance
100 M
Ω min. (between all outputs and all inputs, PE/FG terminals) at 500 VDC
Vibration resistance
10 to 55 Hz, 0.375-mm single amplitude for 2 hours each in X, Y, and Z directions
Shock resistance
150 m/s2, 3 times each in
±X, ±Y, ±Z directions
Output indicator
Yes (color: Green)
EMI
Conducted Emission
Conforms to EN61204-3 EN55011 Class B and based on FCC Class B (See note 5.)
Radiated Emission
Conforms to EN61204-3 EN55011 Class B (See note 6.)
EMS
Conforms to EN61204-3 High severity levels
Approved
standards
UL
cUL
cUR
EN/TÜV
UL508 (Listing), UL60950-1, UL1604 (Listing; Class I/Division 2, Group A, B, C, D Hazardous Locations) (See note 9.)
CSA C22.2 No.14, No. 213 (Class I/Division 2, Group A, B, D, D Hazardous Locations)
CSA No. 60950-1
EN50178, EN60950-1
SELV (EN60950-1)
According to VDE0160/P100
SEMI
SEMI F47-0200 (200 VAC input)
Weight (See note 7.)
180 g max.
220 g max.
290 g max.
460 g max.
530 g max.


Similar Part No. - S8VM-10024

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VM-10024 OMRON-S8VM-10024 Datasheet
6Mb / 38P
   Power Supply Featuring OMRON?셲 Unique, New Undervoltage Alarm Function with Compact Body Contributing to Machine Downsizing
S8VM-10024 OMRON-S8VM-10024 Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VM-10024C OMRON-S8VM-10024C Datasheet
6Mb / 38P
   Power Supply Featuring OMRON?셲 Unique, New Undervoltage Alarm Function with Compact Body Contributing to Machine Downsizing
S8VM-10024C OMRON-S8VM-10024C Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VM-10024CD OMRON-S8VM-10024CD Datasheet
6Mb / 38P
   Power Supply Featuring OMRON?셲 Unique, New Undervoltage Alarm Function with Compact Body Contributing to Machine Downsizing
More results

Similar Description - S8VM-10024

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
   Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
   Switch Mode Power Supply
S8JX OMRON-S8JX Datasheet
2Mb / 28P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60I CTC-CF4N60I Datasheet
753Kb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com