Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K8AB-PW1 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # K8AB-PW1
Description  Three-phase Voltage Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K8AB-PW1 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button K8AB-PW1 Datasheet HTML 2Page - Omron Electronics LLC K8AB-PW1 Datasheet HTML 3Page - Omron Electronics LLC K8AB-PW1 Datasheet HTML 4Page - Omron Electronics LLC K8AB-PW1 Datasheet HTML 5Page - Omron Electronics LLC K8AB-PW1 Datasheet HTML 6Page - Omron Electronics LLC K8AB-PW1 Datasheet HTML 7Page - Omron Electronics LLC K8AB-PW1 Datasheet HTML 8Page - Omron Electronics LLC K8AB-PW1 Datasheet HTML 9Page - Omron Electronics LLC K8AB-PW1 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
K8AB-PW
9
Checking Operation
Overvoltage
Gradually increase the input from 80% of the setting.
The input value will equal the operating value when the
input exceeds the setting and the alarm indicator starts
flashing. Operation can be checked by the relay output that
will start after the operating time has passed.
Undervoltage
Gradually decrease the input from 120% of the setting and
check the operation using the same method as for
overvoltage.
Example: For monitoring mode set to three-phase three-wire
monitoring, a rated voltage of 200 V, and an operating time
of 5 s.
Note: K8AB-PW
@ output relays are normally operative.
Connection Diagram
How to Measure the Operating Time
Overvoltage
Change the input suddenly from 0% to 120% of the set
value and measure the time until the Unit operates.
Undervoltage
Change the input suddenly from 120% to 0% of the set
value and measure the time until the Unit operates.
Operating Time
Adjust the slide resistor so that the voltage applied to the
K8AB terminals is 120% of the overvoltage set value or
80% of the undervoltage set value when the auxiliary relay
operates in a test circuit. Close the switch and use the
cycle counter to measure the operating time.
Connection Diagram
Operating Adjustment Knobs
Use a screwdriver to turn the knobs. There is a stopper to
prevent the knob from turning any further once it has been
turned completely to the left or right. Do not force the knob
past these limits.
Overvoltage Detection When Only One Phase Exceeds
the Overvoltage Threshold
The K8AB monitors each of the three-phase voltages. This
means an overvoltage is detected if even only one phase
exceeds the threshold value. The same applies to
undervoltages.
Questions and Answers
Q
Set value
Input voltage
Alarm indicator
Relay output
Flashing
Lit
5 s
0 to 150 V
V1
Three-phase
variable autotransformer
L1
L2
L3
3
φ,
200 VAC
V2 V3
L1
L2
L3
Overvoltage
Undervoltage
Q
L1
L2
L3
±
C 200 V
Cycle counter
V1
V2 V3
X
X/a
X/b
L1
L2
L3
R1
R2
R1: Slide resistor
200
Ω 200 W
R2: 100
Ω 400 W
3
φ,
200 VAC
Q
Q
In the interest of product improvement, specifications are subject to change without notice.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.


Similar Part No. - K8AB-PW1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K8AB-PA OMRON-K8AB-PA Datasheet
876Kb / 11P
   Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8AB-PA1 OMRON-K8AB-PA1 Datasheet
876Kb / 11P
   Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8AB-PA2 OMRON-K8AB-PA2 Datasheet
876Kb / 11P
   Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8AB-PH OMRON-K8AB-PH Datasheet
569Kb / 6P
   Phase-sequence Phase-loss Relay
K8AB-PH1 OMRON-K8AB-PH1 Datasheet
569Kb / 6P
   Phase-sequence Phase-loss Relay
More results

Similar Description - K8AB-PW1

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RM22TG20 SCHNEIDER-RM22TG20 Datasheet
117Kb / 7P
   three-Phase control relay
logo
Omron Electronics LLC
K8AB-PM OMRON-K8AB-PM Datasheet
946Kb / 10P
   Three-phase Phase-sequence Phase-loss Relay
logo
Hongfa Technology
HFS24 HONGFA-HFS24 Datasheet
114Kb / 3P
   THREE-PHASE SOLID STATE RELAY
logo
celduc-relais
SGT968360E CELDUC-SGT968360E Datasheet
352Kb / 4P
   Three Phase Solid State Relay
logo
Schneider Electric
RM4TR32 SCHNEIDER-RM4TR32 Datasheet
165Kb / 9P
   three-phase network control relay
RM4TG20 SCHNEIDER-RM4TG20 Datasheet
160Kb / 9P
   three-phase network control relay
logo
TE Connectivity Ltd
SSR3 TEC-SSR3 Datasheet
475Kb / 3P
   Three Phase Solid State Relay
02-2021, Rev. 0221
logo
celduc-relais
SGT962360E CELDUC-SGT962360E Datasheet
393Kb / 4P
   Three Phase Solid State Relay
SGT967360E CELDUC-SGT967360E Datasheet
262Kb / 4P
   Three Phase Solid State Relay
logo
Schneider Electric
RM22TA33 SCHNEIDER-RM22TA33 Datasheet
75Kb / 3P
   three-Phase Asymmetry control relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com