Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5S-YB2D-X Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # H5S-YB2D-X
Description  Digital Time Switch
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H5S-YB2D-X Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button H5S-YB2D-X Datasheet HTML 6Page - Omron Electronics LLC H5S-YB2D-X Datasheet HTML 7Page - Omron Electronics LLC H5S-YB2D-X Datasheet HTML 8Page - Omron Electronics LLC H5S-YB2D-X Datasheet HTML 9Page - Omron Electronics LLC H5S-YB2D-X Datasheet HTML 10Page - Omron Electronics LLC H5S-YB2D-X Datasheet HTML 11Page - Omron Electronics LLC H5S-YB2D-X Datasheet HTML 12Page - Omron Electronics LLC H5S-YB2D-X Datasheet HTML 13Page - Omron Electronics LLC H5S-YB2D-X Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
H5S
10
Dimensions
Note: All units are in millimeters unless otherwise indicated.
Digital Time Switch
Mounting bracket (included)
Four M3 x 8 screws (included) for mounting
the terminal covers
Two terminal covers (included)
Two M4 x 12 screws (included)
for the mounting bracket
Protective Cover
Y92A-72C (Order separately)
9.5
(53.2)
49
6
(75
× 75)
(12.5)
67.6
× 67.6
72
72
68+0.8
0
68+0.8
0
9.5
49
Mounting panel
H5S
TIME SWITCH
Flush Mounting Model
H5S-
@A@/-@B@
Note: 1. The terminal screws are M3.5.
2. This illustration shows a 2-circuit model. The 4-circuit model
has the same dimensions.
Panel Cutout
Note: Panel thickness: 1 to 5 mm
Protective Cover
Y92A-72C (Order separately)
Y92F-90 DIN Track
Mounting Base
(Order separately)
Four M3 x 8 screws (included)
for mounting terminal covers
Two terminal covers (included)
(9.5)
55
49
(20.2)
16
(75
× 75)
(61.5)
58.5
Mounting holes
for four M4 screws
63.2
72
56
96 89 72
Mounting panel
89±0.2
56±0.15
4-dia. *
Panel thickness t
Hole diameter
0.8 to 1.2
3.6
1.6 to 4
3.7
*Diameter of pilot holes for
included M4 tapping screws (guideline)
17.7
37
Four M3 x 8 screws for
mounting the Y92A-72H
Large Terminal Cover
(included with the Y92A-72H)
Y92A-72H Large Terminal Cover
(Order separately)
66.7
126.7
Use a tool such as long nose pliers to prepare the openings for pulling wires.
When using the product
in an exposed mounting
condition, always use the
Y92A-72H Large
Terminal Cover (order
separately) to comply
with Electrical Appliance
and Material Safety Law
(for Japan).
71.1 *1
79.8 *2
Y92F-90 DIN Track Mounting Base
(Order separately)
DIN Track
Mounting panel
H5S
TIME SWITCH
Surface Mounting Model
H5S-
@FA@/-@FB@
Note: 1. The terminal screws are M3.5.
2. This illustration shows a 2-circuit model. The 4-circuit model
has the same dimensions.
Mounting holes
(Surface mounted)
(With the large terminal cover (order separately) attached)
(DIN track mounted)
Note: 1. Using a PFP-50N or PFP-100N
Mounting Track.
2. Using a PFP-100N2 Mounting Track.


Similar Description - H5S-YB2D-X

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT728985 IDT-IDT728985 Datasheet
119Kb / 13P
   TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
ams AG
AS3588A AMSCO-AS3588A Datasheet
98Kb / 15P
   DIGITAL TIME/SPACE CROSSPOINT SWITCH
logo
Integrated Device Techn...
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
logo
Integrated Device Techn...
IDT7290820 IDT-IDT7290820 Datasheet
167Kb / 27P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 2,048 x 2,048
IDT728981 IDT-IDT728981 Datasheet
81Kb / 10P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
logo
Renesas Technology Corp
IDT728981 RENESAS-IDT728981 Datasheet
279Kb / 11P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
JANUARY 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com