Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K8AB-PH1 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # K8AB-PH1
Description  Phase-sequence Phase-loss Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K8AB-PH1 Datasheet(HTML) 2 Page - Omron Electronics LLC

  K8AB-PH1 Datasheet HTML 1Page - Omron Electronics LLC K8AB-PH1 Datasheet HTML 2Page - Omron Electronics LLC K8AB-PH1 Datasheet HTML 3Page - Omron Electronics LLC K8AB-PH1 Datasheet HTML 4Page - Omron Electronics LLC K8AB-PH1 Datasheet HTML 5Page - Omron Electronics LLC K8AB-PH1 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
K8AB-PH
2
Ratings and Specifications
■ Ratings
Rated input voltage
Three-phase, three-wire mode, 200 to 500 VAC
Input load
15 VA max.
Reversed phase and phase loss operating time
0.1 s max.
Reset method
Automatic reset
Indicators
Power (PWR): Green, Relay output (RY): Yellow
Output relays
One SPDT relay (NC operation)
Output relay ratings
Rated load
Resistive load
6 A at 250 VAC (cos
φ = 1)
6 A at 30 VDC (L/R = 0 ms)
Inductive load
1 A at 250 VAC (cos
φ = 0.4)
1 A at 30 VDC (L/R = 7 ms)
Maximum contact voltage:
250 VAC
Maximum contact current:
6 A AC
Maximum switching capacity: 1,500 VA
Minimum load:
10 mA at 5 VDC
Mechanical life:
10,000,000 operations
Electrical life:
Make: 50,000 times, Break: 30,000 times
Ambient operating temperature
−20 to 60°C (with no condensation or icing)
Storage temperature
−40 to 70°C (with no condensation or icing)
Ambient operating humidity
25% to 85% (with no condensation)
Storage humidity
25% to 85% (with no condensation)
Altitude
2,000 m max.
Terminal screw tightening torque
0.49 N·m
Terminal wiring method
Recommended wire
Solid wire:
2.5 mm2
Twisted wires: AWG16, AWG18
Note: 1. Ferrules with insulating sleeves must be used with twisted wires.
2. Two wires can be twisted together.
Recommended ferrules
Al 1,5-8BK (for AWG16) manufactured by Phoenix Contact
Al 1-8RD (for AWG18) manufactured by Phoenix Contact
Al 0,75-8GY (for AWG18) manufactured by Phoenix Contact
Case color
Munsell 5Y8/1
Case material
ABS resin (self-extinguishing resin) UL94-V0
Weight
Approx. 110 g
Mounting
Mounted to DIN Track or via M4 screws (tightening torque: 1.2 N·m)
Dimensions
22.5 (W)
× 90 (H) × 100 (D) mm


Similar Part No. - K8AB-PH1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K8AB-PA OMRON-K8AB-PA Datasheet
876Kb / 11P
   Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8AB-PA1 OMRON-K8AB-PA1 Datasheet
876Kb / 11P
   Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8AB-PA2 OMRON-K8AB-PA2 Datasheet
876Kb / 11P
   Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8AB-PM OMRON-K8AB-PM Datasheet
946Kb / 10P
   Three-phase Phase-sequence Phase-loss Relay
K8AB-PM1 OMRON-K8AB-PM1 Datasheet
946Kb / 10P
   Three-phase Phase-sequence Phase-loss Relay
More results

Similar Description - K8AB-PH1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K8DS-PH1 OMRON-K8DS-PH1 Datasheet
1Mb / 12P
   Phase-sequence Phase-loss Relay
K8AB-PM OMRON-K8AB-PM Datasheet
946Kb / 10P
   Three-phase Phase-sequence Phase-loss Relay
K8AB-PA OMRON-K8AB-PA Datasheet
876Kb / 11P
   Three-phase Asymmetry and Phase-sequence Phase-loss Relay
logo
List of Unclassifed Man...
DPA71DM23 ETC2-DPA71DM23 Datasheet
107Kb / 3P
   Monitoring Relays 3-Phase Sequence and Phase Loss
DPA01CM44 ETC2-DPA01CM44 Datasheet
115Kb / 3P
   Monitoring Relays 3-Phase Sequence and Phase Loss
logo
ZIEHL industrie-elektro...
DRR10 ZIEHL-DRR10 Datasheet
271Kb / 1P
   Phase sequence Relay Type DRR10 automatic change of wrong Phase sequence
logo
List of Unclassifed Man...
DPB02CM23 ETC2-DPB02CM23 Datasheet
164Kb / 4P
   Monitoring Relays True RMS 3-Phase, Phase Sequence/Loss - Asymmetry
EUAC220 ETC2-EUAC220 Datasheet
133Kb / 2P
   Current and Voltage Controls 3-Phase Sequence and Phase Loss
logo
ZIEHL industrie-elektro...
P222505 ZIEHL-P222505 Datasheet
262Kb / 1P
   Phase asymmetry Relay Type PS2DK Monitoring of Phase-Asymmetry and Phase Sequence
logo
List of Unclassifed Man...
M3PR ETC1-M3PR Datasheet
392Kb / 1P
   Phase Sequence / Failure and Under Voltage Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com