Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K8AB-AS1 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # K8AB-AS1
Description  Single-phase Current Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K8AB-AS1 Datasheet(HTML) 4 Page - Omron Electronics LLC

  K8AB-AS1 Datasheet HTML 1Page - Omron Electronics LLC K8AB-AS1 Datasheet HTML 2Page - Omron Electronics LLC K8AB-AS1 Datasheet HTML 3Page - Omron Electronics LLC K8AB-AS1 Datasheet HTML 4Page - Omron Electronics LLC K8AB-AS1 Datasheet HTML 5Page - Omron Electronics LLC K8AB-AS1 Datasheet HTML 6Page - Omron Electronics LLC K8AB-AS1 Datasheet HTML 7Page - Omron Electronics LLC K8AB-AS1 Datasheet HTML 8Page - Omron Electronics LLC K8AB-AS1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
K8AB-AS
4
■ Specifications
Allowable power supply voltage range
85% to 110% of power supply voltage
Allowable power supply frequency range
50/60 Hz
±5 Hz
Input frequency range
K8AB-AS1 and K8AB-AS2: DC input or AC input (45 to 65 Hz)
K8AB-AS3:
AC input (45 to 65 Hz)
Overload capacity
K8AB-AS1 and K8AB-AS2: Continuous input: 120% of maximum input, 1 s max.: 150% of maximum input.
K8AB-AS3:
Continuous input: 120% of maximum input, 30 s max.: 200% of maximum input,
1 s max.: 600% of maximum input
Note: Overload capacity of primary side of CT.
Setting error
Operating value
Set value
±10% full scale
Reset value
Operating time
Startup lock time
Repeat error
Operating value
Operating value
±2%
Error calculation: Error = ((Maximum operating value
− Minimum operating value (over 10 operations))/2)/
Average value
× 100%
Reset value
Reset value
±2%
Error calculation: Error = ((Maximum reset value
− Minimum reset value (over 10 resets))/2)/Average value
× 100%
Operating time
Operating time repeat error:
±50 ms
Overcurrent:
Measured when input suddenly changes from 0% to 120% of setting.
Undercurrent:
Measured when input suddenly changes from 120% to 0% of setting.
Startup lock time
Startup lock time repeat error:
±50 ms (measured at sudden change from 0% to 120% of setting)
Temperature influence
Operating value
Drift based on measured value at standard temperature:
−20°C to standard temperature: ±1,000 ppm/°C max.
Standard temperature to 60
°C: ±1,000 ppm/°C max.
(Humidity: 25% to 80%)
Operating time
Fluctuation based on measured value at standard temperature:
−20°C to standard temperature: ±10% max.
Standard temperature to 60
°C: ±10% max.
(Humidity: 25% to 80%)
Humidity influence
Operating value
Based on ambient humidity of 65%
25% to 80%:
±5% max.
Operating time
Based on ambient room humidity
25% to 80%:
±10% max.
Influence of power supply voltage
Operating value:
±5% max.
Operating time:
±10% max.
Note: The error in the operating value and operating time under standard conditions.
Influence of power supply frequency
Operating value: ±5% max. (at 45 to 65 Hz)
Operating time: ±10% max. (at 45 to 65 Hz)
Note: The error in the operating value and operating time under standard conditions.
Influence of input frequency
Operating value (45 to 65 Hz)
K8AB-AS1 and K8AB-AS2:
±5% max.
K8AB-AS3:
±10% max.
Operating time (45 to 65 Hz)
±10% max.
Note: The error in the operating value and operating time under standard conditions.
Applicable
standards
Conforming standards
EN60255-5 and EN60255-6
Installation environment (Pollution Degree 2, Overvoltage Category III)
EMC
EN61326
Insulation resistance
20 M
Ω min.
Between external terminals and case
Between power supply terminals and input terminals (excluding models with DC power supply)
Between power supply terminals and output terminals
Between input terminals and output terminals
Dielectric strength
2,000 VAC for one minute
Between external terminals and case
Between power supply terminals and input terminals (excluding models with DC power supply)
Between power supply terminals and output terminals
Between input terminals and output terminals
Noise immunity
1,500 V power supply terminal common/normal mode
Square-wave noise of ±1
µs/100 ns pulse width with 1-ns rise time
Vibration resistance
Frequency 10 to 55 Hz, 0.35-mm single amplitude, acceleration 50 m/s2
10 sweeps of 5 min each in X, Y, and Z directions
Shock resistance
100 m/s2, 3 times each in 6 directions along three axes (up/down, left/right, forward/backward)
Degree of protection
Terminal section: Finger protection


Similar Part No. - K8AB-AS1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K8AB-PA OMRON-K8AB-PA Datasheet
876Kb / 11P
   Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8AB-PA1 OMRON-K8AB-PA1 Datasheet
876Kb / 11P
   Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8AB-PA2 OMRON-K8AB-PA2 Datasheet
876Kb / 11P
   Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8AB-PH OMRON-K8AB-PH Datasheet
569Kb / 6P
   Phase-sequence Phase-loss Relay
K8AB-PH1 OMRON-K8AB-PH1 Datasheet
569Kb / 6P
   Phase-sequence Phase-loss Relay
More results

Similar Description - K8AB-AS1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K8AB-VS OMRON-K8AB-VS Datasheet
959Kb / 10P
   Single-phase Voltage Relay
K8AB-VW OMRON-K8AB-VW Datasheet
1,019Kb / 10P
   Single-phase Voltage Relay
logo
Schneider Electric
RM35JA31MW SCHNEIDER-RM35JA31MW Datasheet
162Kb / 7P
   Modular 1-phase current control relay
logo
DB Lectro Inc
HG4506 DBLECTRO-HG4506 Datasheet
46Kb / 2P
   Single Phase Motor Starter Relay
logo
Schneider Electric
RM35JA32MW SCHNEIDER-RM35JA32MW Datasheet
162Kb / 7P
   Modular 1-phase current control relay
logo
celduc-relais
SO86596H CELDUC-SO86596H Datasheet
489Kb / 6P
   Single phase Power Solid State Relay
logo
DONGGUAN YOU FENG WEI E...
KBPC1506 YFWDIODE-KBPC1506 Datasheet
562Kb / 3P
   15A HIGH CURRENT SINGLE-PHASE
KBPC2506 YFWDIODE-KBPC2506 Datasheet
562Kb / 3P
   25A HIGH CURRENT SINGLE-PHASE
KBPC3506 YFWDIODE-KBPC3506 Datasheet
566Kb / 3P
   35A HIGH CURRENT SINGLE-PHASE
logo
Littelfuse
77C LITTELFUSE-77C Datasheet
373Kb / 4P
   Single-Phase Current & Voltage Monitor
2022 Littelfuse, Inc
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com