Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E3T-ST112M Datasheet(PDF) 3 Page - Omron Electronics LLC

Part No. E3T-ST112M
Description  Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3T-ST112M Datasheet(HTML) 3 Page - Omron Electronics LLC

  E3T-ST112M Datasheet HTML 1Page - Omron Electronics LLC E3T-ST112M Datasheet HTML 2Page - Omron Electronics LLC E3T-ST112M Datasheet HTML 3Page - Omron Electronics LLC E3T-ST112M Datasheet HTML 4Page - Omron Electronics LLC E3T-ST112M Datasheet HTML 5Page - Omron Electronics LLC E3T-ST112M Datasheet HTML 6Page - Omron Electronics LLC E3T-ST112M Datasheet HTML 7Page - Omron Electronics LLC E3T-ST112M Datasheet HTML 8Page - Omron Electronics LLC E3T-ST112M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
E3T
3
Variety of Connection Specifications
The models with the connection specifications marked with a black circle in the table are available. The model number indication is a combination
of the basic model and the connection specification.
NPN Output
* The sensing distance depends on the Reflector that is used. The sensing distance is 200 mm if an E39-R4 is used and 100 mm if an E39-R37-CA is used.
PNP Output
Model
Model
number
example
E3T-ST11-M1TJ
0.3M
E3T-ST11 5M
E3T-ST11R 2M
E3T-ST11-ECON
0.3M
E3T-ST11-ECON
2M
Sensing
method
Sensing
distance
Operation
mode
Connec-
tion speci-
fication
M12 pre-wired
Smartclick Con-
nector (cable
length: 0.3 m)
Pre-wired (cable
length: 5 m)
Pre-wired robot
(cable length: 2 m)
e-CON pre-wired
connector (cable
length: 0.3 m)
e-CON pre-wired
connector (cable
length: 2 m)
Basic
model
number
-M1TJ 0.3M
5M
R 2M
-ECON 0.3M
-ECON 2M
Through-
beam (side-
view)
1 m
Light-ON
E3T-ST11
●●●●●
Dark-ON
E3T-ST12
●●●●●
300 mm
Light-ON
E3T-ST21
●●
---
●●
Dark-ON
E3T-ST22
●●
---
●●
Through-
beam (flat)
500 mm
Light-ON
E3T-FT11
●●●●●
Dark-ON
E3T-FT12
●●●●●
300 mm
Light-ON
E3T-FT21
---
---
●●
Dark-ON
E3T-FT22
---
---
●●
Retro-
reflective
200 mm
(100 mm)
Light-ON
E3T-SR41
●●●●●
Dark-ON
E3T-SR42
●●●●●
Diffuse-
reflective
5 to
30 mm
Light-ON
E3T-FD11
●●●●●
Dark-ON
E3T-FD12
●●●●●
Convergent-
reflective
5 to
15 mm
Light-ON
E3T-SL11
●●●●●
Dark-ON
E3T-SL12
●●●●●
5 to
30 mm
Light-ON
E3T-SL21
●●●●●
Dark-ON
E3T-SL22
●●●●●
BGS reflec-
tive
1 to
15 mm
Light-ON
E3T-FL11
---
---
---
Dark-ON
E3T-FL12
---
---
---
1 to
30 mm
Light-ON
E3T-FL21
---
●●
---
Dark-ON
E3T-FL22
---
---
---
Example:
E3T-ST11-M1TJ 0.3M
Connection
specification
Basic model
number
Model
Model
number
example
E3T-ST13-M1TJ
0.3M
E3T-ST13 5M
E3T-ST13R 2M
Sensing
method
Sensing
distance
Operation
mode
Connec-
tion speci-
fication
M12 pre-wired
Smartclick Con-
nector (cable
length: 0.3 m)
Pre-wired (cable
length: 5 m)
Pre-wired robot
(cable length: 2 m)
Basic
model
number
-M1TJ 0.3M
5M
R 2M
Through-
beam (side-
view)
1 m
Light-ON
E3T-ST13
●●●
Dark-ON
E3T-ST14
●●●
300 mm
Light-ON
E3T-ST23
---
---
Dark-ON
E3T-ST24
---
---
Through-
beam (flat)
500 mm
Light-ON
E3T-FT13
●●●
Dark-ON
E3T-FT14
●●●
300 mm
Light-ON
E3T-FT23
---
---
Dark-ON
E3T-FT24
●●
---


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn