Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E3T-ST112M Datasheet(PDF) 13 Page - Omron Electronics LLC

Part No. E3T-ST112M
Description  Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3T-ST112M Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button E3T-ST112M Datasheet HTML 9Page - Omron Electronics LLC E3T-ST112M Datasheet HTML 10Page - Omron Electronics LLC E3T-ST112M Datasheet HTML 11Page - Omron Electronics LLC E3T-ST112M Datasheet HTML 12Page - Omron Electronics LLC E3T-ST112M Datasheet HTML 13Page - Omron Electronics LLC E3T-ST112M Datasheet HTML 14Page - Omron Electronics LLC E3T-ST112M Datasheet HTML 15Page - Omron Electronics LLC E3T-ST112M Datasheet HTML 16Page - Omron Electronics LLC E3T-ST112M Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
E3T
13
I/O Circuit Diagrams
NPN Output
PNP Output
Plugs (Sensor I/O Connectors)
Model
Operation mode
Timing charts
Output circuit
E3T-
@@@1
Light-ON
E3T-
@@@2
Dark-ON
Light incident
Light interrupted
Operation indicator
(orange)
ON
OFF
Output
transistor
Load
(e.g., relay)
Operate
Reset
ON
OFF
(Between brown (1)
and black (4) leads)
4
3
1
0 V
ZD
Through-beam Receivers,
Retroreflective and Reflective Models
Operation
indicator
(orange)
Stability
indicator
(green)
Photo-
electric
Sensor
Main
Circuit
Brown
Black
Blue
(Control output)
12 to 24 VDC
Load
(relay)
50 mA
max.
Through-beam Emitters
Brown
1
3
Blue
12 to 24 VDC
Photo-
electric
Sensor
Main
Circuit
1
2
3
4
3
1
2
4
Connector Pin Arrangement
Note:Pin 2 is not used.
Pins 2 and 4 are not used
with Through-beam Emitters.
e-CON
M12
Operation indicator
(orange)
ON
OFF
Output
transistor
Load
(e.g., relay)
Operate
Reset
ON
OFF
(Between brown (1)
and black (4) leads)
Light incident
Light interrupted
Model
Operation mode
Timing charts
Output circuit
E3T-
@@@3
Light-ON
E3T-
@@@4
Dark-ON
Operation indicator
(orange)
ON
OFF
Output
transistor
Load
(e.g., relay)
Operate
Reset
ON
OFF
(Between blue (3)
and black (4) leads)
Light incident
Light interrupted
1
3
4
1
3
ZD
Through-beam Receivers,
Retroreflective and Reflective Models
Through-beam Emitters
Operation
indicator
(orange)
Stability
indicator
(green)
Photo-
electric
Sensor
Main
Circuit
Photo-
electric
Sensor
Main
Circuit
Brown
Blue
12 to 24 VDC
50 mA
max.
Brown
Black
Blue
12 to 24 VDC
Load
(relay)
0 V
(Control output)
1
2
3
4
3
1
2
4
Connector Pin Arrangement
Note:Pin 2 is not used.
Pins 2 and 4 are not used
with Through-beam Emitters.
e-CON
M12
Operation indicator
(orange)
ON
OFF
Output
transistor
Load
(e.g., relay)
Operate
Reset
ON
OFF
(Between blue (3)
and black (4) leads)
Light incident
Light interrupted
Pin arrangement
Note: Pin 2 is not used.
Classification
Wire color
Connector pin No.
Application
DC
Brown1
Power supply (+V)
White
2
---
Blue3
Power supply (0 V)
Black
4
Output
15.8
E39-ECON
@M
E39-ECONW
@M
2
4
13
1
2
3
4
Brown
Blue
White
Black
Wire color
XS5F-D421-D80-A
XS5F-D421-G80-A
M12 Connector
e-CON connector


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn