Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E5AR-T Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E5AR-T
Description  Programmable Digital Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5AR-T Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E5AR-T Datasheet HTML 4Page - Omron Electronics LLC E5AR-T Datasheet HTML 5Page - Omron Electronics LLC E5AR-T Datasheet HTML 6Page - Omron Electronics LLC E5AR-T Datasheet HTML 7Page - Omron Electronics LLC E5AR-T Datasheet HTML 8Page - Omron Electronics LLC E5AR-T Datasheet HTML 9Page - Omron Electronics LLC E5AR-T Datasheet HTML 10Page - Omron Electronics LLC E5AR-T Datasheet HTML 11Page - Omron Electronics LLC E5AR-T Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
E5AR-T
9
E5AR-TCCE3MWW-FLK (4-loop Control)
E5AR-TQQE3MWW-FLK (4-loop Control)
E5AR-TPR4DF
E5AR-TPRQE3MF-FLK
6
5
4
3
2
1
6
5
4
3
2
1
BE
C
A
K
J
I
H
G
F
D
+
3
6
5
4
2
1
3
6
5
4
2
1
B
E
D
C
+
+
+
+
V
3
6
5
4
2
1
+
V
I
I
+
+
+
+
+
3
6
5
4
2
1
G
+
+
+
3
6
5
4
2
1
F
+
!
OUT4
Current output
4 to 20 mA DC, 500
Ω max.
0 to 20 mA DC, 500
Ω max.
(Switched by output
type setting.)
OUT3
Current output
4 to 20 mA DC, 500
Ω max.
0 to 20 mA DC, 500
Ω max.
(Switched by output type setting.)
OUT2
Current output
4 to 20 mA DC, 500
Ω max.
0 to 20 mA DC, 500
Ω max.
(Switched by output
type setting.)
OUT1
Current output
4 to 20 mA DC, 500
Ω max.
0 to 20 mA DC, 500
Ω max.
(Switched by output type setting.)
B(
+)
A(
−)
RS-485
Auxiliary output
(Transistor output)
SUB1(B), SUB6(C)
SUB2(B), SUB7(C)
SUB3(B), SUB8(C)
SUB4(B), SUB9(C)
SUB5(B), SUB10(C)
COM
Event input
EV3(E), EV7(D)
EV4(E), EV8(D)
EV5(E), EV9(D)
EV6(E), EV10(D)
COM
(Current) (Voltage)
(Resistance temperature input sensor)
(Thermocouple)
Input 2(K)
Input 4(J)
Input 1(K)
Input 3(J)
TC
PT
T
C
PT
J, K
24 VAC/DC
100 to 240 VAC
Input power supply
depends on model.
100 to 240 VAC or 24
VAC/DC (no polarity)
6
5
4
3
2
1
6
5
4
3
2
1
BE
C
A
K
J
I
H
G
F
D
+
3
6
5
4
2
1
3
6
5
4
2
1
B
E
D
C
+
+
+
+
+
+
3
6
5
4
2
1
G
V
I
3
6
5
4
2
1
+
V
I
+
+
+
+
+
+
3
6
5
4
2
1
F
!
100 to 240 VAC
B(
+)
A(
−)
OUT2
Voltage output 12 V 21 mA
OUT1
Voltage output 12 V
21 mA or
Current output
4 to 20 mA DC, 500
Ω max.
0 to 20 mA DC, 500
Ω max.
(Switched by output type setting.)
RS-485
OUT4
Voltage output 12 V 21 mA
OUT3
Voltage output 12 V
21 mA or
Current output
4 to 20 mA DC, 500
Ω max.
0 to 20 mA DC, 500
Ω max.
(Switched by output type setting.)
COM
Auxiliary output
(Transistor output)
SUB1(B), SUB6(C)
SUB2(B), SUB7(C)
SUB3(B), SUB8(C)
SUB4(B), SUB9(C)
SUB5(B), SUB10(C)
Event input
EV3(E), EV7(D)
EV4(E), EV8(D)
EV5(E), EV9(D)
EV6(E), EV10(D)
COM
(Current) (Voltage)
(Resistance temperature input sensor)
(Thermocouple)
Input 2(K)
Input 4(J)
Input 1(K)
Input 3(J)
J, K
TC
PT
TC
PT
6
5
4
3
2
1
6
5
4
3
2
1
BE
D
C
A
K
J
I
H
G
F
V
C
W
O
I
3
6
5
4
2
1
++
+
3
6
5
4
2
1
OUT1
F
K
3
6
5
4
2
1
3
6
5
4
2
1
B
E
+
!
24 VAC/DC
100 to 240 VAC
Input power supply
depends on model.
100 to 240 VAC or 24
VAC/DC (no polarity)
Relay output
250 VAC 1 A
Closed
Open
(Current) (Voltage)
(Resistance temperature input sensor)
(Thermocouple)
Potentiometer
Event input
Auxiliary output
(Relay output)
COM
COM
SUB1
SUB2
SUB3
SUB4
EV3
COM
EV4
EV5
EV6
PT
TC
OUT2
6
5
4
3
2
1
6
5
4
3
2
1
BE
D
C
A
K
J
I
H
G
F
+
3
6
5
4
2
1
3
6
5
4
2
1
B
E
D
C
+
+
+
+
PT
V
C
W
O
I
3
6
5
4
2
1
+
+
+
3
6
5
4
2
1
F
K
+
+
+
3
6
5
4
2
1
G
+
!
24 VAC/DC
100 to 240 VAC
Input power supply
depends on model.
100 to 240 VAC or 24
VAC/DC (no polarity)
Voltage output 12 V
40 mA
OUT4
OUT3
Voltage output 12 V
40 mA or
Current output
4 to 20 mA DC,
500
Ω max.
0 to 20 mA DC, 500
Ω max.
(Switched by output type setting.)
B(
+)
A(
−)
RS-485
OUT1
Relay output
250 VAC 1 A
Closed
Open
OUT2
(Current) (Voltage)
(Resistance temperature input sensor)
(Thermocouple)
Potentiometer
TC
Event input
Auxiliary output
(Transistor output)
COM
SUB1(B), SUB6(C)
SUB2(B), SUB7(C)
SUB3(B), SUB8(C)
SUB4(B), SUB9(C)
SUB5(B), SUB10(C)
EV3(E), EV7(D)
EV4(E), EV8(D)
EV5(E), EV9(D)
EV6(E), EV10(D)
COM
Note
The power supply voltage must be 100 to 240 VAC or 24 VAC/DC for the E5AR-T to comply with CE
marking requirements.
The power supply voltage must be 100 to 120 VAC or 24 VAC/DC for the E5AR-T to comply with UL
requirements.


Similar Part No. - E5AR-T

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
E5AB CHENDA-E5AB Datasheet
630Kb / 2P
   SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
logo
Omron Electronics LLC
E5AC OMRON-E5AC Datasheet
12Mb / 112P
   Digital Temperature Controller
E5AC-T OMRON-E5AC-T Datasheet
12Mb / 112P
   Digital Temperature Controller
E5AK OMRON-E5AK Datasheet
694Kb / 36P
   Digital Controller
E5AK-AA2 OMRON-E5AK-AA2 Datasheet
694Kb / 36P
   Digital Controller
More results

Similar Description - E5AR-T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5ER-T OMRON-E5ER-T Datasheet
939Kb / 10P
   Programmable Digital Controller
logo
Fuji Electric
EDS11-132B FUJI-EDS11-132B Datasheet
142Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M](PROGRAMMABLE CONTINUOUS OUTPUT TYPE)
EDS11-140B FUJI-EDS11-140B Datasheet
143Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M](PROGRAMMABLE STEP OUTPUT TYPE)
EDSX11-140A FUJI-EDSX11-140A Datasheet
112Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M] (PROGRAMMABLE STEP OUTPUT TYPE)
EDSX11-132E FUJI-EDSX11-132E Datasheet
120Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M] (PROGRAMMABLE CONTINUOUS OUTPUT TYPE)
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621_07 Datasheet
245Kb / 10P
   Programmable Controller
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
   Programmable Controller
CQM1-DA022 OMRON-CQM1-DA022 Datasheet
1Mb / 22P
   Programmable Controller
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
   Programmable Controller
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com