Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E3T-ST11 Datasheet(PDF) 17 Page - Omron Electronics LLC

Part No. E3T-ST11
Description  Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3T-ST11 Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button E3T-ST11 Datasheet HTML 13Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 14Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 15Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 16Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 17Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 18Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 19Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 20Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 21Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
E3T
17
Accessories
12
12
3.5
3.5
1.75
19
3.2
4.4
8
6
7.4
Operation
Indicator
20.8
20.8
Receiver lens
(2.8 square)
Emitter lens
(1.5 dia.)
Two, 2.2 dia.
2.4-dia. vinyl-insulated round cable
with 3 conductors (Conductor cross
section: 0.1 mm² (AWG27),
Insulator diameter: 0.7 mm),
Standard length: 2 m
Stability
indicator
8±0.2
Mounting Holes
2-M2
44.7
M12
4
3
1
2
2.4-dia. vinyl-insulated round cable
with 2 or 3 conductors
Standard length: 0.3 m
* Refer to Mounting the Sensor on Moving Parts on
page 14 for details on Robotics Cable models.
e-CON Pre-wired Connector
(E3T-FL
@@-ECON)
Termi-
nal No.
Specifi-
cations
1
+V
2
---
3
0 V
4
Output
1
15
2
3
4
5.9
15.6
2.4-dia. vinyl-insulated round cable
with 3 conductors
Standard lengths: 0.3 m and 2 m
BGS Models (Flat)
E3T-FL1
@
E3T-FL2
@
M12 Smartclick Pre-wired Connector Model
(E3T-FL
@@-M1TJ)
13.7
9.7
8.7
23
19
18
1.4
4.9
4
4
Two, 2.2 dia.
Reflector (Provided with E3T-SR4
@)
E39-R4
Material, reflective surface: acrylic
Rear surface: ABS
10.2
8.7
(1.1)
13.7
13.7
18.3
23
18.3
23
Two, R1.55
Mounting bracket
Reflector
Reflective
surface:
acrylic
Mounting
Bracket:
t 0.5
Reflector: t 0.5
(adhesive tape side)
Two, 3.1 dia.
Reflector (Provided with E3T-SR4
@-S)
E39-R37-CA
Material: Mounting plate: stainless steel
(SUS301)
Reflective surface: acrylic
Note: The reflective plate and mounting plate (1) come as a set.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn