Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E3T-ST11 Datasheet(PDF) 15 Page - Omron Electronics LLC

Part No. E3T-ST11
Description  Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3T-ST11 Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button E3T-ST11 Datasheet HTML 11Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 12Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 13Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 14Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 15Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 16Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 17Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 18Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
E3T
15
Dimensions
Sensors
(Unit: mm)
Tolerance class IT16 applies to dimensions in this datasheet unless otherwise specified.
2-M2
9±0.2
7
7.7
2.7
9
3.8
3.9
2.2
4.8
9.5
9.5
14.6
14.6
2.4-dia. vinyl-insulated round cable
with 2 conductors (Conductor cross
section: 0.1 mm² (AWG27),
Insulator diameter: 0.7 mm),
Standard length: 2 m
Two, 2.2 dia.
Emitter
(1.3 dia.)
Mounting Holes
Through-beam Models
(Side-view)
E3T-ST1
@ (Emitter)
E3T-ST2
@ (Emitter)
Emitter: E3T-ST
@@-L
Receiver: E3T-ST
@@-D
M12 Smartclick Pre-wired Connector Model
(E3T-ST
@@-M1TJ)
44.7
M12
4
3
1
2
2.4-dia. vinyl-insulated round cable
with 2 or 3 conductors
Standard length: 0.3 m
e-CON Pre-wired Connector Model
(E3T-ST
@@-ECON)
1
15
2
3
4
5.9
15.6
2.4-dia. vinyl-insulated round cable
with 3 conductors
Standard lengths: 0.3 m and 2 m
Termi-
nal No.
Specifica-
tions
1+V
2
---
30 V
4
Output
(receiver only)
* Refer to Mounting the Sensor on
Moving Parts on page 14 for details on
Robotics Cable models.
2.4-dia. vinyl-insulated round cable
with 3 conductors (Conductor cross
section: 0.1 mm² (AWG27),
Insulator diameter: 0.7 mm),
Standard length: 2 m
2-M2
9±0.2
7
7
7.7
2.7
9
3.8
3.9
2.2
4.8
9.5
9.5
Operation
Indicator
14.6
14.6
Two, 2.2 dia.
Receiver
(1.3 dia.)
Stability
indicator
2-M2
Mounting Holes
E3T-ST1
@ (Receiver)
E3T-ST2
@ (Receiver)
Emitter
(1.3 dia.)
3.5
3.5
1.75
1.75
4.4
8
12
12
14
3.2
8.6
15.8
15.8
2.4-dia. vinyl-insulated round cable
with 2 conductors (Conductor cross
section: 0.1 mm² (AWG27),
Insulator diameter: 0.7 mm),
Standard length: 2 m
Two, 2.2 dia.
8±0.2
Mounting Holes
2-M2
Through-beam Models (Flat)
E3T-FT1
@ (Emitter)
E3T-FT2
@ (Emitter)
Emitter: E3T-FT
@@-L
Receiver: E3T-FT
@@-D
E3T-FT1
@ (Receiver)
E3T-FT2
@ (Receiver)
Operation Indicator
14
3.2
1.75
4.4
8
3.5
3.5
3.5
3.5
8.6
15.8
15.8
12
12
Lens
(1.3 dia.)
Two, 2.2 dia.
2.4-dia. vinyl-insulated round cable
with 3 conductors (Conductor cross
section: 0.1 mm² (AWG27),
Insulator diameter: 0.7 mm),
Standard length: 2 m
Stability indicator
8±0.2
Mounting Holes
2-M2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn