Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E3T-ST11 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part No. E3T-ST11
Description  Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3T-ST11 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3T-ST11 Datasheet HTML 1Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 2Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 3Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 4Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 5Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 6Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 7Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 8Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
CSM_E3T_DS_E_9_1
Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
E3T
Features
E3T-SR4
@
: Retro-reflective Sensor with Enhanced
Compactness and High Performance
• Perform detection from a small hole.
With a coaxial optical system, the lens diameter is only 2 mm.
Sufficient incident light is obtained even through a small hole.
The Coaxial Retro-reflective Sensor can be used for reliable application with positioning.
• Improved Stability of Short-distance Detection
A detection distance as short as 10 mm can be used with a Tape Reflector.
Detection is stable through a hole whether the distance is 10 mm or 100 mm (except in combination with the
E39-R4).
E3T-FL1
@/-FL2@: The Slimmest BGS (Background Suppression) Reflective Photoelectric
Sensors in the World
Ultra slim at 3.5 mm and
black/white error of only
15%.
For example, the E3T-
FL1
@ can stably detect a
black object at 12 mm
without being affected by a
white background at
20 mm.
OMRON provides BGS
performance sharper than
the previous Convergent-
reflective Sensors.
Dramatic Improvement in Black/White Error
3.5mm
E3T-FL1
20mm
12mm
15mm
Not detected
Detected
Black
object
White
background
Rated sensing distance
0
5
10
15
20
25
(mm)
White paper Black paper White paper Black paper
E3T-FL1
(BGS Reflective Model)
E3T-SL1
(Convergent-reflective Model)
New Retro-reflective Sensors
Added to the Series. Further
Contributions to Equipment
Downsizing.
• Coaxial Retro-reflective for reliable positioning applications.
• Series now includes BGS* reflective model with black/white error
of 15%
• Easy optical axis adjustment with emitter axis accuracy of ±2°
(Through-beam Model)
• Noise and external light resistance enhanced to that of E3Z or
equivalent
• Output reverse polarity protection provides reliable support
against incorrect wiring.
• The Series includes models with M12 Smartclick pre-wired
connectors (-M1TJ)
* BGS (Background Suppression) technology prevents detecting background objects.
Be sure to read Safety Precautions on
page 14.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn