Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-CLK53 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # CS1W-CLK53
Description  SYSMAC CS-series Controller Link Units
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-CLK53 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button CS1W-CLK53 Datasheet HTML 7Page - Omron Electronics LLC CS1W-CLK53 Datasheet HTML 8Page - Omron Electronics LLC CS1W-CLK53 Datasheet HTML 9Page - Omron Electronics LLC CS1W-CLK53 Datasheet HTML 10Page - Omron Electronics LLC CS1W-CLK53 Datasheet HTML 11Page - Omron Electronics LLC CS1W-CLK53 Datasheet HTML 12Page - Omron Electronics LLC CS1W-CLK53 Datasheet HTML 13Page - Omron Electronics LLC CS1W-CLK53 Datasheet HTML 14Page - Omron Electronics LLC CS1W-CLK53 Datasheet HTML 15Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CS1W-CLK
11
Differences in Specifications of New and Old Models
Controller Link Units
Note: 1. For wired models, the maximum number of nodes is 32 if Repeater Units are not used.
2. Use models with lot numbers 0306
@@ (June 2003 production) or later to enable duplexing in a CS1D System using the Pre-Ver. 1.2
CS1W-CLK12-V1 or CS1W-CLK52-V1.
3. Old models and new models can be used mixed on the same network. In that case, however, build the system using the specifications
for the old models. The data link send/receive words can be separately set to their maximums when new and old models are mixed.
Controller Link Support Boards (for PCI Bus)
Note: 1. For wired models, the maximum number of nodes is 32 if repeater units are not used.
2. Old models and new models can be used mixed on the same network. In that case, however, build the system using the specifications
for the old models. The data link send/receive words can be separately set to their maximums when new and old models are mixed.
3. FinsGateway Version 2003 is compatible with Windows XP and Windows 2000. For Windows NT4.0 (Service Pack 3 or higher), Windows
ME, or Windows 98SE, use FinsGateway Version3. (With FinsGateway Version 3, only functions supported by the 3G8F7-CLK21/
CLK12/CLK52 can be used.)
Model
CS1W-CLK23
CS1W-CLK13
CS1W-CLK53
CS1W-CLK21-V1
CS1W-CLK12-V1
CS1W-CLK52-V1
Note: The following models are
discontinued.
CS1W-CLK21-V1
CS1W-CLK12-V1
CS1W-CLK52-V1
Note: The following models are
discontinued.
CS1W-CLK21
CS1W-CLK12
CS1W-CLK52
Unit version 2.0
Unit version 1.2
Pre-Ver. 1.2
Pre-Ver. 1.2
Number of data link
send words (data link
areas that are created
for a single node in a
single PLC)
20,000 words max.
12,000 words max.
Number of send words
per node (total of area 1
and area 2)
4,000 words max.
(user-set links only)
1,000 words max.
Data link areas
Allocation setting can be performed for same areas in
areas 1 and 2.
Allocation setting can be performed for same areas in
areas 1 and 2.
Max. Units mountable
per PLC
8
4
Automatic data link
setting
Choose from equality layout or 1:N allocations (common type, 1:1, chain type)
Supported for equality
layout only.
Changing data link
allocations during
active data links
Supported (Data link tables can be changed during active data links.)
Not supported.
Maximum connectable
nodes
62 nodes (See note 1.)
Wired model: 32 nodes
Optical ring model: 62
nodes
Duplex support
Supported (optical ring model only) (See note 2.)
Not supported
Mixed use
Yes (See note 3.)
Compatible support
software
CX-Integrator for CX-One
V2.1or higher, or CX-Net for
CX-Programmer Ver. 7.2 or
higher
CX-Net for CX-Programmer
Ver. 5.0 or higher
CX-Net for CX-Programmer
Ver. 3.2 or higher
CX-Net for CX-Programmer
Ver. 1.0 or higher
Model
3G8F7-CLK23-E
3G8F7-CLK13-E
3G8F7-CLK53-E
3G8F7-CLK21-EV1
3G8F7-CLK12-EV1
3G8F7-CLK52-EV1
Note: The following models are
discontinued.
3G8F7-CLK21-E
3G8F7-CLK12-E
3G8F7-CLK52-E
Number of data link send/
receive words (data link
areas for sending/receiving
that are created for a single
node in a single computer)
62,000 words max.
32,000 words max.
Send words per node
4,000 words max.
(user-set links only)
1,000 words max.
Changing data link
allocations during active
data links
Supported. (Data link tables can be changed during active data links.)
Not supported.
Maximum connectable nodes 62 nodes (See note 1.)
Wired model: 32 nodes
Optical ring model: 62 nodes
Mixed use
Yes (See note 2.)
Compatible FinsGateway and
version of supplied CD
(See note 3.)
FinsGateway Version 2003.21 or
higher (CD Ver. 3.00 or higher)
FinsGateway Version 2003.00 or
higher (CD Ver. 2.00 or higher)
FinsGateway Version 3.00 or higher
(CD Ver. 1.00 or higher)
Compatible support software
CX-Integrator for CX-One Ver. 2.1
or higher, or CX-Net for
CX-Programmer Ver. 7.2 or higher
CX-Net for CX-Programmer Ver.
3.2 or higher
CX-Net for Ver. 1.0 or higher


Similar Part No. - CS1W-CLK53

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CS1W-CLK53 OMRON-CS1W-CLK53 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
More results

Similar Description - CS1W-CLK53

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1W-CLK OMRON-CJ1W-CLK Datasheet
929Kb / 11P
   SYSMAC CJ-series Controller Link Units
CS1W-EIP21 OMRON-CS1W-EIP21 Datasheet
543Kb / 8P
   SYSMAC CS-series EtherNet/IP Unit
CJ1M OMRON-CJ1M Datasheet
526Kb / 12P
   SYSMAC CJ-series CJ1M CPU Units
CJ2M-CPU35 OMRON-CJ2M-CPU35 Datasheet
850Kb / 17P
   SYSMAC CJ-series CJ2M CPU Units
CJ1M-CPU13-ETN OMRON-CJ1M-CPU13-ETN Datasheet
452Kb / 15P
   SYSMAC CJ-series CJ1M CPU Units (with Ethernet function)
CJ2M-CPU35_1007 OMRON-CJ2M-CPU35_1007 Datasheet
4Mb / 30P
   SYSMAC CJ-series CJ2M CPU Units, Pulse I/O Modules
CJ1W-MCH72 OMRON-CJ1W-MCH72 Datasheet
3Mb / 374P
   Programmable Controller SYSMAC CJ-series CJ1W-MCH72
logo
List of Unclassifed Man...
C200H-AD001 ETC1-C200H-AD001 Datasheet
287Kb / 61P
   SYSMAC C200H-AD001/DA001 Analog I/O Units
logo
Omron Electronics LLC
CJ1W-EIP21 OMRON-CJ1W-EIP21 Datasheet
581Kb / 8P
   SYSMAC CJ-series EtherNet/IP Unit
logo
ATMEL Corporation
TSS461E ATMEL-TSS461E Datasheet
817Kb / 57P
   VAN Data Link Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com