Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-CLK Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # CS1W-CLK
Description  SYSMAC CS-series Controller Link Units
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-CLK Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button CS1W-CLK Datasheet HTML 6Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 7Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 8Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 9Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 10Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 11Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 12Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 13Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
CS1W-CLK
CS1W-CLK13/CS1W-CLK12-V1
Crimp Terminals
Use crimp terminals (M3) having the dimensions shown below.
CS1W-CLK53/CS1W-CLK52-V1
Crimp Terminals
Use crimp terminals (M3) having the dimensions shown below.
LED Indicators
Display the Unit and network status.
Unit Number Switch
One rotary switch. The unit number of the Unit on the PLC is set in single-digit
hexadecimal.
Node Address Switches
Two rotary switches. The node address of the unit on the Controller Link Network
is set in 2-digit decimal.
Optical Connectors
Connect to communications cables (H-PCF fiber optical cables) for the Controller
Link network.
Power Supply Terminal Block
Connect to a backup power supply for the node bypass function.
6.2 mm max.
6.2 mm max.
LED Indicators
Display the Unit and network status.
Unit Number Switch
One rotary switch. The unit number of the Unit on the PLC is set in single-digit
hexadecimal.
Node Address Switches
Two rotary switches. The node address of the unit on the Controller Link Network
is set in 2-digit decimal.
Optical Connectors
Connect to communications cables (GI optical cables) for the Controller Link network.
Power Supply Terminal Block
Connect to a backup power supply for the node bypass function.
6.0 mm max.
6.0 mm max.


Similar Part No. - CS1W-CLK

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CS1W-CLK13 OMRON-CS1W-CLK13 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
CS1W-CLK23 OMRON-CS1W-CLK23 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
CS1W-CLK53 OMRON-CS1W-CLK53 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
More results

Similar Description - CS1W-CLK

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1W-CLK OMRON-CJ1W-CLK Datasheet
929Kb / 11P
   SYSMAC CJ-series Controller Link Units
CS1W-EIP21 OMRON-CS1W-EIP21 Datasheet
543Kb / 8P
   SYSMAC CS-series EtherNet/IP Unit
CJ1M OMRON-CJ1M Datasheet
526Kb / 12P
   SYSMAC CJ-series CJ1M CPU Units
CJ2M-CPU35 OMRON-CJ2M-CPU35 Datasheet
850Kb / 17P
   SYSMAC CJ-series CJ2M CPU Units
CJ1M-CPU13-ETN OMRON-CJ1M-CPU13-ETN Datasheet
452Kb / 15P
   SYSMAC CJ-series CJ1M CPU Units (with Ethernet function)
CJ2M-CPU35_1007 OMRON-CJ2M-CPU35_1007 Datasheet
4Mb / 30P
   SYSMAC CJ-series CJ2M CPU Units, Pulse I/O Modules
CJ1W-MCH72 OMRON-CJ1W-MCH72 Datasheet
3Mb / 374P
   Programmable Controller SYSMAC CJ-series CJ1W-MCH72
logo
List of Unclassifed Man...
C200H-AD001 ETC1-C200H-AD001 Datasheet
287Kb / 61P
   SYSMAC C200H-AD001/DA001 Analog I/O Units
logo
Omron Electronics LLC
CJ1W-EIP21 OMRON-CJ1W-EIP21 Datasheet
581Kb / 8P
   SYSMAC CJ-series EtherNet/IP Unit
logo
ATMEL Corporation
TSS461E ATMEL-TSS461E Datasheet
817Kb / 57P
   VAN Data Link Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com