Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFS06ZE-M6 Datasheet(PDF) 10 Page - Power-One

Part # RFS06ZE-M6
Description  RFS Series: 20W / 6.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

RFS06ZE-M6 Datasheet(HTML) 10 Page - Power-One

Back Button RFS06ZE-M6 Datasheet HTML 6Page - Power-One RFS06ZE-M6 Datasheet HTML 7Page - Power-One RFS06ZE-M6 Datasheet HTML 8Page - Power-One RFS06ZE-M6 Datasheet HTML 9Page - Power-One RFS06ZE-M6 Datasheet HTML 10Page - Power-One RFS06ZE-M6 Datasheet HTML 11Page - Power-One RFS06ZE-M6 Datasheet HTML 12Page - Power-One RFS06ZE-M6 Datasheet HTML 13Page - Power-One RFS06ZE-M6 Datasheet HTML 14Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Product Specifications
RFS Series: 20W / 6.0A DC/DC Converters
Oct 2001
36-75V Input
1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
18-Oct-01
Rev 1.0
Page 10 of 14
www.power-one.com
Safety Considerations
These converters feature 1500 Volt DC isolation
from input to output. The input to output resistance
is greater than 10MOhm.
These converters are
provided with Operational Insulation between input
and output circuits according to EN60950 / UL1950
/ CSA60950-00.
Nevertheless, if the system using
the
converter
needs
to
receive
safety
agency
approval, certain rules must be followed in the
design of the system.
In particular, all of the
creepage and clearance requirements of the end-
use safety requirements must be observed. These
documents include UL60950, CSA60950-00 and
EN60950, although specific applications may have
additional requirements.
In order for the output of the converter to be
considered as SELV (Safety Extra Low Voltage) or
TNV-1,
according
to
EN60950
/
UL1950
/
CSA60950-00, one of the following requirements
must be met in the system design:
• The converter has no internal fuse. An external
fuse must be provided to protect the system
from catastrophic failure.
A fuse with a rating
not greater than 2.0A is recommended.
The
user can select a lower rating fuse based upon
the inrush transient and the maximum input
current of the converter, which occurs at the
minimum input voltage.
Both input traces and
the chassis ground trace (if applicable) must be
capable of conducting a current of 1.5 times the
value of the fuse without opening.
The fuse
must not be placed in the grounded input line, if
any.
• If the voltage source feeding the module is
SELV, the output of the converter is considered
SELV and may be grounded or ungrounded.
• The circuitry of the converter may generate
transients, which exceed the input voltage.
Even if the input voltage is SELV (<60V) the
components on the primary side of the converter
may have to be considered as hazardous.
A
safety interlock may be needed to prevent the
user
from
accessing
the
converter
while
operational.
EMC Specifications
Conducted Noise:
The converters meet the requirements of level A
and level B of EN55022, CISPR22 and FCC CFR
title 47 Part 15 Sub-part J - Conducted (conducted
noise on the input terminals) using the following
circuit.
C1 = 18nF for RFS04ZG & RFS06ZE
C1 = 26nF for RFS06ZD, RFS06ZB & RFS06ZA
C2 = 2µF to meet EN55022A
C2 = 7µF to meet EN55022B
Electromagnetic Susceptibility:
Standard
Applied
Stress
Class
Level
Performance
Outcome *
Electrostatic
Discharge
EN61000-4-2
2KV to
pins
1
B
Electromagnetic
Field
EN61000-4-3
3V/m
2
A
Electrical Fast
Transient
EN61000-4-4
2000 Vp
to input
3
B
Conducted
Disturbances
EN61000-4-6
3Vrms to
input
2
B
* A denotes normal operation, no deviation from
specification. B denotes temporary deviation from
specification is possible.


Similar Part No. - RFS06ZE-M6

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
RFS0912-S2 MICRONETICS-RFS0912-S2 Datasheet
225Kb / 2P
   PHASESHIFTER / SWITCHMODULE FORELECTRONICTACAN ANTENNA
logo
Nichicon corporation
RFS0A100MCN1GB NICHICON-RFS0A100MCN1GB Datasheet
878Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
RFS0A680MCN1GS NICHICON-RFS0A680MCN1GS Datasheet
878Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
RFS0E181MCN1GS NICHICON-RFS0E181MCN1GS Datasheet
878Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
RFS0E181MCN1GS NICHICON-RFS0E181MCN1GS Datasheet
733Kb / 2P
   High Capacitance
More results

Similar Description - RFS06ZE-M6

ManufacturerPart #DatasheetDescription
logo
Power-One
NDS03ZA POWER-ONE-NDS03ZA Datasheet
312Kb / 14P
   NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
RNS01EE POWER-ONE-RNS01EE Datasheet
429Kb / 16P
   RNS Series: 5-10W DC/DC Converters 18-72 & 38-75V Input 3.3V, 5.0V, 7.0V and 12V Outputs Outputs of 2.5V & 15V, available with trimming
logo
Galaxy Power, Inc.
GPDW5V015R GALAXY-GPDW5V015R Datasheet
755Kb / 6P
   DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117 Datasheet
220Kb / 12P
   1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
logo
Galaxy Power, Inc.
GHPW5V020 GALAXY-GHPW5V020 Datasheet
1Mb / 7P
   Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
logo
Power-One
RND02ZGE POWER-ONE-RND02ZGE Datasheet
316Kb / 14P
   RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 짹12V Dual Outputs 짹15V, available with trimming
logo
Bel Fuse Inc.
S7AH-03A BEL-S7AH-03A Datasheet
165Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
SRAH-03A BEL-SRAH-03A Datasheet
173Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
logo
Power-One
HHS60ZE POWER-ONE-HHS60ZE Datasheet
56Kb / 2P
   HHS60 Series . 60A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V, 1,8V, 1.5V, 1.2V Outputs
logo
Bel Fuse Inc.
S7AH-10J BEL-S7AH-10J Datasheet
135Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 2.5V Input / 1.0 - 1.5V Output / 10A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com