Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2683IDGSRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA2683IDGSRG4
Description  Very Low-Power, Dual, Current-Feedback Operational Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2683IDGSRG4 Datasheet(HTML) 1 Page - Texas Instruments

  OPA2683IDGSRG4 Datasheet HTML 1Page - Texas Instruments OPA2683IDGSRG4 Datasheet HTML 2Page - Texas Instruments OPA2683IDGSRG4 Datasheet HTML 3Page - Texas Instruments OPA2683IDGSRG4 Datasheet HTML 4Page - Texas Instruments OPA2683IDGSRG4 Datasheet HTML 5Page - Texas Instruments OPA2683IDGSRG4 Datasheet HTML 6Page - Texas Instruments OPA2683IDGSRG4 Datasheet HTML 7Page - Texas Instruments OPA2683IDGSRG4 Datasheet HTML 8Page - Texas Instruments OPA2683IDGSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
www.ti.com
OPA2
683
OPA2
683
OPA2683
Copyright © 2002-2009, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SBOS244H – MAY 2002 – REVISED JULY 2009
Very Low-Power, Dual, Current-Feedback
Operational Amplifier
FEATURES
q REDUCED BANDWIDTH CHANGE VERSUS GAIN
q 150MHz BANDWIDTH G = +2
q > 80MHz BANDWIDTH TO GAIN > +10
q LOW DISTORTION: < –65dBc at 5MHz
q HIGH OUTPUT CURRENT: 110mA
q SINGLE-SUPPLY OPERATION: +5V to +12V
q DUAL-SUPPLY OPERATION:
±2.5V to ±6V
q LOW SUPPLY CURRENT: 1.9mA Total
q POWER SHUTDOWN VERSION: MSOP-10
V+
V
O
V–
I
ERR
R
G
R
F
Z
(S) IERR
+
Low-Power
Amplifier
U.S. Patent No. 6,724,260
DESCRIPTION
The OPA2683 provides a new level of performance for dual, very
low-power, wideband, current-feedback amplifiers. This CFBPLUS
amplifier is among the first to use an internally closed-loop input
buffer stage that significantly enhances performance over earlier
low-power, current-feedback (CFB) amplifiers. This new archi-
tecture provides many of the advantages of a more ideal CFB
amplifier while retaining the benefits of very low-power operation.
The closed-loop input stage buffer gives a very low and linearized
impedance path at the inverting input to sense the feedback error
current. This improved inverting input impedance gives excep-
tional bandwidth retention to much higher gains and improved
harmonic distortion over earlier solutions limited by inverting input
linearity. Beyond simple high gain applications, the OPA2683
CFBPLUS amplifier can allow the gain setting element to be set with
considerable freedom from amplifier bandwidth interaction. This
APPLICATIONS
q LOW-POWER BROADCAST VIDEO DRIVERS
q
µPOWER ACTIVE FILTERS
q SHORT-LOOP ADSL CO DRIVERS
q MULTICHANNEL SUMMING AMPLIFIERS
q PROFESSIONAL CAMERAS
q DIFFERENTIAL ADC INPUT DRIVERS
flexibility allows frequency response peaking elements to be
added, multiple input inverting summing circuits to have greater
bandwidth, and low-power differential line drivers to meet the
demanding requirements of DSL.
The output capability for the OPA2683 also sets a new mark in
performance for very low-power, current-feedback amplifiers. De-
livering a full
±4V
PP swing on ±5V supplies, the OPA2683 also has
the output current to support this swing into a 100
Ω load. This
minimal output headroom requirement is complemented by a
similar 1.2V input stage headroom, giving exceptional capability for
single +5V operation.
The OPA2683’s low 1.9mA total supply current is precisely trimmed
at +25
°C. This trim, along with low shift over temperature and supply
voltage, gives a very robust design over a wide range of operating
conditions. Further system power reduction is possible using
the shutdown feature of the MSOP-10 package.
6
3
0
–3
–6
–9
–12
–15
–18
Frequency (Hz)
1
200
10
100
NONINVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
G = 100
G = 50
G = 50
G = 10
G = 10
G = 1
G = 2
R
F = 953Ω
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
All trademarks are the property of their respective owners.
www.ti.com


Similar Part No. - OPA2683IDGSRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2683 BURR-BROWN-OPA2683 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA2683 BURR-BROWN-OPA2683 Datasheet
455Kb / 26P
   Quad, Low-Power, Current-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2683IDGSRG4

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40121 ZARLINK-ZL40121 Datasheet
288Kb / 16P
   Low Power,Current Feedback Dual Operational Amplifier
logo
Texas Instruments
OPA2684IDCNT TI1-OPA2684IDCNT Datasheet
964Kb / 34P
[Old version datasheet]   Low-Power, Dual Current-Feedback OPERATIONAL AMPLIFIER
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA2694ID TI1-OPA2694ID Datasheet
706Kb / 28P
[Old version datasheet]   Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2658 BURR-BROWN-OPA2658 Datasheet
230Kb / 13P
   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com