Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2683IDCNT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2683IDCNT
Description  Very Low-Power, Dual, Current-Feedback Operational Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2683IDCNT Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2683IDCNT Datasheet HTML 6Page - Texas Instruments OPA2683IDCNT Datasheet HTML 7Page - Texas Instruments OPA2683IDCNT Datasheet HTML 8Page - Texas Instruments OPA2683IDCNT Datasheet HTML 9Page - Texas Instruments OPA2683IDCNT Datasheet HTML 10Page - Texas Instruments OPA2683IDCNT Datasheet HTML 11Page - Texas Instruments OPA2683IDCNT Datasheet HTML 12Page - Texas Instruments OPA2683IDCNT Datasheet HTML 13Page - Texas Instruments OPA2683IDCNT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
OPA2683
10
SBOS244H
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
TA = +25°C, G = +2, RF = 953Ω, and RL = 1kΩ, unless otherwise noted.
–40
–50
–60
–70
–80
–90
–100
Frequency (MHz)
0.1
100
110
DISABLED FEEDTHRU
G = +2
V
DIS = 0V
See Figure 1
Each Channel


Similar Part No. - OPA2683IDCNT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2683 BURR-BROWN-OPA2683 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA2683 BURR-BROWN-OPA2683 Datasheet
455Kb / 26P
   Quad, Low-Power, Current-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2683IDCNT

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40121 ZARLINK-ZL40121 Datasheet
288Kb / 16P
   Low Power,Current Feedback Dual Operational Amplifier
logo
Texas Instruments
OPA2684IDCNT TI1-OPA2684IDCNT Datasheet
964Kb / 34P
[Old version datasheet]   Low-Power, Dual Current-Feedback OPERATIONAL AMPLIFIER
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA2694ID TI1-OPA2694ID Datasheet
706Kb / 28P
[Old version datasheet]   Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2658 BURR-BROWN-OPA2658 Datasheet
230Kb / 13P
   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com