Electronic Components Datasheet Search |
|
ULN2003ANE3 Datasheet(PDF) 1 Page - Texas Instruments |
|
ULN2003ANE3 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 26 page ULN2002A . . . N PACKAGE ULN2003A . . . D, N, NS, OR PW PACKAGE ULN2004A . . . D, N, OR NS PACKAGE ULQ2003A, ULQ2004A . . . D OR N PACKAGE (TOP VIEW) 1B 1 16 2B 2 15 3B 3 14 4B 4 13 5B 5 12 6B 6 11 7B 7 10 E 8 9 1C 2C 3C 4C 5C 6C 7C COM ULN2002A, ULN2003A, ULN2003AI, ULN2004A ULQ2003A, ULQ2004A www.ti.com SLRS027J – DECEMBER 1976 – REVISED JUNE 2010 HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS Check for Samples: ULN2002A, ULN2003A, ULN2003AI, ULN2004A, ULQ2003A, ULQ2004A 1 FEATURES • 500-mA-Rated Collector Current (Single Output) • High-Voltage Outputs: 50 V • Output Clamp Diodes • Inputs Compatible With Various Types of Logic • Relay-Driver Applications DESCRIPTION The ULN2002A, ULN2003A, ULN2003AI, ULN2004A, ULQ2003A, and ULQ2004A are high-voltage high-current Darlington transistor arrays. Each consists of seven npn Darlington pairs that feature high-voltage outputs with common-cathode clamp diodes for switching inductive loads. The collector-current rating of a single Darlington pair is 500 mA. The Darlington pairs can be paralleled for higher current capability. Applications include relay drivers, hammer drivers, lamp drivers, display drivers (LED and gas discharge), line drivers, and logic buffers. For 100-V (otherwise interchangeable) versions of the ULN2003A and ULN2004A, see the SN75468 and SN75469, respectively. The ULN2001A is a general-purpose array and can be used with TTL and CMOS technologies. The ULN2002A is designed specifically for use with 14-V to 25-V PMOS devices. Each input of this device has a Zener diode and resistor in series to control the input current to a safe limit. The ULN2003A and ULQ2003A have a 2.7-k Ω series base resistor for each Darlington pair for operation directly with TTL or 5-V CMOS devices. The ULN2004A and ULQ2004A have a 10.5-k Ω series base resistor to allow operation directly from CMOS devices that use supply voltages of 6 V to 15 V. The required input current of the ULN/ULQ2004A is below that of the ULN/ULQ2003A, and the required voltage is less than that required by the ULN2002A. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 1976–2010, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - ULN2003ANE3 |
|
Similar Description - ULN2003ANE3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |