Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5328 Datasheet(PDF) 24 Page - Analog Devices

Part No. AD5328
Description  2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5328 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5328 Datasheet HTML 16Page - Analog Devices AD5328 Datasheet HTML 17Page - Analog Devices AD5328 Datasheet HTML 18Page - Analog Devices AD5328 Datasheet HTML 19Page - Analog Devices AD5328 Datasheet HTML 20Page - Analog Devices AD5328 Datasheet HTML 21Page - Analog Devices AD5328 Datasheet HTML 22Page - Analog Devices AD5328 Datasheet HTML 23Page - Analog Devices AD5328 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
AD5308/AD5318/AD5328
Rev. D | Page 24 of 24
OUTLINE DIMENSIONS
16
9
8
1
PIN 1
SEATING
PLANE
4.50
4.40
4.30
6.40
BSC
5.10
5.00
4.90
0.65
BSC
0.15
0.05
1.20
MAX
0.20
0.09
0.75
0.60
0.45
0.30
0.19
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153-AB
Figure 44. 16-Lead Thin Shrink Small Outline Package [TSSOP] (RU-16)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD5308ARU
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD5308ARU-REEL7
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD5308ARUZ1
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD5308ARUZ-REEL71
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD5308BRU
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD5308BRU-REEL
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD5308BRU-REEL7
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD5308BRUZ1
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD5308BRUZ-REEL1
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD5308BRUZ-REEL71
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD5318ARU
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD5318ARU-REEL7
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD5318ARUZ1
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD5318ARUZ-REEL71
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD5318BRU
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD5318BRU-REEL
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD5318BRU-REEL7
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD5318BRUZ1
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD5318BRUZ-REEL1
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD5318BRUZ-REEL71
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD5328ARU
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD5328ARU-REEL7
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD5328ARUZ1
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD5328ARUZ-REEL71
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD5328BRU
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD5328BRU-REEL
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD5328BRU-REEL7
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD5328BRUZ1
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD5328BRUZ-REEL1
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD5328BRUZ-REEL71
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
1 Z = RoHS Compliant Part.
©2002–2007 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D02812-0-3/07(D)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn