Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5328 Datasheet(PDF) 20 Page - Analog Devices

Part No. AD5328
Description  2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5328 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5328 Datasheet HTML 16Page - Analog Devices AD5328 Datasheet HTML 17Page - Analog Devices AD5328 Datasheet HTML 18Page - Analog Devices AD5328 Datasheet HTML 19Page - Analog Devices AD5328 Datasheet HTML 20Page - Analog Devices AD5328 Datasheet HTML 21Page - Analog Devices AD5328 Datasheet HTML 22Page - Analog Devices AD5328 Datasheet HTML 23Page - Analog Devices AD5328 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD5308/AD5318/AD5328
Rev. D | Page 20 of 24
MICROWIRE-to-AD5308/AD5318/AD5328
INTERFACE
Figure 39 shows an interface between the AD5308/AD5318/
AD5328 and any MICROWIRE-compatible device. Serial data
is shifted out on the falling edge of the serial clock, SK, and is
clocked into the AD5308/AD5318/AD5328 on the rising edge
of SK, which corresponds to the falling edge of the DAC’s SCLK.
MICROWIRE*
*ADDITIONAL PINS OMITTED FOR CLARITY
CS
AD5308/
AD5318/
AD5328*
SYNC
SO
SK
DIN
SCLK
Figure 39. MICROWIRE-to-AD5308/AD5318/AD5328 Interface


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn