Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP291-05658 Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # NP291-05658
Description  Fine Ball Grid Array (FBGA, 0.75mm Pitch)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

NP291-05658 Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  NP291-05658 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Test & Burn-In
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
Test & Burn-In
NP291 Series (Open Top) Fine Ball Grid Array (FBGA, 0.75mm Pitch)
Insulation Resistance:
Dielectric Withstanding Voltage:
Contact Resistance:
Operating Temperature Range:
Contact Force:
Mating Cycles:
1,000M
min. at 100V DC
W
100V AC for 1 minute
100m
max. at 10mA/20mV max.
–55°C to +170°C
15g /pin (approx.)
10,000 insertions
W
Housing:
Contacts:
Plating:
Polyethersulphone (PES), glass-filled and
Materials and Finish
Series No.
No. of Contact Pins
Design Number
G = Contact Plating
4 = Contact Style (180° TH)
(Gold)
Contact Area - Au (0.3µm min. over Ni)
Terminal Area - Au (0.05µm min. over Ni)
Positioning Pin Identification:
No Mark
= Without Positioning Pins 'A' and 'B'
With Mark = For various Positioning P
Options
Please contact Yamaichi)
in
(
NP291
048 05 3 (G4-BF)
*
--
-
-
Polyetherimide (PEI), glass-filled
Beryllium Copper (BeCu)
Gold over Nickel
Part Number
IC Dimensions
Socket Dimensions
Pitch
A x B
C x D
Grid
Size
Pin
Count
Features
Contacting structure to nip the sides of solder balls to lower
damages of coplanarity of solder balls
í Open top type sockets for FBGA packages
í
Outline Socket Dimensions
Outline IC Dimensions
C
A
0.75
D-63
Specifications
Part Number (Details)
NP291-03617-*
36
0.75
6x6
6.5x10.50
28.5x27.3
NP291-04805-3* AC-16001
36
0.75
6x8
6x8
64x64
NP291-04002-2 AC-11318
40
0.75
5x8
7.628x9.228
27.5x22.5
NP291-04002-2-G4-BF-*
40
0.75
5x8
5.74x7.48
27.5x22.5
NP291-04009-2-G4-BF-*
40
0.75
5x8
5.857x7.508
27.5x22.5
NP291-04013-*
40
0.75
6x11
5.55x9.10
18x24
NP291-04019
40
0.75
6x11
6.15x10.65
16x19
NP291-04414-*
44
0.75
6x11
7.75x14.35
18x24
NP291-04808-*AC-13177
45
0.75
6x8
7.45x7.55
28.3x27.3
NP291-04812 AC-15741
46
0.75
6x8
6.50x7.91
28.3x27.3
NP291-04812-2-* AC-14680
46
0.75
6x8
6.50x7.91
28.3x27.3
NP291-04805-1*
48
0.75
6x8
9x15
32x32
NP291-04805-3*
48
0.75
6x8
6x8
32x32
NP291-04805-4*
48
0.75
6x8
7.20x11.65
32x32
NP291-04805-5*
48
0.75
6x8
6.20x13.15
32x32
NP291-04805-8*-*
48
0.75
6x8
6.94x14.40
32x32
NP291-04808-2-G4-BF-*
48
0.75
6x8
7.58x9.81
28.3x27.3
NP291-04812-2-G4-BF-*
48
0.75
6x8
6.50x7.91
28.3x27.3
NP291-04842-*
48
0.75
6x8
7x7
20x20
NP291-04843-*
48
0.75
6x8
6x8
20x20
NP291-04848-*
48
0.75
6x8
8x10
20x20
NP291-04851-*-*
48
0.75
6x8
7x11
20x20
NP291-04852-*-*
48
0.75
6x8
9x12
20x20
NP291-04878
48
0.75
6x8
7x8.50
20x20
NP291-07210-2 AC-08904
54
0.75
8x9
7.67x16.37
28.4x33.9
NP291-05658-*-*
56
0.75
7x8
7.25x12
20x20
NP291-07210-2 AC-08338
56
0.75
8x9
7.67x16.37
28.4x33.9
NP291-05670
56
0.75
7x8
10x6.5
20x26
NP291-07210-2-G4-BF-*
72
0.75
8x9
7.67x16.37
28.4x33.9
NP291-07428-*
74
0.75
7x16
6.80x12.40
16.8x22.0
NP291-07773-*-*
77
0.75
7x11
7x10
20x26
NP291-28807-*
288
0.75
22x22
18x18
40x40


Similar Part No. - NP291-05658

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP29N04QUK RENESAS-NP29N04QUK Datasheet
620Kb / 9P
   40 V ??30 A ??Dual N-channel Power MOS FET
NP29N04QUK-E1-AY RENESAS-NP29N04QUK-E1-AY Datasheet
620Kb / 9P
   40 V ??30 A ??Dual N-channel Power MOS FET
NP29N04QUK-E2-AY RENESAS-NP29N04QUK-E2-AY Datasheet
620Kb / 9P
   40 V ??30 A ??Dual N-channel Power MOS FET
NP29N06QDK RENESAS-NP29N06QDK Datasheet
618Kb / 9P
   60 V ??30 A ??Dual N-channel Power MOS FET
NP29N06QDK-E1-AY RENESAS-NP29N06QDK-E1-AY Datasheet
618Kb / 9P
   60 V ??30 A ??Dual N-channel Power MOS FET
More results

Similar Description - NP291-05658

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
NP352-04808 YAMAICHI-NP352-04808 Datasheet
563Kb / 8P
   Fine Ball Grid Array (FBGA, 1.00mm Pitch)
IC280-169-127 YAMAICHI-IC280-169-127 Datasheet
263Kb / 5P
   Ball Grid Array (FBGA / CSP / LGA)
logo
STATS ChipPAC, Ltd.
FBGA STATSCHIP-FBGA Datasheet
559Kb / 2P
   Fine Pitch Ball Grid Array
FBGA-SD STATSCHIP-FBGA-SD Datasheet
559Kb / 2P
   Fine Pitch Ball Grid Array - Stacked Die
logo
Abracon Corporation
ASCSM ABRACON-ASCSM Datasheet
1Mb / 3P
   Ball Grid Array Packaging
04.24.14
logo
Yamaichi Electronics Co...
NP276-11904 YAMAICHI-NP276-11904 Datasheet
738Kb / 11P
   Ball Grid Array (BGA, 1.27mm Pitch)
NP396-500 YAMAICHI-NP396-500 Datasheet
120Kb / 1P
   Shrink Ball Grid Array (1.27mm Pitch)
IC264-22501-1 YAMAICHI-IC264-22501-1 Datasheet
200Kb / 1P
   Ball Grid Array (BGA, 1.50mm Pitch)
logo
Alliance Semiconductor ...
AS4C128M16D3LB ALSC-AS4C128M16D3LB Datasheet
3Mb / 45P
   96 ball FBGA PACKAGE
AS4C512M8D3A-12BCN ALSC-AS4C512M8D3A-12BCN Datasheet
1Mb / 83P
   78 ball FBGA PACKAGE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com