Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RND02ZGE Datasheet(PDF) 5 Page - Power-One

Part No. RND02ZGE
Description  RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, ±12V Dual Outputs ±15V, available with trimming
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWER-ONE [Power-One]
Homepage  http://www.power-one.com
Logo POWER-ONE - Power-One

RND02ZGE Datasheet(HTML) 5 Page - Power-One

  RND02ZGE Datasheet HTML 1Page - Power-One RND02ZGE Datasheet HTML 2Page - Power-One RND02ZGE Datasheet HTML 3Page - Power-One RND02ZGE Datasheet HTML 4Page - Power-One RND02ZGE Datasheet HTML 5Page - Power-One RND02ZGE Datasheet HTML 6Page - Power-One RND02ZGE Datasheet HTML 7Page - Power-One RND02ZGE Datasheet HTML 8Page - Power-One RND02ZGE Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Product Specifications
RND Series: 8-10W DC/DC Converters
Nov 2001
38-75V Input
3.3V & 5.0V, ±12V Dual Outputs (±15V, available with trimming)
5-Nov-01
Rev 1.1
Page 5 of 14
www.power-one.com
Output Specifications
All specifications apply over input voltage, output load and temperature range, unless otherwise noted.
RND0.8ZHH: (Vo1) +12.0V/0.42A
Parameter
Conditions/Description
Min
Nom
Max
Units
Output Voltage
Setpoint Accuracy
Vo
Vin.Nom, Io = 0.3A, 25
°C
11.82
12.00
12.18
Vdc
Output Current *
Io
Vin.Min to Vin.Max
0.042
0.42
Adc
Line Regulation
Vin.Min to Vin.Max, 50%
Io.Max
90
mV
Load Regulation
Vin.Nom, Io.Min to Io.Max
100
170
mV
Cross Regulation
Io1 = 0.42A, Io2 Min to Max,
measure ∆Vo2
60
mV
Dynamic Regulation
Peak Deviation
Settling Time
25-75% Io.Max load step
change.
to 1% error band
400
300
± mV
µs
Output Voltage Ripple
Vr
Vin.Min to Vin.Max, Io.Min to
Io Max, 20MHz Bandwidth
40
100
mVp-p
Admissible Load Cap.
Comax
Io.Max, Vin.Nom
100**
µF
Output Current Limit
Threshold
Icl
Vout ≤0.90 Vo.Nom, both
outputs set to Icl
110
150
%Io.Max
Switching Frequency
Fs
Vin.Nom, Io.Max
400
kHz
Temperature Coeff.
Tco
0.02
%Vo/
°C
Trim Range
Vt
Io.Min to Io.Max, Vin.Min to
Vin.Max
9.0
15.0
Vo
RND0.8ZHH: (Vo2) -12.0V/0.42A
Parameter
Conditions/Description
Min
Nom
Max
Units
Output Voltage
Setpoint Accuracy
Vo
Vin.Nom, Io = 0.3A, 25
°C
-11.82
-12.00
-12.18
Vdc
Output Current *
Io
Vin.Min to Vin.Max
0.042
0.42
Adc
Line Regulation
Vin.Min to Vin.Max, 50%
Io.Max
90
mV
Load Regulation
Vin.Nom, Io.Min to Io.Max
100
170
mV
Cross Regulation
Io1 = 0.42A, Io2 Min to Max,
measure ∆Vo2
60
mV
Dynamic Regulation
Peak Deviation
Settling Time
25-75% Io.Max load step
change.
to 1% error band
400
300
± mV
µs
Output Voltage Ripple
Vr
Vin.Min to Vin.Max, Io.Min to
Io Max, 20MHz Bandwidth
40
100
mVp-p
Admissible Load Cap.
Comax
Io.Max, Vin.Nom
100**
µF
Output Current Limit
Threshold
Icl
Vout ≤0.90 Vo.Nom, both
outputs set to Icl
110
150
%Io.Max
Switching Frequency
Fs
Vin.Nom, Io.Max
400
kHz
Temperature Coeff.
Tco
0.02
%Vo/
°C
Trim Range
Vt
Io.Min to Io.Max, Vin.Min to
Vin.Max
-9.0
-15.0
Vo
* At Iout<Iout.Min, the output may contain low frequency component that exceeds ripple specifications.
** 100
µF on each output


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn