Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

RND02ZGE Datasheet(PDF) 4 Page - Power-One

Part No. RND02ZGE
Description  RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, ±12V Dual Outputs ±15V, available with trimming
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWER-ONE [Power-One]
Homepage  http://www.power-one.com
Logo 

RND02ZGE Datasheet(HTML) 4 Page - Power-One

 
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Product Specifications
RND Series: 8-10W DC/DC Converters
Nov 2001
38-75V Input
3.3V & 5.0V, ±12V Dual Outputs (±15V, available with trimming)
5-Nov-01
Rev 1.1
Page 4 of 14
www.power-one.com
RND02ZGE Characteristic curves
Cross Regulation Output 1 (+5V)
0
0.2
0.4
0.6
0.8
1
1.2
0
0.2
0.4
0.6
0.8
1
1.2
3.3V Output Current (A)
Cross Regulation Output 2 (+3.3V)
0
0.2
0.4
0.6
0.8
1
1.2
0
0.2
0.4
0.6
0.8
1
1.2
3.3V Output Current (A)
Efficiency Vs Load
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
Iout (%)
Efficiency
Vin Min
Vin Nom
Vin Max
0
25
50
75
100%


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn