Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ULN2001AN Datasheet(PDF) 11 Page - Texas Instruments

Part # ULN2001AN
Description  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ULN2001AN Datasheet(HTML) 11 Page - Texas Instruments

Back Button ULN2001AN Datasheet HTML 7Page - Texas Instruments ULN2001AN Datasheet HTML 8Page - Texas Instruments ULN2001AN Datasheet HTML 9Page - Texas Instruments ULN2001AN Datasheet HTML 10Page - Texas Instruments ULN2001AN Datasheet HTML 11Page - Texas Instruments ULN2001AN Datasheet HTML 12Page - Texas Instruments ULN2001AN Datasheet HTML 13Page - Texas Instruments ULN2001AN Datasheet HTML 14Page - Texas Instruments ULN2001AN Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2
2.5
3
3.5
4
4.5
5
Input Voltage – V
TJ = -40°C to 105°C
Maximum
Typical
Conducting Simultaneously
N = Number of Outputs
500
400
300
200
100
90
80
70
60
50
40
30
20
10
0
100
600
Duty Cycle - %
0
N = 7
TA = 85°C
N = 5
N = 3
N = 2
N = 6
N = 1
N = 4
0.9
1.1
1.3
1.5
1.7
1.9
2.1
100
200
300
400
500
Output Current – mA
TJ = -40°C to 105°C
Maximum
Typical
100
150
200
250
300
350
400
450
500
250
350
450
550
650
Input Current – µA
VCE = 2 V
TJ = -40°C to 105°C
Minimum
ULN2002A, ULN2003A, ULN2003AI, ULN2004A
ULQ2003A, ULQ2004A
www.ti.com
SLRS027J – DECEMBER 1976 – REVISED JUNE 2010
TYPICAL CHARACTERISTICS (continued)
N PACKAGE
MAXIMUM COLLECTOR CURRENT
MAXIMUM AND TYPICAL INPUT CURRENT
vs
vs
DUTY CYCLE
INPUT VOLTAGE
Figure 15.
Figure 16.
MAXIMUM AND TYPICAL SATURATED VCE
MINIMUM OUTPUT CURRENT
vs
vs
OUTPUT CURRENT
INPUT CURRENT
Figure 17.
Figure 18.
Copyright © 1976–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ULN2002A ULN2003A ULN2003AI ULN2004A ULQ2003A ULQ2004A


Similar Part No. - ULN2001AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ULN2001AN TI-ULN2001AN Datasheet
513Kb / 19P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2001AN TI-ULN2001AN Datasheet
657Kb / 22P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2001AN TI1-ULN2001AN Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results

Similar Description - ULN2001AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1413 ONSEMI-MC1413 Datasheet
75Kb / 6P
   High Voltage, High Current Darlington Transistor Arrays
April, 2004 ??Rev. 6
logo
Texas Instruments
ULN2002A TI1-ULN2002A_16 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULQ2003A-Q1 TI1-ULQ2003A-Q1_15 Datasheet
984Kb / 25P
[Old version datasheet]   High-Voltage High-Current Darlington Transistor Arrays
logo
Tiger Electronic Co.,Lt...
ULN2004 TGS-ULN2004_17 Datasheet
5Mb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
ULN2003A ONSEMI-ULN2003A Datasheet
82Kb / 5P
   High Voltage, High Current Darlington Transistor Arrays
November, 2007 - Rev. 0
logo
Texas Instruments
SN75424N TI-SN75424N Datasheet
112Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
   High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
logo
Exar Corporation
XR-2004 EXAR-XR-2004 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A_13 Datasheet
541Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Texas Instruments
ULN2003AN TI1-ULN2003AN Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Integral Corp.
ILN2003A INTEGRAL-ILN2003A Datasheet
291Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com