Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QES050YE Datasheet(PDF) 1 Page - Power-One

Part # QES050YE
Description  Industry Standard Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

QES050YE Datasheet(HTML) 1 Page - Power-One

  QES050YE Datasheet HTML 1Page - Power-One QES050YE Datasheet HTML 2Page - Power-One QES050YE Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Notes
40
45
50
55
60
65
70
75
80
85
90
95
123
4567
89
10
X10 = LOAD %
OES021ZC-A
OES025ZD-A
OES033ZE-A
OES040ZG-A
TECHNICAL SPECIFICATIONS
• Industry Standard
Package
• 100°C Case Operation
• Optional Trim and
Enable
• Wide Range Input
Voltage
• 1500V Isolation
• Short Circuit Protection
DESCRIPTION
FEATURES
Turn-On Time
30 mS
Remote Shutdown
Positive or Negative Logic
Remote Shutdown Reference
Vin Negative
Switching Frequency
300 kHz
Isolation
Input - Output
1500 VDC
Input - Case
1050 VDC
Output - Case
1050 VDC
Temperature Coefficient
±0.02%/°C
Case Temperature
Operating Range
-40 To +100°C
Storage Range
-40 To +125°C
Thermal Shutdown Range
105 to 115°C
Vibration, 3 Axes, 5 Min Each
5 g, 10 - 55 Hz
MTBF† (Bellcore TR-NWT-000332)
2.5 X 106 hrs
Safety
UL, cUL, TUV
Weight (Approx.)
1.7 oz
Setpoint Accuracy
±1%
Line Regulation Vin Min. - Vin Max., Iout Rated
0.2% Vout
Load Regulation Iout Min. - Iout Max., Vin Nom.
0.5% Vout
Remote Sense Headroom
0.5 VDC
Minimum Output Current
10 %, Iout Rated
Dynamic Regulation, Loadstep 25% Iout
Pk Deviation
4% Vout
Settling Time
500 mS
Voltage Trim Range
±10%
Short Circuit And Overcurrent Protection
Shutdown
Short Circuit Current Limit
200% Iout
Current Limit Threshold Range, % of Iout Rated 110 - 140%
OVP Trip Range
115 - 140% Vout Nom.
UVP Trip Range
70 - 90% Vout Nom.
OVP/UVP Type
Latching
Voltage Range
24 VDC Nominal
18 - 36 VDC
48 VDC Nominal
36 - 75 VDC
Input Reverse Input Current
Shunt Diode
QES single output DC/DC converters provide up to 66 watts of
output power in an industry-standard, quarter-brick package. The
QES converters feature open-frame packaging, along with planar
magnetics and a high efficiency topology to provide maximum
useable power with minimal thermal constraints. The QES is
suited to telecom, networking, and industrial applications, and is
fully compatible with production board washing processes.
Input
Output
Efficiency vs. Load (48V Input)
General
QES SERIES - 66 WATT
† MTBF predictions may vary slightly from model to model.
Specifications typically at 25°C, normal line, and full load,
unless otherwise stated.
Soldering Conditions: I/O pins, 260°C, ten seconds; fully
compatible with commercial wave-soldering equipment.
Safety: Agency approvals may vary from model to model.
Please consult factory for specific model information.
Units are water-washable and fully compatible with commercial
spray or immersion post wave-solder washing equipment.
REV. 08/01


Similar Part No. - QES050YE

ManufacturerPart #DatasheetDescription
logo
TEMEX
QESM01 TEMEX-QESM01 Datasheet
474Kb / 4P
   SMD 7.0x5.0 Crystal - Ceramic SMD packaged
QESM012 TEMEX-QESM012 Datasheet
474Kb / 4P
   SMD 7.0x5.0 Crystal - Ceramic SMD 2 pads packaged
QESM04 TEMEX-QESM04 Datasheet
583Kb / 4P
   SMD 6.0x3.5 Crystal - Ceramic SMD packaged
QESM042 TEMEX-QESM042 Datasheet
689Kb / 4P
   SMD 6.0x3.5 Crystal - Ceramic SMD 2 pads packaged
QESM05 TEMEX-QESM05 Datasheet
571Kb / 4P
   SMD 5.0x3.2 Crystal - Ceramic SMD packaged
More results

Similar Description - QES050YE

ManufacturerPart #DatasheetDescription
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
   Industry Standard Package
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
   Industry Standard Package
MVAP MMD-MVAP Datasheet
136Kb / 2P
   Industry Standard Package
MKP MMD-MKP Datasheet
74Kb / 1P
   Industry Standard Package
MVAV3 MMD-MVAV3 Datasheet
136Kb / 2P
   Industry Standard Package
MVKL2 MMD-MVKL2 Datasheet
85Kb / 1P
   Industry Standard Package
MTEH MMD-MTEH Datasheet
145Kb / 2P
   Industry Standard Package
MAC MMD-MAC Datasheet
81Kb / 1P
   Industry Standard Package
MAH MMD-MAH Datasheet
91Kb / 1P
   Industry Standard Package
MVAP5 MMD-MVAP5 Datasheet
136Kb / 2P
   Industry Standard Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com