Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC25600DR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC25600DR
Description  8-Pin High-Performance Resonant Mode Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC25600DR Datasheet(HTML) 1 Page - Texas Instruments

  UCC25600DR Datasheet HTML 1Page - Texas Instruments UCC25600DR Datasheet HTML 2Page - Texas Instruments UCC25600DR Datasheet HTML 3Page - Texas Instruments UCC25600DR Datasheet HTML 4Page - Texas Instruments UCC25600DR Datasheet HTML 5Page - Texas Instruments UCC25600DR Datasheet HTML 6Page - Texas Instruments UCC25600DR Datasheet HTML 7Page - Texas Instruments UCC25600DR Datasheet HTML 8Page - Texas Instruments UCC25600DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
TYPICAL APPLICATION DIAGRAM
OC
RT
DT
SS
VCC
GND
GD1
GD2
Vs
3
4
1
2
5
6
7
8
UCC25600
*
*
*
UCC25600
www.ti.com ............................................................................................................................................. SLUS846A – SEPTEMBER 2008 – REVISED MARCH 2009
8-Pin High-Performance Resonant Mode Controller
• Variable Switching Frequency Control
• Programmable Minimum Switching Frequency
The UCC25600 high performance resonant mode
controller
is
designed
for
dc-to-dc
applications
With 4% Accuracy (3% accuracy at
utilizing resonant topologies, especially the LLC half
temperature range: -20°C to 105°C)
bridge resonant converter. This highly integrated
• Programmable Maximum Switching Frequency
controller implements frequency modulation control
• Programmable Dead Time for Best Efficiency
and complete system functions in only an 8-pin
package. Switching to the UCC25600 will greatly
• Programmable Soft-Start Time
simplify the system design, layout and improve time
• Easy ON/OFF Control
to market, all at a price point lower than competitive
• Over-Current Protection
16-pin device offerings.
• Over-Temperature Protection
The
internal
oscillator
supports
the
switching
• Bias Voltage UVLO and OVP
frequencies from 30 kHz to 350 kHz. This high
accuracy oscillator realizes the minimum switching
• Integrated Gate Driver With 0.4-A Source and
frequency limiting with 4% tolerance, allowing the
0.8-A Sink Capability
designer to avoid "over design" of the power stage
• Operating Temperature Range: –40°C to 125°C
and, thus, further reducing overall system cost. The
• SOIC 8-Pin Package
programmable
dead
time
enables
zero-voltage
switching with minimum magnetizing current. This will
maximize system efficiency across a variety of
applications.
The
programmable
soft-start
timer
• 100-W to 1-kW Power Supplies
maximizes design flexibility demanded by the varied
• LCD, Plasma and DLP TVs
requirements of end equipments utilizing a half bridge
• Adaptors, Computing and ATX Power Supplies
topology. By incorporating 0.4-A source and 0.8-A
• Home Audio Systems
sink driving capability, a low cost, reliable gate driver
transformer is a real option.
• Electronic Lighting Ballasts
The UCC25600 delivers complete system protection
functions including over current, UVLO, bias supply
OVP and over temperature protection.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCC25600DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25600DR TI-UCC25600DR Datasheet
588Kb / 22P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
UCC25600DR TI1-UCC25600DR Datasheet
720Kb / 24P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
UCC25600DRG4 TI1-UCC25600DRG4 Datasheet
720Kb / 24P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
More results

Similar Description - UCC25600DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25600 TI-UCC25600 Datasheet
588Kb / 22P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
UCC25600EVM TI1-UCC25600EVM Datasheet
720Kb / 24P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
UCC25600 TI-UCC25600_15 Datasheet
3Mb / 30P
[Old version datasheet]   UCC25600 8-Pin High-Performance Resonant Mode Controller
logo
Infineon Technologies A...
ICE2HS01G INFINEON-ICE2HS01G Datasheet
606Kb / 29P
   High Performance Resonant Mode Controller
Version 2.0, 11 May 2010
logo
ON Semiconductor
NCP1397ADR2G ONSEMI-NCP1397ADR2G Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller
November, 2011 ??Rev. 4
NCP1395 ONSEMI-NCP1395 Datasheet
335Kb / 27P
   High Performance Resonant Mode Controller
March, 2006 ??Rev. 1
NCP13992 ONSEMI-NCP13992 Datasheet
474Kb / 28P
   High Performance Current Mode Resonant Controller
January, 2018 ??Rev. 0
NCP1399 ONSEMI-NCP1399 Datasheet
682Kb / 44P
   High Performance Current Mode Resonant Controller
August, 2016 ??Rev. 10
NCP1399AA ONSEMI-NCP1399AA Datasheet
670Kb / 43P
   High Performance Current Mode Resonant Controller
December, 2015 ??Rev. 2
NCP1399 ONSEMI-NCP1399_17 Datasheet
693Kb / 46P
   High Performance Current Mode Resonant Controller
September, 2017 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com