Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP276-37206 Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # NP276-37206
Description  Ball Grid Array (BGA, 1.27mm Pitch)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

NP276-37206 Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  NP276-37206 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. NP276-37206 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. NP276-37206 Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. NP276-37206 Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. NP276-37206 Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd. NP276-37206 Datasheet HTML 6Page - Yamaichi Electronics Co., Ltd. NP276-37206 Datasheet HTML 7Page - Yamaichi Electronics Co., Ltd. NP276-37206 Datasheet HTML 8Page - Yamaichi Electronics Co., Ltd. NP276-37206 Datasheet HTML 9Page - Yamaichi Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Test & Burn-In
Test & Burn-In
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
Test & Burn-In
Test & Burn-In
NP276 Series (Open Top)
Since the solder balls are touched
by two contacts on each side,
the solder ball damage can be
minimized; additional features
are low actuation force and
compact socket size
IC
Ball
Socket
Base A
Contacts
Socket
Base B
Yamaichi's 2-point Tweezer Contact
100V AC for 1 minute
W
30m
max. at 10mA/20mV max.
–55°C to +150°C
–40°C to +170°C
Features
Insulation Resistance:
Dielectric Withstanding Voltage:
Contact Resistance:
Operating Temperature Range:
W
1,000M
min. at 100V DC
Housing:
Contacts:
Plating:
Polyetherimide (PEI), glass-filled
Polyethersulphone (PES), glass-filled
Beryllium Copper (BeCu)
Gold over Nickel
Series No.
No. of Contact Pins
(.AC-types are depopulated
base sockets)
Design Number
NP276
1105
*
22
-
-
Materials and Finish
í Open top type sockets for BGA packages
í Self contacting structure without upper pressing force (ZIF)
í Contacting structure to nip the sides of solder balls to lower
damage to the coplanarity of the solder balls
Contact Force:
Mating Cycles:
30g per pin approx.
10,000 insetions
Ball Grid Array (BGA, 1.27mm Pitch)
Positioning Pin Options (see PCB):
Pos. pin 'A'
1 =
2 =
3 =
4 =
With
With
Without
Without
With
Without
With
Without
Pos. pin 'B'
Contact Terminal Length and Form
(*)
-
Specifications
Part Number (Details)
Applicable Base Socket and IC Dimensions
Pitch
Part
Number
Grid Size
Body Size
Base Sockets
(see page)
IC Dimensions
Pin
Count
NP276-11904
119
1.27
7 x 17
14 x 22
2
NP276-11904-3
119
1.27
7 x 17
14 x 22
2
NP276-15316
153
1.27
9 x 17
14 x 22
3
NP276-16951
169
1.27
13 x 13
17 x 17
4
NP276-25626
256
1.27
16 x 16
21 x 21
5
NP276-37206
372
1.27
20 x 20
27 x 27
6
NP276-40009
400
1.27
20 x 20
27 x 27
7
NP276-59608
596
1.27
26 x 26
35 x 35
8
NP276-65227
652
1.27
28 x 28
37.5 x 37.5
9
NP276-87318
873
1.27
31 x 31
40 x 40
10
NP276-110522
1105
1.27
35 x 35
45 x 45
11
We have depopulated versions from existing NP276 base sockets.
As new versions are continually being tooled up we rcommend
to contact Yamaichi for your specific pin count
and matching IC
NP276 Series (Open Top) Ball Grid Array Base Socket (BGA, 1.27mm Pitch)
Outline Socket Dimensions (27.00 x 38.00mm)
Outline Socket Dimensions (26.40 x 32.20mm)
NP276-11904
NP276-11094-3
Base Socket NP276-11904
Grid Size: 7 x 17
Grid Size: 7 x 17
Base Socket NP276-11094-3
Pin Count
119
Body Size
14 x 22
Pin Count
119
Body Size
14 x 22


Similar Part No. - NP276-37206

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NP2 DBLECTRO-NP2 Datasheet
264Kb / 2P
   TO220 35W HIGH POWER RESISTORS
logo
3M Electronics
NP2 3M-NP2 Datasheet
15Kb / 2P
   Packing List Envelopes
logo
Renesas Technology Corp
NP20N10YDF RENESAS-NP20N10YDF Datasheet
5Mb / 6P
   Product Scout Automotive
NP20N10YDF-E1-AY*1 RENESAS-NP20N10YDF-E1-AY*1 Datasheet
125Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP20N10YDF-E2-AY*1 RENESAS-NP20N10YDF-E2-AY*1 Datasheet
125Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - NP276-37206

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
IC264-22501-1 YAMAICHI-IC264-22501-1 Datasheet
200Kb / 1P
   Ball Grid Array (BGA, 1.50mm Pitch)
NP396-500 YAMAICHI-NP396-500 Datasheet
120Kb / 1P
   Shrink Ball Grid Array (1.27mm Pitch)
logo
KOA Speer Electronics, ...
BR KOA-BR Datasheet
370Kb / 2P
   ball grid array (bga) resistor networks
logo
STATS ChipPAC, Ltd.
FBGA STATSCHIP-FBGA Datasheet
559Kb / 2P
   Fine Pitch Ball Grid Array
logo
Abracon Corporation
ASCSM ABRACON-ASCSM Datasheet
1Mb / 3P
   Ball Grid Array Packaging
04.24.14
logo
STATS ChipPAC, Ltd.
FBGA-SD STATSCHIP-FBGA-SD Datasheet
559Kb / 2P
   Fine Pitch Ball Grid Array - Stacked Die
logo
Yamaichi Electronics Co...
NP291-03617 YAMAICHI-NP291-03617 Datasheet
41Kb / 1P
   Fine Ball Grid Array (FBGA, 0.75mm Pitch)
NP352-04808 YAMAICHI-NP352-04808 Datasheet
563Kb / 8P
   Fine Ball Grid Array (FBGA, 1.00mm Pitch)
IC280-169-127 YAMAICHI-IC280-169-127 Datasheet
263Kb / 5P
   Ball Grid Array (FBGA / CSP / LGA)
logo
Fujitsu Component Limit...
BGA-320P-M06 FUJITSU-BGA-320P-M06 Datasheet
34Kb / 1P
   PLASTIC BALL GRID ARRAY PACKAGE 320 PIN PLASTIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com