Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPC-98210-0711 Datasheet(PDF) 3 Page - Yamaichi Electronics Co., Ltd.

Part # FPC-98210-0711
Description  ZIF for FFC / FPC Connector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

FPC-98210-0711 Datasheet(HTML) 3 Page - Yamaichi Electronics Co., Ltd.

  FPC-98210-0711 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. FPC-98210-0711 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. FPC-98210-0711 Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. FPC-98210-0711 Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. FPC-98210-0711 Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Internal
Connectors
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
D-50
Trading Division
FPC-98210-
**
01 T&R
Part Number (Details)
Specifications
Insulation Resistance:
100M
Ω minimum
Contact Resistance:
20m
Ω maximum
Withstanding Voltage:
500V ACrms for 1 minute
Voltage Rating:
50V DC
Current Rating:
0.5A
Operating Temp. Range: -20°C to +85°C
Solder Temperature:
230°C min. / 60 sec., 250°C peak
Mating Cycles:
min 30 times
Materials and Finish
Housing: High-Temp. Thermoplastic (UL94V-0)
Actuator: High-Temp. Thermoplastic (UL94V-0)
Contacts: Copper Alloy, Tin Plated
Features
180° SMT Zero Insertion Force connector for 0.50mm
Flexible Flat Cable (FFC) and Flexible Printed Circuit (FPC) appliances
Outline Dimensions for Top Contact
FPC-98210-0401
8.50
1.50
2.60
FPC-98210-0501
9.00
2.00
3.10
FPC-98210-0601
9.50
2.50
3.60
FPC-98210-0801
10.50
3.50
4.60
FPC-98210-0901
11.00
4.00
5.10
FPC-98210-1001
11.50
4.50
5.60
FPC-98210-1101
12.00
5.00
6.10
FPC-98210-1201
12.50
5.50
6.60
FPC-98210-1301
13.00
6.00
7.10
FPC-98210-1401
13.50
6.50
7.60
FPC-98210-1501
14.00
7.00
8.10
FPC-98210-1601
14.50
7.50
8.60
FPC-98210-3301
23.00
16.00
17.10
FPC-98210-3401
23.50
16.50
17.60
FPC-98210-3601
24.50
17.50
18.60
FPC-98210-3901
26.00
19.00
20.10
FPC-98210-4001
26.50
19.50
20.60
FPC-98210-4101
27.00
20.00
21.10
FPC-98210-4401
28.50
21.50
22.60
FPC-98210-4501
29.00
22.00
23.10
FPC-98210-4801
30.50
23.50
24.60
FPC-98210-4901
31.00
24.00
25.10
FPC-98210-5001
31.50
24.50
25.60
Recommended FPC Cable
Recommended PCB Layouts
FPC-98210-1701
15.00
8.00
9.10
FPC-98210-1801
15.50
8.50
9.60
FPC-98210-2001
16.50
9.50
10.60
FPC-98210-2101
17.00
10.00
11.10
FPC-98210-2201
17.50
10.50
11.60
FPC-98210-2401
18.50
11.50
12.60
FPC-98210-2501
19.00
12.00
13.10
FPC-98210-2701
20.00
13.00
14.10
FPC-98210-2801
20.50
13.50
14.60
FPC-98210-2601
19.50
12.50
13.60
FPC-98210-3001
21.50
14.50
15.60
FPC-98210-3201
22.50
15.50
16.60
Thickness t=0.30 ±0.03mm
Contacts (side view)
Series No.
No. of Contacts:
4 to 50 pins
Vertical Type (180° SMT)
T&R: Tape and Reel 1,000pcs/reel
Series ZIF
ZIF for FFC / FPC Connector 0.5mm Pitch 180° SMT
Contact point
Part Number
Dim. A. Dim. B.
Dim. C
Part Number
Dim. A. Dim. B.
Dim. C
Part Number
Dim. A. Dim. B.
Dim. C


Similar Part No. - FPC-98210-0711

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
FPC SHIELD-FPC Datasheet
291Kb / 2P
   MAGNETIC SWITCHES
logo
Dielectric Laboratories...
FPC06073 DILABS-FPC06073 Datasheet
351Kb / 2P
   4 to 8GHz 10dB Directional Coupler
logo
Knowles Electronics
FPC06073 KNOWLES-FPC06073 Datasheet
351Kb / 2P
   4 to 8GHz 10dB Directional Coupler
logo
Dielectric Laboratories...
FPC06074 DILABS-FPC06074 Datasheet
300Kb / 2P
   8 to 12GHz 10dB Directional Coupler
logo
Knowles Electronics
FPC06074 KNOWLES-FPC06074 Datasheet
300Kb / 2P
   8 to 12GHz 10dB Directional Coupler
More results

Similar Description - FPC-98210-0711

ManufacturerPart #DatasheetDescription
logo
Cvilux Corporation
CFXXXH0RA-05-NH CVILUX-CFXXXH0RA-05-NH Datasheet
243Kb / 2P
   0.50mm(.020") ZIF FFC/FPC BACK FLIP CONNECTOR
21.09.16
CF50XXXD0XX-10-NH CVILUX-CF50XXXD0XX-10-NH Datasheet
785Kb / 3P
   1.00mm(039") ZIF FFC/FPC ONE-TOUCH CONNECTOR
14.11.14
CF25XX1D0X0-10-NH CVILUX-CF25XX1D0X0-10-NH Datasheet
201Kb / 2P
   1.00mm(.039) ZIF FFC/FPC ONE-TOUCH CONNECTOR
22-08-2
CF31XX1D0XX-05-NH CVILUX-CF31XX1D0XX-05-NH Datasheet
780Kb / 3P
   0.50mm(,0207) ZIF FFC/FPC ONE-TOUCH CONNECTOR
22.02.17
CF35XXXD0RD-NH CVILUX-CF35XXXD0RD-NH Datasheet
232Kb / 3P
   0.50mm(.020") ZIF FFC/FPC ONE-TOUCH CONNECTOR (Enhanced version)
20.10.23
CF35XXXD0RE-NH CVILUX-CF35XXXD0RE-NH Datasheet
718Kb / 3P
   0.50mm(.020”) ZIF FFC/FPC ONE-TOUCH CONNECTOR (Enhanced version)
20.05.28
logo
Molex Electronics Ltd.
52435-2472 MOLEX11-52435-2472 Datasheet
520Kb / 5P
   0.5 FPC CONN ZIF FOR SMT
0527930470 MOLEX-0527930470_V01 Datasheet
34Kb / 2P
   1.00mm Pitch Easy-On FFC/FPC Connector, Surface Mount, Right-Angle, Non-ZIF, 1.00mm Pitch Easy-On FFC/FPC Connector, Surface Mount, Right-Angle, Non-ZIF,
0358021229 MOLEX5-0358021229 Datasheet
323Kb / 4P
   1.00mm (.039") Pitch FFC/FPC Connector, Vertical, Non-ZIF, Yes, 12 Circuits
0526102071 MOLEX7-0526102071 Datasheet
514Kb / 9P
   1.00mm (.039") Pitch FFC/FPC Connector, SMT, Vertical, ZIF Receptacle, 20 Circuits,
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com