Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP178-64401-2 Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # NP178-64401-2
Description  Pin Grid Array /Zero Insertion Force (PGA/ZIF - Interstitial)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

NP178-64401-2 Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  NP178-64401-2 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Test & Burn-In
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
Test & Burn-In
Top View from Socket
Pin Grid Array /Zero Insertion Force (PGA/ZIF - Interstitial)
NP178 Series (Open Top)
700V AC for 1 minute
30m
max. at 10mA/20mV max.
–55°C to +170°C
W
Insulation Resistance:
Dielectric Withstanding Voltage:
Contact Resistance:
Operating Temperature Range:
Contact Force:
30g min. per pin at minimun
displacement of 0.45mm
1,000M
min. at 500V DC
W
Outline IC Dimensions
Part Number
Socket Dimensions
IC Dimensions
Grid
Size
Pin
Count
A
D
E max.
F
G
H
C
B
NP178-64401-*-**
NP178-72002-*-**
19 x 19
20 x 20
644
720
78.0
79.0
74.0
75.0
67.0
1.27x36=45.72
1.27x38=48.26
69.5
50.0
52.8
45.72
48.26
1.27
1.27
2.54~5.9
2.54~5.9
Housing:
Contacts:
Plating:
Polyetherimide (PEI), glass-filled
Beryllium Copper (BeCu)
Gold over Nickel
Series No.
No. of Contact Pins
Design Number
Matching IC Diameter /
1 :
0.35±0.05
2 :
0.45±0.05
Æ
Æ
Socket Pin Length
1: L = 3.3
2: L = 3.8
MF =Flanged
Unmarked = Not Flanged
NP178
644
*
01
**
--
-
Materials and Finish
90g max. per pin at maximum
displacement of 0.8mm
644- 0.7
Æ
720- 0.7
Æ
4-
2.2
Æ
4-
2.2
Æ
78.00±0.1
79.00±0.1
1.27±0.05
14.3±0.05
14.75±0.05
1.30±0.05
1.27x36=45.72±0.1
1.27x38=48.26±0.1
26.0±0.05
52.0±0.1
1.27±0.05
24.0±0.05
3- 1.5
Æ
3- 1.5
Æ
+0.1
0
+0.1
0
+0.1
0
+0.1
0
+0.1
0
+0.1
0
NP178-64401-*-**
NP178-72002-*-**
E
H
F
A
B
C
1.27
Initial Position of Cover
Pressed Down Position of Cover
Æ1.45
T 0.2 x W 0.5
L: 1 = 3.3
2 = 3.8
Æ3.0 Depth 3.0
4-
2.2
Æ
Specifications
Outline Socket Dimensions
Recommended PC Board Layout
Part Number (Details)


Similar Part No. - NP178-64401-2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP179N04TUK RENESAS-NP179N04TUK Datasheet
332Kb / 8P
   N-channel Power MOS FET
NP179N04TUK-E1-AY RENESAS-NP179N04TUK-E1-AY Datasheet
332Kb / 8P
   N-channel Power MOS FET
NP179N04TUK-E2-AY RENESAS-NP179N04TUK-E2-AY Datasheet
332Kb / 8P
   N-channel Power MOS FET
NP179N055TUK RENESAS-NP179N055TUK Datasheet
335Kb / 8P
   55 V ??180 A ??N-channel Power MOS FET
NP179N055TUK-E1-AY RENESAS-NP179N055TUK-E1-AY Datasheet
335Kb / 8P
   55 V ??180 A ??N-channel Power MOS FET
More results

Similar Description - NP178-64401-2

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
NP236-102002-1 YAMAICHI-NP236-102002-1 Datasheet
68Kb / 1P
   Pin Grid Array /Zero Insertion Force (PGA/ZIF - Interstitial)
NP161-19604-G4-BF YAMAICHI-NP161-19604-G4-BF Datasheet
77Kb / 1P
   Pin Grid Array / Zero Insertion Force (PGA / ZIF)
NP89-12110-G4-BF YAMAICHI-NP89-12110-G4-BF Datasheet
205Kb / 2P
   Pin Grid Array / Zero Insertion Force (PGA / ZIF)
logo
Aries Electronics, Inc.
24-516-10 ARIES-24-516-10 Datasheet
611Kb / 1P
   Lo-PRO짰file ZIF (Zero-Insertion-Force) Socket
logo
ITT Industries
DL4 ITT-DL4 Datasheet
99Kb / 1P
   Zero Insertion Force
DLM ITT-DLM Datasheet
87Kb / 1P
   Zero Insertion Force
DLD ITT-DLD Datasheet
78Kb / 1P
   Zero Insertion Force
logo
Aries Electronics, Inc.
44-547-11 ARIES-44-547-11 Datasheet
733Kb / 1P
   Universal SOIC ZIF (Zero-Insertion-Force) Test Socket
24-516-11S ARIES-24-516-11S Datasheet
528Kb / 1P
   Zero-Insertion-Force Socket
logo
ITT Industries
DL1 ITT-DL1 Datasheet
3Mb / 76P
   ZERO INSERTION FORCE CONNECTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com