Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IC-553-1-MF Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part No. IC-553-1-MF
Description  Dual InlineMemoryModule (DIMM, 160 pins)
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Homepage  http://yamaichi.com
Logo 

IC-553-1-MF Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
Test & Burn-In
Dual Inline Memory Module (DIMM, 160 pins)
IC553 Series
Housing:
Contacts:
Plating:
Polyetherimide (PEI), glass-filled
Beryllium Copper (BeCu)
Gold over Nickel
í Card thickness 1.57mm
Materials and Finish
Features
Series No.
MF = Flanged
Unmarked = Not Flanged
IC-553
1MF
--
Insulation Resistance:
Dielectric Withstanding Voltage:
Contact Resistance:
Operating Temperature Range:
Mating Cycles:
Pin Count:
1,000M
min. at 500V DC
700V AC for 1 minute
30m
max. at 10mA/20mV max.
–55°C to +170°C
10,000 insertions min.
160 contact pins
W
W
46.99
52.07
102.87
1.57
±0.15
1.88 ±0.05
Æ3.20
160- 0.80
Æ
104.65 Ref
110.24
1.27x41=52.07 ±0.1
102.87 ±0.1
1.27x37=46.99 ±0.1
141.00 ±0.1
1.27 ±0.05
(3.81)
1.27±0.05
+ 0.1
0
+ 0.1
0
1.50
R 0.75
3.70 ±0.5
w0.40 x t0.30
Design No.
1.27x41=52.07 ±0.2
141.00 ±0.2
3.81 Ref
2.54
150.00 ±0.4
110.50
132.00 ±0.4
108.00
102.87 ±0.2
1.27 ±0.1
1.27 ±0.1
+ 0.2
0
+ 0.26
– 0.25
+ 0
0.1
+ 0.2
0
1.27x37=46.99 ±0.2
Æ3.20 Thru hole
B-3
Specifications
Outline Socket Dimensions
Recommended PC Board Layout
Top View from Socket
Matching Module Dimensions
Part Number (Details)


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn