Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA6408 Datasheet(PDF) 9 Page - Texas Instruments

Part # TCA6408
Description  LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA6408 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TCA6408 Datasheet HTML 5Page - Texas Instruments TCA6408 Datasheet HTML 6Page - Texas Instruments TCA6408 Datasheet HTML 7Page - Texas Instruments TCA6408 Datasheet HTML 8Page - Texas Instruments TCA6408 Datasheet HTML 9Page - Texas Instruments TCA6408 Datasheet HTML 10Page - Texas Instruments TCA6408 Datasheet HTML 11Page - Texas Instruments TCA6408 Datasheet HTML 12Page - Texas Instruments TCA6408 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
www.ti.com
Register Descriptions
Power-On Reset
Reset Input (RESET)
TCA6408
LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
SCPS151C – FEBRUARY 2007 – REVISED JUNE 2007
The input port register (register 0) reflects the incoming logic levels of the pins, regardless of whether the pin is
defined as an input or an output by the configuration register. They act only on read operation. Writes to this
register have no effect. The default value (X) is determined by the externally applied logic level. Before a read
operation, a write transmission is sent with the command byte to indicate to the I2C device that the input port
register will be accessed next.
Register 0 (Input Port Register)
BIT
I-7
I-6
I-5
I-4
I-3
I-2
I-1
I-0
DEFAULT
X
X
X
X
X
X
X
X
The output port register (register 1) shows the outgoing logic levels of the pins defined as outputs by the
Configuration register. Bit values in this register have no effect on pins defined as inputs. In turn, reads from this
register reflect the value that is in the flip-flop controlling the output selection, not the actual pin value.
Register 1 (Output Port Register)
BIT
O-7
O-6
O-5
O-4
O-3
O-2
O-1
O-0
DEFAULT
1
1
1
1
1
1
1
1
The polarity inversion register (register 2) allows polarity inversion of pins defined as inputs by the configuration
register. If a bit in this register is set (written with 1), the corresponding port pin's polarity is inverted. If a bit in
this register is cleared (written with a 0), the corresponding port pin's original polarity is retained.
Register 2 (Polarity Inversion Register)
BIT
N-7
N-6
N-5
N-4
N-3
N-2
N-1
N-0
DEFAULT
0
0
0
0
0
0
0
0
The configuration register (register 3) configures the direction of the I/O pins. If a bit in this register is set to 1,
the corresponding port pin is enabled as an input with a high-impedance output driver. If a bit in this register is
cleared to 0, the corresponding port pin is enabled as an output.
Register 3 (Configuration Register)
BIT
C-7
C-6
C-5
C-4
C-3
C-2
C-1
C-0
DEFAULT
1
1
1
1
1
1
1
1
When power (from 0 V) is applied to VCCP, an internal power-on reset holds the TCA6408 in a reset condition
until VCCP has reached VPOR. At that time, the reset condition is released, and the TCA6408 registers and
I2C/SMBus state machine initialize to their default states. After that, VCCP must be lowered to below 0.2 V and
back up to the operating voltage for a power-reset cycle.
The RESET input can be asserted to intialize the system while keeping VCCP at its operating level. A reset can
be accomplished by holding the RESET pin low for a minimum of tW. The TCA6408 registers and I
2C/SMBus
state machine are changed to their default state once RESET is low (0). When RESET is high (1), the I/O levels
at the P port can be changed externally or through the master. This input requires a pullup resistor to VCCP, if no
active connection is used.
9
Submit Documentation Feedback


Similar Part No. - TCA6408

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408A TI1-TCA6408A Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
TCA6408A-Q1 TI1-TCA6408A-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
TCA6408APWR TI1-TCA6408APWR Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results

Similar Description - TCA6408

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA6408A NXP-PCA6408A Datasheet
2Mb / 40P
   Low-voltage, 8-bit I2C-bus and SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 1-27 September 2012
logo
Texas Instruments
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9554 TI1-TCA9554 Datasheet
663Kb / 31P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6424A TI-TCA6424A Datasheet
554Kb / 33P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6424 TI-TCA6424_10 Datasheet
507Kb / 29P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com