Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD3088EDGKG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD3088EDGKG4
Description  Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD3088EDGKG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD3088EDGKG4 Datasheet HTML 1Page - Texas Instruments SN65HVD3088EDGKG4 Datasheet HTML 2Page - Texas Instruments SN65HVD3088EDGKG4 Datasheet HTML 3Page - Texas Instruments SN65HVD3088EDGKG4 Datasheet HTML 4Page - Texas Instruments SN65HVD3088EDGKG4 Datasheet HTML 5Page - Texas Instruments SN65HVD3088EDGKG4 Datasheet HTML 6Page - Texas Instruments SN65HVD3088EDGKG4 Datasheet HTML 7Page - Texas Instruments SN65HVD3088EDGKG4 Datasheet HTML 8Page - Texas Instruments SN65HVD3088EDGKG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
DGK
D
P
SN65HVD3082E, SN75HVD3082E
SN65HVD3085E, SH65HVD3088E
www.ti.com
SLLS562G – AUGUST 2009 – REVISED MAY 2009
Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
1
FEATURES
DESCRIPTION
Available in a Small MSOP-8 Package
Meets or Exceeds the Requirements of the
These devices are half-duplex transceivers designed
for RS–485 data bus networks. Powered by a 5–V
TIA/EIA
−485A Standard
supply, they are fully compliant with TIA/EIA-485A
Low Quiescent Power
standard. With controlled transition times, these
0.3 mA Active Mode
devices are suitable for transmitting data over long
1 nA Shutdown Mode
twisted-pair
cables.
SN65HVD3082E
and
SN75HVD3082E devices are optimized for signaling
1/8 Unit Load—Up to 256 Nodes on a Bus
rates up to 200 kbps. SN65HVD3085E is suitable for
Bus-Pin ESD Protection Up to 15 kV
data
transmission
up
to
1
Mbps,
whereas
Industry-Standard SN75176 Footprint
SN65HVD3088E is suitable for applications requiring
signaling rates up to 20 Mbps. These devices are
Failsafe Receiver (Bus Open, Bus Shorted,
designed to operate with very low supply current,
Bus Idle)
typically 0.3 mA, exclusive of the load. When in the
Glitch–Free Power–Up/Down Bus Inputs and
inactive shutdown mode, the supply current drops to
Outputs
a few nanoamps, making these devices ideal for
power-sensitive applications.
APPLICATIONS
The wide common-mode range and high ESD
Energy Meter Networks
protection levels of these devices make them suitable
Motor Control
for demanding applications such as energy meter
networks, electrical inverters, status/command signals
Power Inverters
across telecom racks, cabled chassis interconnects,
Industrial Automation
and industrial automation networks where noise
Building Automation Networks
tolerance is essential. These devices match the
Battery-Powered Applications
industry-standard footprint of SN75176. Power-on
Telecommunications Equipment
reset circuits keep the outputs in a high impedance
state until the supply voltage has stabilized. A thermal
shutdown function protects the device from damage
due to system fault conditions. The SN75HVD3082E
is characterized for operation from 0°C to 70°C and
SN65HVD308xE are characterized for operation from
–40°C to 85°C air temperature.
ORDERING INFORMATION:
PACKAGE TYPE
TA
SIGNALING RATE (Mbps)
P
D(1)
DGK(2)
SN75HVD3082EP
SN75HVD3082ED
SN75HVD3082EDGK
0°C to 70°C
0.2
Marked as 75HVD3082
Marked as VN3082
Marked as NWM
SN65HVD3082EP
SN65HVD3082ED
SN65HVD3082EDGK
0.2
Marked as 65HVD3082
Marked as VP3082
Marked as NWN
SN65HVD3085ED
SN65HVD3085EDGK
–40°C to 85°C
1
Marked as VP3085
Marked as NWK
SN65HVD3088ED
SN65HVD3088EDGK
20
Marked as VP3088
Marked as NWH
(1)
The D package is available taped and reeled. Add an R suffix to the device type (i.e., SN65HVD3082EDR).
(2)
The DGK package is available taped and reeled. Add an R suffix to the device type (i.e., SN65HVD3082EDGKR).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65HVD3088EDGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3088EDGKG4 TI-SN65HVD3088EDGKG4 Datasheet
524Kb / 23P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
SN65HVD3088EDGKG4 TI1-SN65HVD3088EDGKG4 Datasheet
892Kb / 26P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
SN65HVD3088EDGKG4 TI1-SN65HVD3088EDGKG4 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
More results

Similar Description - SN65HVD3088EDGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3082E TI1-SN65HVD3082E_17 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082E TI1-SN65HVD3082E_12 Datasheet
892Kb / 26P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
SN65HVD3082E TI-SN65HVD3082E_V01 Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Exar Corporation
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com