Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV4066A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV4066A
Description  QUADRUPLE BILATERAL ANALOG SWITCHES
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV4066A Datasheet(HTML) 4 Page - Texas Instruments

  SN74LV4066A Datasheet HTML 1Page - Texas Instruments SN74LV4066A Datasheet HTML 2Page - Texas Instruments SN74LV4066A Datasheet HTML 3Page - Texas Instruments SN74LV4066A Datasheet HTML 4Page - Texas Instruments SN74LV4066A Datasheet HTML 5Page - Texas Instruments SN74LV4066A Datasheet HTML 6Page - Texas Instruments SN74LV4066A Datasheet HTML 7Page - Texas Instruments SN74LV4066A Datasheet HTML 8Page - Texas Instruments SN74LV4066A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
SN54LV4066A, SN74LV4066A
QUADRUPLE BILATERAL ANALOG SWITCHES
SCLS427I − APRIL 1999 − REVISED APRIL 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
V
TA = 25°C
SN54LV4066A
SN74LV4066A
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
IT = −1 mA,
2.3 V
38
180
225
225
ron
On-state
switch resistance
T
,
VI = VCC or GND,
VC =VIH
3 V
29
150
190
190
Ω
on
switch resistance
VC = VIH
(see Figure 1)
4.5 V
21
75
100
100
Pk
IT =−1 mA,
2.3 V
143
500
600
600
ron(p)
Peak
on-state resistance
IT = −1 mA,
VI = VCC to GND,
3 V
57
180
225
225
Ω
ron(p)
on-state resistance
VI
VCC to GND,
VC = VIH
4.5 V
31
100
125
125
Ω
Difference in
IT =−1 mA,
2.3 V
6
30
40
40
Δron
Difference in
on-state resistance
IT = −1 mA,
VI = VCC to GND,
3 V
3
20
30
30
Ω
Δron
on state resistance
between switches
VI
VCC to GND,
VC = VIH
4.5 V
2
15
20
20
Ω
II
Control input current
VI = 5.5 V or GND
0 to 5.5 V
±0.1
±1
±1
μA
IS(off)
Off-state
switch leakage
current
VI = VCC and
VO = GND, or
VI = GND and
VO = VCC,
VC = VIL
(see Figure 2)
5.5 V
±0.1
±1
±1
μA
IS(on)
On-state
switch leakage
current
VI = VCC or GND,
VC = VIH
(see Figure 3)
5.5 V
±0.1
±1
±1
μA
ICC
Supply current
VI = VCC or GND
5.5 V
20
20
μA
Cic
Control input
capacitance
1.5
pF
Cio
Switch input/output
capacitance
5.5
pF
CF
Feed-through
capacitance
0.5
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LV4066A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4066A TI-SN74LV4066A Datasheet
574Kb / 21P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN74LV4066A TI-SN74LV4066A Datasheet
858Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN74LV4066A TI-SN74LV4066A Datasheet
818Kb / 25P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN74LV4066A TI1-SN74LV4066A Datasheet
1Mb / 29P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN74LV4066AD TI-SN74LV4066AD Datasheet
574Kb / 21P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
More results

Similar Description - SN74LV4066A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV4066A TI1-SN54LV4066A_14 Datasheet
1Mb / 29P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN54LV4066A TI-SN54LV4066A Datasheet
574Kb / 21P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN54LV4066A TI-SN54LV4066A_07 Datasheet
858Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN54LV4066A TI-SN54LV4066A_10 Datasheet
818Kb / 25P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
logo
NXP Semiconductors
HEF4016B PHILIPS-HEF4016B Datasheet
79Kb / 8P
   Quadruple bilateral switches
January 1995
HEF4066B PHILIPS-HEF4066B Datasheet
88Kb / 8P
   Quadruple bilateral switches
January 1995
HEF4016B_CNV PHILIPS-HEF4016B_CNV_15 Datasheet
81Kb / 8P
   Quadruple bilateral switches
January 1995
HEC4066B PHILIPS-HEC4066B Datasheet
85Kb / 8P
   gates Quadruple bilateral switches
January 1995
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066 Datasheet
418Kb / 17P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com