Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPC-96212-2021 Datasheet(PDF) 5 Page - Yamaichi Electronics Co., Ltd.

Part # FPC-96212-2021
Description  ZIF for FFC / FPC Connector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

FPC-96212-2021 Datasheet(HTML) 5 Page - Yamaichi Electronics Co., Ltd.

  FPC-96212-2021 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. FPC-96212-2021 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. FPC-96212-2021 Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. FPC-96212-2021 Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. FPC-96212-2021 Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Internal
Connectors
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
D-8
*other lentghs available on request
Specifications
Insulation Resistance:
1,000M
Ω min. at 500V DC
Conductor Resistance.
C1 max. 0.63
Ω/m
C6 max. 1.826
Ω /m
Withstanding Voltage:
500V AC rms for 1 minute
Voltage Rating:
30V (UL2896) or 60V (UL20706)
Operating Temp. Range: -40°C to +80°C (UL2896)
-40°C to +105°C (UL20706)
Materials and Finish
Conductor:
Tin Plated Cu or Au Flash Plated
Insulation:
Polyester, white
Stiffener:
Polyester, blue
Features
UL2896 or UL20706 available
Number of Conductors with 0.50mm pitch = 8 to 200
Number of Conductors with 1.00mm pitch = 4 to 100
Shielded version available on request
Minimum order quantity = 1,000 pcs for Tin version
Minimum order quantity = 20 meters for Au version
FC
- P0.5 -C*-21 -32 -A-4-L-*
Part Number (Details)
Series No.
Pitch:
P0.5 = 0.5mm P1.0 = 1.0mm
Conductor Cross-sec.
(Thickness x Width).
C1 = 0.05 x 0.65mm (P= 1.00mm)
C6 = 0.035 x 0.3mm (P= 0.50mm)
Number of Conductors
Insulation Length in mm
(Complete length = 2 x strip length)
Cable Type / Styles (see drawing below)
Length of Stripped Conductor in mm (dimension S)
Plating:
L = Tin
C = Au Flash
UL Styles: No Mark = UL2896
V = UL20706
Outline Dimensions
N
Number of Conductors
P
Pitch in mm
0.5mm and 1.0mm
TP
Total Pitch
P x (n-1)
SW
Stiffener Width
P x (n+1)
M
Margin Width
C1 = 0.7mm
C5 = 0.35mm
T
Thickness of FFC
C1 = 0.14mm
C6 = 0.12mm
D
Stiffener Length
*Standard = 10mm
S
Stripped Length
3 or 4mm Standard
t
Terminal Thickness
0.3mm
Cable Styles
For other pitches and cross-sections
please contact Yamaichi
Item
Description
Specification
Series FC
Flexible Flat Cable, 0.50mm and 1.00mm Pitch


Similar Part No. - FPC-96212-2021

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
FPC SHIELD-FPC Datasheet
291Kb / 2P
   MAGNETIC SWITCHES
logo
Dielectric Laboratories...
FPC06073 DILABS-FPC06073 Datasheet
351Kb / 2P
   4 to 8GHz 10dB Directional Coupler
logo
Knowles Electronics
FPC06073 KNOWLES-FPC06073 Datasheet
351Kb / 2P
   4 to 8GHz 10dB Directional Coupler
logo
Dielectric Laboratories...
FPC06074 DILABS-FPC06074 Datasheet
300Kb / 2P
   8 to 12GHz 10dB Directional Coupler
logo
Knowles Electronics
FPC06074 KNOWLES-FPC06074 Datasheet
300Kb / 2P
   8 to 12GHz 10dB Directional Coupler
More results

Similar Description - FPC-96212-2021

ManufacturerPart #DatasheetDescription
logo
Cvilux Corporation
CFXXXH0RA-05-NH CVILUX-CFXXXH0RA-05-NH Datasheet
243Kb / 2P
   0.50mm(.020") ZIF FFC/FPC BACK FLIP CONNECTOR
21.09.16
CF50XXXD0XX-10-NH CVILUX-CF50XXXD0XX-10-NH Datasheet
785Kb / 3P
   1.00mm(039") ZIF FFC/FPC ONE-TOUCH CONNECTOR
14.11.14
CF25XX1D0X0-10-NH CVILUX-CF25XX1D0X0-10-NH Datasheet
201Kb / 2P
   1.00mm(.039) ZIF FFC/FPC ONE-TOUCH CONNECTOR
22-08-2
CF31XX1D0XX-05-NH CVILUX-CF31XX1D0XX-05-NH Datasheet
780Kb / 3P
   0.50mm(,0207) ZIF FFC/FPC ONE-TOUCH CONNECTOR
22.02.17
CF35XXXD0RD-NH CVILUX-CF35XXXD0RD-NH Datasheet
232Kb / 3P
   0.50mm(.020") ZIF FFC/FPC ONE-TOUCH CONNECTOR (Enhanced version)
20.10.23
CF35XXXD0RE-NH CVILUX-CF35XXXD0RE-NH Datasheet
718Kb / 3P
   0.50mm(.020”) ZIF FFC/FPC ONE-TOUCH CONNECTOR (Enhanced version)
20.05.28
logo
Molex Electronics Ltd.
52435-2472 MOLEX11-52435-2472 Datasheet
520Kb / 5P
   0.5 FPC CONN ZIF FOR SMT
0527930470 MOLEX-0527930470_V01 Datasheet
34Kb / 2P
   1.00mm Pitch Easy-On FFC/FPC Connector, Surface Mount, Right-Angle, Non-ZIF, 1.00mm Pitch Easy-On FFC/FPC Connector, Surface Mount, Right-Angle, Non-ZIF,
0358021229 MOLEX5-0358021229 Datasheet
323Kb / 4P
   1.00mm (.039") Pitch FFC/FPC Connector, Vertical, Non-ZIF, Yes, 12 Circuits
0526102071 MOLEX7-0526102071 Datasheet
514Kb / 9P
   1.00mm (.039") Pitch FFC/FPC Connector, SMT, Vertical, ZIF Receptacle, 20 Circuits,
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com