Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVS0.3EH-M6 Datasheet(PDF) 8 Page - Power-One

Part # NVS0.3EH-M6
Description  NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 짹5.0V, 짹12V, 짹15V & 짹24V Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

NVS0.3EH-M6 Datasheet(HTML) 8 Page - Power-One

Back Button NVS0.3EH-M6 Datasheet HTML 3Page - Power-One NVS0.3EH-M6 Datasheet HTML 4Page - Power-One NVS0.3EH-M6 Datasheet HTML 5Page - Power-One NVS0.3EH-M6 Datasheet HTML 6Page - Power-One NVS0.3EH-M6 Datasheet HTML 7Page - Power-One NVS0.3EH-M6 Datasheet HTML 8Page - Power-One NVS0.3EH-M6 Datasheet HTML 9Page - Power-One NVS0.3EH-M6 Datasheet HTML 10Page - Power-One NVS0.3EH-M6 Datasheet HTML 11Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Product Specifications
NV Series: 4 - 6W DC/DC Converters
Oct 2001
9-36V, 18-36V, 36-72V & 16-75V Inputs
3.3V, 5.0V, 12V, 15V, ±5.0V, ±12V, ±15V & ±24V Outputs
18-Oct-01
Rev 1.0
Page 8 of 11
www.power-one.com
Surface Mount Assembly
Soldering:
The following instructions must be observed when
soldering the unit.
Failure to observe these
instructions may result in failure or significant
degradation of the module performance.
Power-
One will not honor any warranty claims arising
from failure to observe these instructions.
This product is approved for forced convection
reflow soldering only.
The curves below define the maximum peak
reflow
temperature
permissible
measured
on
Pins 1 and 10 of the converter.
The
lead-frame
is
constructed
for
a
high
temperature glass filled, UL94V0 flame retardant,
diallyl
ortho-phthalate
moulding
com pound
commonly
used
for
packaging
of
electronics
components.
It has passed NASA outgassing
tests and is certified to MIL-M-14. The coefficient
of thermal expansion is equivalent to FR4.
The gull wing leads are formed to ensure optimal
solder joint strength and structure. Furthermore
they
facilitate
optical
inspection
(manual
or
automatic). The leads are formed from a 97% Cu
alloy plated with Cu and Sn 90. This material is
commonly used in the manufacture of integrated
circuits.
It has good corrosion resistance and
exhibits the nobility inherent to all high copper
alloys. Unlike brasses, this material is essentially
immune to stress corrosion cracking.
It also
exhibits excellent solderability.
It is readily
wetted by solders and performs well in standard
solderability tests. (Dip of Class II or better).
The product is manufactured with a patented
process, which is fully automated, and ‘in-line’.
This ensures that there is no contamination or
mechanical stress on the lead-frame so that the
co planarity and solderability are maintained.
The product is shipped in JEDEC trays to
guarantee preservation of the co-planarity and
enable fully automated assembly in the final
application.
.
Pick & Place Assembly:
The product is designed with a large flat area in
the center of the top surface to serve as a pick up
point
for
automated
vacuum
pick
and
place
equipment.
The ‘open board’ construction of the
unit ensures that weight is kept to a minimum.
However due to the relatively large size of the
component, a large nozzle (> 2.0mm, depending
on vacuum pressure) is recommended for picking
and placing.
The unit may also be automatically handled using
‘odd-form’ placement equipment, with mechanical
grippers.
For this type of equipment the end
edges of the device, which have no leads and
also feature the greatest dimensional accuracy,
should be used as pick-up points.
Restriction curve above 215ºC
Peak temp. at pins 1 and 10 (ºC)
200
205
210
215
220
225
230
235
240
245
10
20
30
40
50
60
tp (s)
Time (s)
0
50
100
150
200
250
300
Max. temp. on pins 1 and 10 during reflow
soldering (deg C)
tp
Peak Temperature
(See fig below)
190 – 450 s


Similar Part No. - NVS0.3EH-M6

ManufacturerPart #DatasheetDescription
logo
Power-One
NVS0.3EH-M6 POWER-ONE-NVS0.3EH-M6 Datasheet
321Kb / 11P
   6W SMT Converter Wide Input 3.3V to 24V Outputs
More results

Similar Description - NVS0.3EH-M6

ManufacturerPart #DatasheetDescription
logo
Power-One
RND02ZGE POWER-ONE-RND02ZGE Datasheet
316Kb / 14P
   RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 짹12V Dual Outputs 짹15V, available with trimming
logo
Maxim Integrated Produc...
MAX17500AEVKIT MAXIM-MAX17500AEVKIT Datasheet
1Mb / 9P
   36V to 72V or -36V to -72V DC Input Range
Rev 0; 2/11
logo
Power-One
RNS01EE POWER-ONE-RNS01EE Datasheet
429Kb / 16P
   RNS Series: 5-10W DC/DC Converters 18-72 & 38-75V Input 3.3V, 5.0V, 7.0V and 12V Outputs Outputs of 2.5V & 15V, available with trimming
NDS03ZA POWER-ONE-NDS03ZA Datasheet
312Kb / 14P
   NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
RFS06ZA POWER-ONE-RFS06ZA Datasheet
248Kb / 14P
   RFS Series: 20W / 6.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
logo
AAEON Technology
GENE-SKU6 AAEON-GENE-SKU6 Datasheet
458Kb / 2P
   Wide DC Support 9~36V, 12V Only (Optional)
logo
Everlight Electronics C...
XUAN1313-KM407N8-36306 EVERLIGHT-XUAN1313-KM407N8-36306 Datasheet
825Kb / 24P
   36V/6W series
XUAN1313-KT577N9-36306 EVERLIGHT-XUAN1313-KT577N9-36306 Datasheet
825Kb / 24P
   36V/6W series
XUAN1313-KT657N9-36306 EVERLIGHT-XUAN1313-KT657N9-36306 Datasheet
825Kb / 24P
   36V/6W series
XUAN1313-KT507N9-36306 EVERLIGHT-XUAN1313-KT507N9-36306 Datasheet
825Kb / 24P
   36V/6W series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com