Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVS0.3CJ-M6 Datasheet(PDF) 6 Page - Power-One

Part # NVS0.3CJ-M6
Description  NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 짹5.0V, 짹12V, 짹15V & 짹24V Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

NVS0.3CJ-M6 Datasheet(HTML) 6 Page - Power-One

Back Button NVS0.3CJ-M6 Datasheet HTML 2Page - Power-One NVS0.3CJ-M6 Datasheet HTML 3Page - Power-One NVS0.3CJ-M6 Datasheet HTML 4Page - Power-One NVS0.3CJ-M6 Datasheet HTML 5Page - Power-One NVS0.3CJ-M6 Datasheet HTML 6Page - Power-One NVS0.3CJ-M6 Datasheet HTML 7Page - Power-One NVS0.3CJ-M6 Datasheet HTML 8Page - Power-One NVS0.3CJ-M6 Datasheet HTML 9Page - Power-One NVS0.3CJ-M6 Datasheet HTML 10Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Product Specifications
NV Series: 4 - 6W DC/DC Converters
Oct 2001
9-36V, 18-36V, 36-72V & 16-75V Inputs
3.3V, 5.0V, 12V, 15V, ±5.0V, ±12V, ±15V & ±24V Outputs
18-Oct-01
Rev 1.0
Page 6 of 11
www.power-one.com
Output Current Limiting
When
the
output
is
overloaded
above
the
maximum output current rating, the voltage will
start to reduce to maintain the output power to a
safe level.
In a condition of high overload or
short-circuit where the output voltage is pulled
below approximately 30% of Vo.Nom, the unit will
enter a ‘Hiccup’ mode of operation.
Under this
condition
the
unit
will
attempt
to
restart,
approximately every 100ms until the overload has
cleared.
Parallel Operation
Paralleling of two converters is possible by direct
connection of the output voltage terminal pins.
The load regulation characteristic is designed to
facilitate current sharing (typically ± 20%).
Series Operation
The outputs of two units may be connected in series to
achieve a higher system voltage.
Safety Considerations
These converters feature 1500 Volt DC isolation
from
input
to
output.
The
input
to
output
resistance is greater than 10MOhm.
These
converters
are
provided
with
Operational
Insulation
between
input
and
output
circuits
according to EN60950 / UL1950 / CSA60950-00.
Nevertheless, if the system using the converter
needs to receive safety agency approval, certain
rules must be followed in the design of the
system.
In particular, all of the creepage and
clearance requirements of the end-use safety
requirements
must
be
observed.
These
documents include UL60950, CSA60950-00 and
EN60950,
although
specific
applications
may
have additional requirements.
In order for the output of the converter to be
considered as SELV (Safety Extra Low Voltage)
or TNV-1, according to EN60950
/ UL1950 /
CSA60950-00, one of the following requirements
must be met in the system design:
• The converter has no internal fuse.
An
external fuse must be provided to protect the
system
from
catastrophic
failure.
The
recommended fuse values are shown below:
Input Voltage Range
Recommended Fuse
36-75V
F0.315A
18-36V
F0.5A
9-36V
F1.0A
18-75V
F0.5A
• The user can select a lower rating fuse based
upon the inrush transient and the maximum
input current of the converter, which occurs at
the minimum input voltage.
Both input traces
and the chassis ground trace (if applicable)
must be capable of conducting a current of 1.5
times the value of the fuse without opening.
The fuse must not be placed in the grounded
input line, if any.
• If the voltage source feeding the module is
SELV,
the
output
of
the
converter
is
considered SELV and may be grounded or
ungrounded.
• The circuitry of the converter may generate
transients, which exceed the input voltage.
Even if the input voltage is SELV (<60V) the
components
on
the
primary
side
of
the
converter
may
have
to
be
considered
as
hazardous. A safety interlock may be needed
to
prevent
the
user
from
accessing
the
converter while operational.


Similar Part No. - NVS0.3CJ-M6

ManufacturerPart #DatasheetDescription
logo
Power-One
NVS0.3CJ-M6 POWER-ONE-NVS0.3CJ-M6 Datasheet
321Kb / 11P
   6W SMT Converter Wide Input 3.3V to 24V Outputs
More results

Similar Description - NVS0.3CJ-M6

ManufacturerPart #DatasheetDescription
logo
Power-One
RND02ZGE POWER-ONE-RND02ZGE Datasheet
316Kb / 14P
   RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 짹12V Dual Outputs 짹15V, available with trimming
logo
Maxim Integrated Produc...
MAX17500AEVKIT MAXIM-MAX17500AEVKIT Datasheet
1Mb / 9P
   36V to 72V or -36V to -72V DC Input Range
Rev 0; 2/11
logo
Power-One
RNS01EE POWER-ONE-RNS01EE Datasheet
429Kb / 16P
   RNS Series: 5-10W DC/DC Converters 18-72 & 38-75V Input 3.3V, 5.0V, 7.0V and 12V Outputs Outputs of 2.5V & 15V, available with trimming
NDS03ZA POWER-ONE-NDS03ZA Datasheet
312Kb / 14P
   NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
RFS06ZA POWER-ONE-RFS06ZA Datasheet
248Kb / 14P
   RFS Series: 20W / 6.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
logo
AAEON Technology
GENE-SKU6 AAEON-GENE-SKU6 Datasheet
458Kb / 2P
   Wide DC Support 9~36V, 12V Only (Optional)
logo
Everlight Electronics C...
XUAN1313-KM407N8-36306 EVERLIGHT-XUAN1313-KM407N8-36306 Datasheet
825Kb / 24P
   36V/6W series
XUAN1313-KT577N9-36306 EVERLIGHT-XUAN1313-KT577N9-36306 Datasheet
825Kb / 24P
   36V/6W series
XUAN1313-KT657N9-36306 EVERLIGHT-XUAN1313-KT657N9-36306 Datasheet
825Kb / 24P
   36V/6W series
XUAN1313-KT507N9-36306 EVERLIGHT-XUAN1313-KT507N9-36306 Datasheet
825Kb / 24P
   36V/6W series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com