Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DK34-1.0M Datasheet(PDF) 2 Page - Yamaichi Electronics Co., Ltd.

Part # DK34-1.0M
Description  1.0mm High Density FLEX (300V, 105째C)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

DK34-1.0M Datasheet(HTML) 2 Page - Yamaichi Electronics Co., Ltd.

  DK34-1.0M Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. DK34-1.0M Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sockets and Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Trading Division
Flat Cables
Specifications
Conductor Resistance: 216
Ω/km max.
Insulation Resistance: 100M
Ω min. (km)
Current Raring:
2A max.
Voltage Rating:
300V
Temperature Range:
-30°C to +105°C
Dielectric Strength:
2,000 V AC / minute
Flame Resistance:
VW-1
Materials and Finish
Insulation: PVC, colour grey with a red edge
Conductor: 28 AWG (7/0.127mm) stranded copper wire
Features
1.27mm pitch flat cable with 28AWG (7/0.127mm) conductors
Ribbed on both sides enabling IDC termination on either
side of the cable
UL Style No. 2651, CSA, VDE 0811
1.27mm High Density FLEX (300V, 105°C)
DK
** - *
Part Number (Details)
Red Edge
Insulation
Conductor
1.27±0.05
(Number of conductors –1) x 1.27 ±0.4
Number of conductors x 1.27 ±0.4
Standard Cable Length
see Part Number (Details)
Cable Series
Number of Conductors:
2 to 64
Unmarked = 100 meters per Reel
M = 1 meter (on request)
Cable Dimensions
Trading Division


Similar Part No. - DK34-1.0M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DK3400 STMICROELECTRONICS-DK3400 Datasheet
133Kb / 4P
   DK3400 demonstration kit
November 2010 Rev 1
More results

Similar Description - DK34-1.0M

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
FLEX-S416-7-0.1 YAMAICHI-FLEX-S416-7-0.1 Datasheet
56Kb / 1P
   50MIL (1.27mm) OKIFLEX-S Type (300V, 105째C)
logo
List of Unclassifed Man...
7201A ETC2-7201A Datasheet
103Kb / 3P
   300V Flex Data Cables
logo
Molex Electronics Ltd.
100061 MOLEX1-100061 Datasheet
613Kb / 2P
   Temp-Flex MediSpec High-Density Micro-Ribbon Cables
logo
List of Unclassifed Man...
FK22PL ETC2-FK22PL Datasheet
78Kb / 2P
   High Density Connectors High Density Steckverbinder
logo
AVX Corporation
046232104015800 AVX-046232104015800 Datasheet
509Kb / 6P
   1.0mm Pitch
046232106015800 AVX-046232106015800 Datasheet
509Kb / 6P
   1.0mm Pitch
logo
Vicor Corporation
MIL-COTS VICOR-MIL-COTS Datasheet
1Mb / 10P
   High density
logo
Dubilier
DVJRHV DUBILIER-DVJRHV Datasheet
144Kb / 1P
   HIGH VOLTAGE SMD ELECTROLYTIC - 105째C
logo
Nichicon corporation
GYB_18 NICHICON-GYB_18_08 Datasheet
786Kb / 2P
   Chip Type, 105째C High Reliability
GYB NICHICON-GYB Datasheet
758Kb / 2P
   Chip Type, 105째C High Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com