Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM61001 Datasheet(PDF) 4 Page - Texas Instruments

Part # CDCM61001
Description  One Output, Integrated VCO, Low-Jitter Clock Generator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM61001 Datasheet(HTML) 4 Page - Texas Instruments

  CDCM61001_10 Datasheet HTML 1Page - Texas Instruments CDCM61001_10 Datasheet HTML 2Page - Texas Instruments CDCM61001_10 Datasheet HTML 3Page - Texas Instruments CDCM61001_10 Datasheet HTML 4Page - Texas Instruments CDCM61001_10 Datasheet HTML 5Page - Texas Instruments CDCM61001_10 Datasheet HTML 6Page - Texas Instruments CDCM61001_10 Datasheet HTML 7Page - Texas Instruments CDCM61001_10 Datasheet HTML 8Page - Texas Instruments CDCM61001_10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
CDCM61001
SCAS869C – FEBRUARY 2009 – REVISED FEBRUARY 2010
www.ti.com
RECOMMENDED OPERATING CONDITIONS
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
MIN
NOM
MAX
UNIT
VCC_OUT
Output supply voltage
3.0
3.30
3.60
V
VCC_PLL1
PLL supply voltage
3.0
3.30
3.60
V
VCC_PLL2
PLL supply voltage
3.0
3.30
3.60
V
VCC_VCO
On-chip VCO supply voltage
3.0
3.30
3.60
V
VCC_IN
Input supply voltage
3.0
3.30
3.60
V
TA
Ambient temperature
–40
+85
°C
DISSIPATION RATINGS
(1) (2)
VALUE
TEST
4 × 4 VIAS
PARAMETER
CONDITIONS
ON PAD
UNIT
qJA
Thermal resistance, junction-to-ambient
0 LFM
35
°C/W
qJP
(3)
Thermal resistance, junction-to-pad
4
°C/W
(1)
The package thermal resistance is calculated in accordance with JESD 51 and JEDEC 2S2P (high-K board).
(2)
Connected to GND with nine thermal vias (0.3-mm diameter).
(3)
qJP (junction-to-pad) is used for the QFN package, because the primary heat flow is from the junction to the GND pad of the QFN
package.
4
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): CDCM61001


Similar Part No. - CDCM61001_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM61001 TI1-CDCM61001_12 Datasheet
787Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_17 Datasheet
953Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
More results

Similar Description - CDCM61001_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM61001 TI1-CDCM61001_12 Datasheet
787Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI-CDCM61001 Datasheet
857Kb / 33P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_17 Datasheet
953Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM6100XEVM TI1-CDCM6100XEVM Datasheet
735Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002 Datasheet
865Kb / 34P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002_10 Datasheet
711Kb / 35P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004_101 TI-CDCM61004_101 Datasheet
714Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004 Datasheet
867Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004_10 Datasheet
790Kb / 34P
[Old version datasheet]   Four Output, Integrated VCO, Low-jitter Clock Generator
CDCM61004 TI1-CDCM61004_17 Datasheet
1Mb / 39P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com