Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OET025YGHH-A Datasheet(PDF) 1 Page - Power-One

Part # OET025YGHH-A
Description  TRIPLE OUTPUT, 25 WATT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

OET025YGHH-A Datasheet(HTML) 1 Page - Power-One

  OET025YGHH-A Datasheet HTML 1Page - Power-One OET025YGHH-A Datasheet HTML 2Page - Power-One OET025YGHH-A Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(888) IPD-CONVerters q (888) 473-2668 q www.ipdconverters.com
1
60
65
70
75
80
85
90
10
20
30
40
50
60
70
80
90
10
LOAD %
EFF. OETZGHH-A
EFF. OETZGJJ-A
MTBF predictions may vary slightly from model to model.
Specifications typically at 25°C, normal line, and full load, unless otherwise
stated.
Soldering Conditions: I/O pins, 260°C, ten seconds; fully compatible with
commercial wave-soldering equipment.
Safety: Agency approvals may vary from model to model. Please consult factory
for specific model information.
Units are water-washable and fully compatible with commercial spray or
immersion post wave-solder washing equipment.
OET SERIES - TRIPLE OUTPUT, 25 WATT
OET triple output DC/DC converters provide 25
Watts of output power in an industry standard
package. The OET series features excellent efficiency
and industry-leading power density. The OET features
open-frame packaging to provide maximum useable
power with minimal thermal constraints. These units
are fully compatible with production board washing
processes.
• Triple Output 2” x 2”
• Open-Frame
Construction
DESCRIPTION
FEATURES
Notes
• Input Undervoltage
Lockout
• 24V or 48V Input
Versions
• 1500V Isolation
• 100°C Baseplate
Operation
• 1.5 Million Hours MTBF
• Short Circuit and
Overvoltage Protection
TECHNICAL SPECIFICATIONS
Voltage Range
24 VDC Nominal
18 - 36 VDC
48 VDC Nominal
34 - 75 VDC
Turn On Voltage 24V/48V Models
<17V / <34V
Turn On Hysteresis
1V Nominal
Reflected Ripple Input Current
50 mA pk-pk
Input Reverse Voltage Protection
Shunt Diode
Input
Setpoint Accuracy
±1%
Line Regulation V
in
Min. - V
in
Max., I
out
Rated
0.2% V
out
Load Regulation I
out
Min. - I
out
Max., V
in
Nom.
0.5% V
out
Secondary Output Regulation, All Line/Load Conditions
10% V
out
Minimum Output Current
10 % I
out
rated
Dynamic Regulation, Loadstep
25% I
out
Pk Deviation
4% V
out
Settling Time
500
µs
Short Circuit And Overcurrent Protection
Shutdown and Self-Recovering
Power LimitThreshold Range
110 - 130%
Short Circuit
200% I
out
Nom.
OVP Trip Range
115 - 140% V
out
Nom.
OVP Type
Self-Recovering
Output
Efficiency vs. Load (48V Input)
Switching Frequency
500 kHz
Turn-On Time
10ms
Remote Shutdown
Positive Logic
Isolation
Input - Output
1500 VDC
Input - Case
1050 VDC
Output - Case
1050 VDC
Temperature Coefficient
0.03%/°C
Case Temperature
Operating Range
-40 to +100°C
Storage Range
-40 to +125°C
Thermal Shutdown Range
105 to 115°C
Humidity Max., Non-Condensing
95%
Vibration, 3 Axes, 5 Min Each
5 g, 10 - 55 Hz
MTBF(Bellcore TR-NWT-000332)
1.5 x 106 hrs
Safety
UL, CUL, TUV
Weight (approx.)
1.3 oz
General


Similar Part No. - OET025YGHH-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OETL-NF1600SW ETC2-OETL-NF1600SW Datasheet
735Kb / 8P
   Disconnect switches Non-fusible Fusible
OETL-NF2000SW ETC2-OETL-NF2000SW Datasheet
735Kb / 8P
   Disconnect switches Non-fusible Fusible
OETL-NF3150SW ETC2-OETL-NF3150SW Datasheet
735Kb / 8P
   Disconnect switches Non-fusible Fusible
More results

Similar Description - OET025YGHH-A

ManufacturerPart #DatasheetDescription
logo
Power-One
OWT1205 POWER-ONE-OWT1205 Datasheet
255Kb / 3P
   TRIPLE OUTPUT, 25 WATT
logo
Artesyn Technologies
NFC25 ARTESYN-NFC25 Datasheet
162Kb / 3P
   Triple output 25 Watt Wide input DC-DC converters
logo
Intronics Power, Inc.
DC1800 INTRONICS-DC1800 Datasheet
182Kb / 1P
   25 Watt Single Dual Triple & 3.3V Output DC-DC Converters
logo
Power-One
OBD025YGG POWER-ONE-OBD025YGG Datasheet
76Kb / 3P
   DUAL OUTPUT, 25 WATT
logo
Recom International Pow...
R05TR244872 RECOM-R05TR244872_06 Datasheet
96Kb / 3P
   3 Watt SIP8 Triple Output
RACD25-A RECOM-RACD25-A Datasheet
106Kb / 2P
   25 Watt PFC Single Output
logo
List of Unclassifed Man...
TP1101 ETC1-TP1101 Datasheet
167Kb / 2P
   25 to 30 WATT SINGLE, DUAL and TRIPLE OUTPUT DC-DC CONVERTERS
logo
Recom International Pow...
RAC15-S-D-TA RECOM-RAC15-S-D-TA Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
logo
ETA-USA
WRB01X-O ETA-USA-WRB01X-O Datasheet
1Mb / 4P
   50 Watt AC/DC Triple Output
logo
Recom International Pow...
RAC20-S-D-TA RECOM-RAC20-S-D-TA Datasheet
84Kb / 2P
   20 Watt Single/Dual & Triple Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com