Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVS0.4ZJ-M6 Datasheet(PDF) 4 Page - Power-One

Part # NVS0.4ZJ-M6
Description  NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 짹5.0V, 짹12V, 짹15V & 짹24V Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

NVS0.4ZJ-M6 Datasheet(HTML) 4 Page - Power-One

  NVS0.4ZJ-M6 Datasheet HTML 1Page - Power-One NVS0.4ZJ-M6 Datasheet HTML 2Page - Power-One NVS0.4ZJ-M6 Datasheet HTML 3Page - Power-One NVS0.4ZJ-M6 Datasheet HTML 4Page - Power-One NVS0.4ZJ-M6 Datasheet HTML 5Page - Power-One NVS0.4ZJ-M6 Datasheet HTML 6Page - Power-One NVS0.4ZJ-M6 Datasheet HTML 7Page - Power-One NVS0.4ZJ-M6 Datasheet HTML 8Page - Power-One NVS0.4ZJ-M6 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Product Specifications
NV Series: 4 - 6W DC/DC Converters
Oct 2001
9-36V, 18-36V, 36-72V & 16-75V Inputs
3.3V, 5.0V, 12V, 15V, ±5.0V, ±12V, ±15V & ±24V Outputs
18-Oct-01
Rev 1.0
Page 4 of 11
www.power-one.com
Output Specifications
All specifications apply over input voltage, output load and temperature range, unless otherwise noted.
All Models
Parameter
Conditions/Description
Min
Nom
Max
Units
Output Voltage Accuracy
Vin.Nom, 50% Io.Max
±1
%Vo
Line Regulation
Vin.Min to Vin.Max, 50% Io.Max
±1
%Vo
Load Regulation
Vin.Nom, Io.Min to Io.Max
3.3Vo
Other Output Voltages
±3.5
±3.0
%Vo
%Vo
Maximum Output Capacitance
Total, for single and dual outputs
3.3Vo
5Vo, ±5Vo
12Vo, ±12Vo
15Vo, ±12Vo
±24Vo
680
680
150
100
45
µF
µF
µF
µF
µF
Dynamic Regulation
Peak Deviation
Settling Time
50-100% Io.Max load step
change
to 1% error band
5.0
1.0
%Vo
ms
Output Voltage Ripple
Vin.Min to Vin.Max, Io.Min to Io
Max, 20MHz Bandwidth
3.3Vo
5Vo, ±5Vo
12Vo, ±12Vo, ±24Vo
50
50
0.8
80
80
1
mVp-p
mVp-p
%Vo p-p
Output Current Limit Threshold
Output Current Limit Threshold
120
200
%Io.Max
Switching Frequency
Vin.Nom, Io.Max
250
KHz
Temperature Coefficient
0.02
%Vo/
°C
Typical characteristic curves for single 5V output type
Output Voltage Vs Load
0.00
1.00
2.00
3.00
4.00
5.00
6.00
Iout (A)
Vout (V)
Vin Min
Vin Nom
Vin Max
Efficiency Vs Load
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
Iout (A)
Efficiency
Vin Min
Vin Nom
Vin Max
25%
50%
75%
100%


Similar Part No. - NVS0.4ZJ-M6

ManufacturerPart #DatasheetDescription
logo
Power-One
NVS0.4ZJ-M6 POWER-ONE-NVS0.4ZJ-M6 Datasheet
321Kb / 11P
   6W SMT Converter Wide Input 3.3V to 24V Outputs
More results

Similar Description - NVS0.4ZJ-M6

ManufacturerPart #DatasheetDescription
logo
Power-One
RND02ZGE POWER-ONE-RND02ZGE Datasheet
316Kb / 14P
   RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 짹12V Dual Outputs 짹15V, available with trimming
logo
Maxim Integrated Produc...
MAX17500AEVKIT MAXIM-MAX17500AEVKIT Datasheet
1Mb / 9P
   36V to 72V or -36V to -72V DC Input Range
Rev 0; 2/11
logo
Power-One
RNS01EE POWER-ONE-RNS01EE Datasheet
429Kb / 16P
   RNS Series: 5-10W DC/DC Converters 18-72 & 38-75V Input 3.3V, 5.0V, 7.0V and 12V Outputs Outputs of 2.5V & 15V, available with trimming
NDS03ZA POWER-ONE-NDS03ZA Datasheet
312Kb / 14P
   NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
RFS06ZA POWER-ONE-RFS06ZA Datasheet
248Kb / 14P
   RFS Series: 20W / 6.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
logo
AAEON Technology
GENE-SKU6 AAEON-GENE-SKU6 Datasheet
458Kb / 2P
   Wide DC Support 9~36V, 12V Only (Optional)
logo
Everlight Electronics C...
XUAN1313-KM407N8-36306 EVERLIGHT-XUAN1313-KM407N8-36306 Datasheet
825Kb / 24P
   36V/6W series
XUAN1313-KT577N9-36306 EVERLIGHT-XUAN1313-KT577N9-36306 Datasheet
825Kb / 24P
   36V/6W series
XUAN1313-KT657N9-36306 EVERLIGHT-XUAN1313-KT657N9-36306 Datasheet
825Kb / 24P
   36V/6W series
XUAN1313-KT507N9-36306 EVERLIGHT-XUAN1313-KT507N9-36306 Datasheet
825Kb / 24P
   36V/6W series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com