Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7447797360 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7447797360
Description  POWER-CHOKE WE-PDF
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7447797360 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7447797360 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447797360 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447797360 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447797360 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Bezeichnung :
SPEICHERDROSSEL WE-PDF
description :
POWER-CHOKE WE-PDF
DATUM / DATE : 2008-02-15
H Induktivitätskurve / Inductance curve :
OO
09-07-06
OO
08-06-01
Name
Datum / date
Spezifikation für Freigabe / specification for release
D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
...............................................
Würth Elektronik eiSos GmbH & Co.KG
Änderung / modification
..................................................
Geprüft / checked
Kontrolliert / approved
Artikelnummer / part number :
7447797360
Unterschrift / signature
............................................................................
.......................................................................
Kunde / customer :
Version 1
Würth Elektronik
Freigabe erteilt / general release:
Kunde / customer
Datum / date
Version 2
0,00
0,50
1,00
1,50
2,00
2,50
3,00
3,50
4,00
0,00
3,00
6,00
9,00
12,00
15,00
Current (A)
Induktivität vs Strom (typ.) /
Inductance vs Current (typ.)
SEITE 2 VON 4


Similar Part No. - 7447797360

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7447797300 WURTH-7447797300 Datasheet
149Kb / 4P
   POWER-CHOKE WE-PDF
logo
Analog Devices
7447797300 AD-7447797300 Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
7447797300 AD-7447797300 Datasheet
2Mb / 32P
   Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
More results

Similar Description - 7447797360

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7447797300 WURTH-7447797300 Datasheet
149Kb / 4P
   POWER-CHOKE WE-PDF
7447798910 WURTH-7447798910 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
7447797250 WURTH-7447797250 Datasheet
214Kb / 4P
   POWER-CHOKE WE-PDF
7447797050 WURTH-7447797050 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
7447797620 WURTH-7447797620 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
7447798110 WURTH-7447798110 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
7447798151 WURTH-7447798151 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
7447798221 WURTH-7447798221 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
7447798022 WURTH-7447798022 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
7447798111 WURTH-7447798111 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com