Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVS01YG-M6 Datasheet(PDF) 5 Page - Power-One

Part # NVS01YG-M6
Description  NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 짹5.0V, 짹12V, 짹15V & 짹24V Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

NVS01YG-M6 Datasheet(HTML) 5 Page - Power-One

  NVS01YG-M6 Datasheet HTML 1Page - Power-One NVS01YG-M6 Datasheet HTML 2Page - Power-One NVS01YG-M6 Datasheet HTML 3Page - Power-One NVS01YG-M6 Datasheet HTML 4Page - Power-One NVS01YG-M6 Datasheet HTML 5Page - Power-One NVS01YG-M6 Datasheet HTML 6Page - Power-One NVS01YG-M6 Datasheet HTML 7Page - Power-One NVS01YG-M6 Datasheet HTML 8Page - Power-One NVS01YG-M6 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Product Specifications
NV Series: 4 - 6W DC/DC Converters
Oct 2001
9-36V, 18-36V, 36-72V & 16-75V Inputs
3.3V, 5.0V, 12V, 15V, ±5.0V, ±12V, ±15V & ±24V Outputs
18-Oct-01
Rev 1.0
Page 5 of 11
www.power-one.com
Temperature Derating Curves
The derating curves below give an indication of
the output power achievable with and without
forced air-cooling. However in the final application
the temperature rise of the converter is also
influenced by factors such as heat conduction
through the leads to the PCB, orientation, the
temperature of surrounding components and the
input voltage. To ensure the reliability of the
converter, care must be taken to guarantee that
the maximum case temperature is not exceeded
under any conditions. The measurement point for
case temperature is specified on the mechanical
drawing (Tc).
Temperature
derating
for
18-36V
and
36-75V
input voltage ranges :
The 9-36V and 18-75V input voltage versions of
this series feature a 4:1 input voltage range and
can achieve operation at full power at 85ºC
ambient temperature with only convection cooling.
Temperature derating for 9-36V and 18-75V input
voltage ranges :
Typical Application
This series of converters does not require any
external
components
for
proper
operation.
However, if the distribution of the input voltage to
the converter contains significant inductance, a
capacitor across the input terminals may be
required to stabilize the input voltage. A minimum
of 0.47µF, quality electrolytic / ceramic capacitor
is recommended for this purpose.
For output
decoupling it is recommended to connect, directly
across
the
output
pins,
a
0.47µF
ceramic
capacitor (for 3.3V and 5V outputs) or a 0.27µF
ceramic capacitor (for other outputs).
Care must be taken to ensure the maximum rated
output capacitance for the device is not exceed
when dimensioning decoupling capacitors in the
system as this could cause the unit to detect an
overload and enter a ‘hiccup’ mode of operation.
Output Power Vs Ambient Temp. & Airflow
0
20
40
60
80
100
120
Ambient Temp. (deg °C)
400LFM (2 m/s)
200LFM (1 m/s)
0 LFM
Output Power Vs Ambient Temp. & Airflow
0
20
40
60
80
100
120
Ambient Temp. (deg °C)
200LFM (1 m/s)
0 LFM


Similar Part No. - NVS01YG-M6

ManufacturerPart #DatasheetDescription
logo
Power-One
NVS01YG-M6 POWER-ONE-NVS01YG-M6 Datasheet
321Kb / 11P
   6W SMT Converter Wide Input 3.3V to 24V Outputs
NVS01YG-M6 POWER-ONE-NVS01YG-M6_07 Datasheet
321Kb / 11P
   6W SMT Converter Wide Input 3.3V to 24V Outputs
More results

Similar Description - NVS01YG-M6

ManufacturerPart #DatasheetDescription
logo
Power-One
RND02ZGE POWER-ONE-RND02ZGE Datasheet
316Kb / 14P
   RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 짹12V Dual Outputs 짹15V, available with trimming
logo
Maxim Integrated Produc...
MAX17500AEVKIT MAXIM-MAX17500AEVKIT Datasheet
1Mb / 9P
   36V to 72V or -36V to -72V DC Input Range
Rev 0; 2/11
logo
Power-One
RNS01EE POWER-ONE-RNS01EE Datasheet
429Kb / 16P
   RNS Series: 5-10W DC/DC Converters 18-72 & 38-75V Input 3.3V, 5.0V, 7.0V and 12V Outputs Outputs of 2.5V & 15V, available with trimming
NDS03ZA POWER-ONE-NDS03ZA Datasheet
312Kb / 14P
   NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
RFS06ZA POWER-ONE-RFS06ZA Datasheet
248Kb / 14P
   RFS Series: 20W / 6.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
logo
AAEON Technology
GENE-SKU6 AAEON-GENE-SKU6 Datasheet
458Kb / 2P
   Wide DC Support 9~36V, 12V Only (Optional)
logo
Everlight Electronics C...
XUAN1313-KM407N8-36306 EVERLIGHT-XUAN1313-KM407N8-36306 Datasheet
825Kb / 24P
   36V/6W series
XUAN1313-KT577N9-36306 EVERLIGHT-XUAN1313-KT577N9-36306 Datasheet
825Kb / 24P
   36V/6W series
XUAN1313-KT657N9-36306 EVERLIGHT-XUAN1313-KT657N9-36306 Datasheet
825Kb / 24P
   36V/6W series
XUAN1313-KT507N9-36306 EVERLIGHT-XUAN1313-KT507N9-36306 Datasheet
825Kb / 24P
   36V/6W series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com