Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

48IMP3-1515-7 Datasheet(PDF) 4 Page - Power-One

Part # 48IMP3-1515-7
Description  1...12 Watt DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

48IMP3-1515-7 Datasheet(HTML) 4 Page - Power-One

  48IMP3-1515-7 Datasheet HTML 1Page - Power-One 48IMP3-1515-7 Datasheet HTML 2Page - Power-One 48IMP3-1515-7 Datasheet HTML 3Page - Power-One 48IMP3-1515-7 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
www.power-one.ch
Edition 6/11.2001
Board Mountable
IMP Series
IMP 6, IMP 12 with single or dual output
12 (0.47")
5 (0.2")
50.8 (2")
Vo+
5.08 (0.2")
2 x 10.2 (0.4")
Vi–
Vi+
Vo–
S09035
Measuring point of case temperature
T
C
COM
IMP 12 with triple output
Vo2+
12.7 (0.5")
Vi– Vi+
Vo3-
S09047
5 x 10.16 (0.42")
SD
COM
Vo1+
Measuring point of case temperature
T
C
50.8 (2")
3 x 5.08 (0.2")
12 (0.47")
5 (0.2")


Similar Part No. - 48IMP3-1515-7

ManufacturerPart #DatasheetDescription
logo
Power-One
48IML10-03-3 POWER-ONE-48IML10-03-3 Datasheet
53Kb / 4P
   10 Watt DC-DC Converters
48IML10-05-3 POWER-ONE-48IML10-05-3 Datasheet
53Kb / 4P
   10 Watt DC-DC Converters
48IML10-0503-3 POWER-ONE-48IML10-0503-3 Datasheet
53Kb / 4P
   10 Watt DC-DC Converters
48IML10-12-12-3 POWER-ONE-48IML10-12-12-3 Datasheet
53Kb / 4P
   10 Watt DC-DC Converters
48IML10-12-3C POWER-ONE-48IML10-12-3C Datasheet
53Kb / 4P
   10 Watt DC-DC Converters
More results

Similar Description - 48IMP3-1515-7

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
logo
RSG Electronic Componen...
EC1SA01N RSG-EC1SA01N Datasheet
382Kb / 1P
   1 WATT DC-DC CONVERTERS
logo
List of Unclassifed Man...
AM1L-0505SH30-N ETC-AM1L-0505SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1S-N AIMTEC-AM1S-N Datasheet
341Kb / 2P
   1 watt dc-dc converters
AM1P-N AIMTEC-AM1P-N Datasheet
322Kb / 2P
   1 watt dc-dc converters
AM1DR-N AIMTEC-AM1DR-N Datasheet
288Kb / 2P
   1 watt dc-dc converters
AM1N-N AIMTEC-AM1N-N Datasheet
423Kb / 3P
   1 watt dc-dc converters
AM1DR AIMTEC-AM1DR Datasheet
233Kb / 2P
   1 watt dc-dc converters
AM1S AIMTEC-AM1S Datasheet
240Kb / 2P
   1 watt dc-dc converters
AM1D AIMTEC-AM1D Datasheet
268Kb / 3P
   1 watt dc-dc converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com