Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB-A-003 Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # USB-A-003
Description  Universal Serial Bus, Type A - 90째 Receptacle
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

USB-A-003 Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  USB-A-003 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
E-3
I/O
Connectors
Trading Division
USB-A-003
*USB-A-003-30
* see Materials and Finish
Specifications
Insulation Resistance:
1000M
Ω min.
Current Rating:
1A
Voltage Rating:
30V AC (rms)
Withstanding Voltage:
500V AC
Contact Resistance:
30m
Ω max.
Operating Temperature Range: -55°C to +85°C
Materials and Finish
Housing:
PA-6T, glass filled (UL94V-0)
Shell:
Tin over Ni
Contacts:
Copper Alloy
Contact Plating: Solder Terminal - Sn over Ni
Mating Area - USB-A-003 = Au Flash over Ni
- USB-A-003-30 = 30µ“ Au over Ni
SMT Type
Recommended PCB Layout
Top View
Part Numbers
Series USB-A
Universal Serial Bus, Type A - 90° Receptacle (SMT)
1
2
3
4


Similar Part No. - USB-A-003

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
USB-A-001A YAMAICHI-USB-A-001A Datasheet
845Kb / 2P
   Universal Serial Bus, Type A - 90째 Receptacle
USB-A-001A-30 YAMAICHI-USB-A-001A-30 Datasheet
845Kb / 2P
   Universal Serial Bus, Type A - 90째 Receptacle
USB-A-002A YAMAICHI-USB-A-002A Datasheet
845Kb / 2P
   Universal Serial Bus, Type A - 90째 Receptacle
USB-A-002A-30 YAMAICHI-USB-A-002A-30 Datasheet
845Kb / 2P
   Universal Serial Bus, Type A - 90째 Receptacle
USB-A-004 YAMAICHI-USB-A-004 Datasheet
878Kb / 2P
   Universal Serial Bus, Type A - 180째 Receptacle
More results

Similar Description - USB-A-003

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
USB-A-001A YAMAICHI-USB-A-001A Datasheet
845Kb / 2P
   Universal Serial Bus, Type A - 90째 Receptacle
USB-B-001 YAMAICHI-USB-B-001 Datasheet
170Kb / 3P
   Universal Serial Bus, Type B - 90째 Receptacle
USB-A-004 YAMAICHI-USB-A-004 Datasheet
878Kb / 2P
   Universal Serial Bus, Type A - 180째 Receptacle
logo
Adam Technologies, Inc.
USB-A3-D-RA-1 ADAM-TECH-USB-A3-D-RA-1 Datasheet
90Kb / 1P
   UNIVERSAL SERIAL BUS TYPE A
USB-A3-D-RA ADAM-TECH-USB-A3-D-RA Datasheet
90Kb / 1P
   UNIVERSAL SERIAL BUS TYPE A
USB-A-S-RA-DBL ADAM-TECH-USB-A-S-RA-DBL Datasheet
89Kb / 1P
   UNIVERSAL SERIAL BUS TYPE A FEMALE
USB-A-S-RA-SMT-WT ADAM-TECH-USB-A-S-RA-SMT-WT Datasheet
103Kb / 1P
   UNIVERSAL SERIAL BUS TYPE A FEMALE
USB-A-S-RA-TSMT-NP-WT ADAM-TECH-USB-A-S-RA-TSMT-NP-WT Datasheet
91Kb / 1P
   UNIVERSAL SERIAL BUS TYPE A FEMALE
USB-A-S-RA-TSMT-TR ADAM-TECH-USB-A-S-RA-TSMT-TR Datasheet
96Kb / 1P
   UNIVERSAL SERIAL BUS TYPE A FEMALE
USB-A-S-RA-WT-HT ADAM-TECH-USB-A-S-RA-WT-HT Datasheet
107Kb / 1P
   UNIVERSAL SERIAL BUS TYPE A FEMALE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com