Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJS008T-0000-0 Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # PJS008T-0000-0
Description  microSD Card Reader - Hinge Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

PJS008T-0000-0 Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  PJS008T-0000-0 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Card
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Card
Connectors
Connectors
A-21
Trading Division
Specifications
Insulation Resistance:
1,000M
Ω min. at 500V DC
Withstanding Voltage:
500V ACrms for 1 minute
Contact Resistance:
80m
Ω initial
Voltage Rating:
10V max.
Current Rating:
0.5A max.
Operating Temp. Range: –25
°C to +85°C
Mating Cycles:
10,000 insertions
Materials and Finish
Insulator:
LCP
Shielding Plate: SUS
Contacts:
Base - Phosphor Bronze
Mating area - Plating Ni-Au
Solder area - Ni-Au
Features
Easy handling due to hinged cover
.
PJS
008T - 0000 - 0
Series No.
Number of Contacts
Design No.
Circuit Schematic
Top View
Part Number (Details)
Series PJS
microSD Card Reader - Hinge Type
Outline Dimensions for PJS008T-0000-0
Recommended PCB Layout
Open position
Lock position


Similar Part No. - PJS008T-0000-0

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
PJS008T-3000-0 YAMAICHI-PJS008T-3000-0 Datasheet
124Kb / 1P
   microSD Card Adapter (microSD-to-SD)
More results

Similar Description - PJS008T-0000-0

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SCHB ALPS-SCHB Datasheet
105Kb / 3P
   Connector for microSD??Card (Hinge Cover Type)
logo
Yamaichi Electronics Co...
PJS008U-3000-0 YAMAICHI-PJS008U-3000-0 Datasheet
109Kb / 1P
   microSD Card Reader - Manual Type (Vertical Mount)
logo
SparkFun Electronics
COM-13004 SPARKFUN-COM-13004 Datasheet
112Kb / 1P
   microSD USB Reader
8/3/2016
logo
Transcend Information. ...
TS2GUSD-P3 TRANSCEND-TS2GUSD-P3 Datasheet
1Mb / 27P
   2GB microSD Card Reader P3
logo
Molex Electronics Ltd.
47219-2001 MOLEX-47219-2001 Datasheet
42Kb / 2P
   1.10mm Pitch microSD Card Connector, Hinge Type, Lead-Free
0472192001 MOLEX1-0472192001_19 Datasheet
33Kb / 2P
   1.10mm Pitch microSD Card Connector, Hinge Type, Lead-Free
logo
IOGEAR
GFR204SD IOGEAR-GFR204SD Datasheet
145Kb / 3P
   SD/MicroSD/MMC Card Reader/Writer
logo
Molex Electronics Ltd.
0472192001 MOLEX6-0472192001 Datasheet
148Kb / 3P
   1.10mm (.043") Pitch microSD Card Connector, Hinge Type, Lead free
0472190001 MOLEX6-0472190001 Datasheet
149Kb / 3P
   1.10mm (.043") Pitch microSD Card Connector, Hinge Type, Lead free
logo
Yamaichi Electronics Co...
PJS008-2100-0 YAMAICHI-PJS008-2100-0 Datasheet
118Kb / 1P
   microSD Card Reader - Push / Push (Top Mount)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com