Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDS03ZA Datasheet(PDF) 6 Page - Power-One

Part No. NDS03ZA
Description  NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWER-ONE [Power-One]
Homepage  http://www.power-one.com
Logo POWER-ONE - Power-One

NDS03ZA Datasheet(HTML) 6 Page - Power-One

Back Button NDS03ZA Datasheet HTML 2Page - Power-One NDS03ZA Datasheet HTML 3Page - Power-One NDS03ZA Datasheet HTML 4Page - Power-One NDS03ZA Datasheet HTML 5Page - Power-One NDS03ZA Datasheet HTML 6Page - Power-One NDS03ZA Datasheet HTML 7Page - Power-One NDS03ZA Datasheet HTML 8Page - Power-One NDS03ZA Datasheet HTML 9Page - Power-One NDS03ZA Datasheet HTML 10Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Product Specifications
NDS Series: 10W / 3.0A DC/DC Converters
Nov 2001
36-75V Input
1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
5-Nov-01
Rev 1.1
Page 6 of 14
www.power-one.com
Output Specifications
All specifications apply over input voltage, output load and temperature range, unless otherwise noted.
NDS03ZE : 3.3V/3.0A
Parameter
Conditions/Description
Min
Nom
Max
Units
Output Voltage
Setpoint Accuracy
Vo
Vin.Nom, Io = 1.5A, 25
°C
3.26
3.3
3.34
Vdc
Output Current
Io
Vin.Min to Vin.Max
0
3.0
Adc
Line Regulation
Vin.Min to Vin.Max, 50%
Io.Max
65
mV
Load Regulation
Vin.Nom, Io.Min to Io.Max
65
mV
Dynamic Regulation
Peak Deviation
Settling Time
50-100% Io.Max load step
change.
to 1% error band
250
250
± mV
µs
Output Voltage Ripple*
Vr
Vin.Min to Vin.Max, Io.Min to
Io Max, 20MHz Bandwidth
50
75
mVp-p
Admissible Load
Capacitance
Comax
Io.Max, Vin.Nom
2,200
µF
Output Current Limit
Threshold
Icl
Vout ≤0.90 Vo.Nom
120
200
%Io.Max
Switching Frequency
Fs
Vin.Nom, Io.Max
400
kHz
Temperature
Coefficient
Tco
0.02
%Vo/
°C
Trim Range
Vt
Io.Min to Io.Max, Vin.Min to
Vin.Max
3.0
3.6
Vo
* Measured with a 1
µF ceramic across the output pins
NDS03ZE Characteristic curves
Output Voltage Vs Load
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
Iout (A)
Vout (V)
Vin Min
Vin Nom
Vin Max
Efficiency Vs Load
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
Iout (A)
Efficiency
Vin Min
Vin Nom
Vin Max


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RFS06ZARFS Series: 20W / 6.0A DC/DC Converters 36-75V Input 1.5V 1.8V 2.5V 3.3V and 5.0V Outputs 1 2 3 4 5 MorePower-One
RNS01EERNS Series: 5-10W DC/DC Converters 18-72 & 38-75V Input 3.3V 5.0V 7.0V and 12V Outputs Outputs of 2.5V & 15V available with trimming 1 2 3 4 5 MorePower-One
RND02ZGERND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V ±12V Dual Outputs ±15V available with trimming 1 2 3 4 5 MorePower-One
GHPW5V020Very High Efficiency DC/DC Converter 24/48V Input 1.5V 1.8V 2.0V 2.5V 3.3V DC 30A Output or 5.0V DC 20A Output 1 2 3 4 5 MoreGalaxy Power, Inc.
GPDW5V015RDORADO 24V or 48V Input 1.5V 1.8V 2.0V 2.5V 3.3V DC 20A Output or 5.0V DC 15A Output 1 2 3 4 5 MoreGalaxy Power, Inc.
IP1117LDO Regulator with Adjustable and Fixed 1.8V 2.5V 3.3V 5.0V 1 2 3 4 5 MoreInterpion semiconductor
NVS01YGNV Series: 4 - 6W DC/DC Converters 9-36V 18-36V 36-72V & 16-75V Inputs 3.3V 5.0V 12V 15V ±5.0V ±12V ±15V & ±24V Outputs 1 2 3 4 5 MorePower-One
HHS60ZEHHS60 Series . 60A Half-Brick DC/DC Converter 48V Input 3.3V 2.5V 1 8V 1.5V 1.2V Outputs 1 2 Power-One
G2PW5V03048V or 24V Input 1.0V 1.2V 1.5V 1.8V 2.0V 2.5VDC 60A Output 3.3V 45A; 5.0V 30A Output 1 2 3 4 5 MoreGalaxy Power, Inc.
GPLW5V060LEO Series Industry’s Highest Current DC/DC Converter. 48V or 24V Input 250W 120A Output 3.3V 90A 2.5V 100A 1.8V 120A 1.5V 120A 1.2V 120A stan 1 2 3 4 5 MoreGalaxy Power, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn