Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS0102DCUT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0102DCUT
Description  2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0102DCUT Datasheet(HTML) 5 Page - Texas Instruments

  TXS0102DCUT Datasheet HTML 1Page - Texas Instruments TXS0102DCUT Datasheet HTML 2Page - Texas Instruments TXS0102DCUT Datasheet HTML 3Page - Texas Instruments TXS0102DCUT Datasheet HTML 4Page - Texas Instruments TXS0102DCUT Datasheet HTML 5Page - Texas Instruments TXS0102DCUT Datasheet HTML 6Page - Texas Instruments TXS0102DCUT Datasheet HTML 7Page - Texas Instruments TXS0102DCUT Datasheet HTML 8Page - Texas Instruments TXS0102DCUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TIMING REQUIREMENTS
TIMING REQUIREMENTS
TIMING REQUIREMENTS
TXS0102
www.ti.com ....................................................................................................................................................... SCES640C – JANUARY 2007 – REVISED MAY 2009
over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V (unless otherwise noted)
VCCB = 2.5 V
VCC = 3.3 V
VCC = 5 V
± 0.2 V
± 0.3 V
± 0.5 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Push-pull driving
21
22
24
Data rate
Mbps
Open-drain driving
2
2
2
Push-pull driving
47
45
41
Pulse
tw
Data inputs
ns
duration
Open-drain driving
500
500
500
over recommended operating free-air temperature range, VCCA = 2.5 V ± 0.2 V (unless otherwise noted)
VCCB = 2.5 V
VCC = 3.3 V
VCC = 5 V
± 0.2 V
± 0.3 V
± 0.5 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Push-pull driving
20
22
24
Data rate
Mbps
Open-drain driving
2
2
2
Push-pull driving
50
45
41
Pulse
tw
Data inputs
ns
duration
Open-drain driving
500
500
500
over recommended operating free-air temperature range, VCCA = 3.3 V ± 0.3 V (unless otherwise noted)
VCC = 3.3 V
VCC = 5 V
± 0.3 V
± 0.5 V
UNIT
MIN
MAX
MIN
MAX
Push-pull driving
23
24
Data rate
Mbps
Open-drain driving
2
2
Push-pull driving
43
41
tw
Pulse duration
Data inputs
ns
Open-drain driving
500
500
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TXS0102


Similar Part No. - TXS0102DCUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0102DCUT TI-TXS0102DCUT Datasheet
448Kb / 19P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102DCUT TI-TXS0102DCUT Datasheet
718Kb / 23P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102DCUT TI1-TXS0102DCUT Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
TXS0102DCUT TI-TXS0102DCUT Datasheet
1Mb / 40P
[Old version datasheet]   TXS0102 2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
JANUARY 2007
TXS0102DCUTG4 TI-TXS0102DCUTG4 Datasheet
448Kb / 19P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
More results

Similar Description - TXS0102DCUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0102 TI-TXS0102_11 Datasheet
718Kb / 23P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102-Q1 TI1-TXS0102-Q1 Datasheet
878Kb / 24P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
TXS0102 TI-TXS0102_09 Datasheet
509Kb / 18P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102_101 TI-TXS0102_101 Datasheet
448Kb / 19P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
logo
Texas Instruments
TXS0102 TI-TXS0102_V01 Datasheet
1Mb / 40P
[Old version datasheet]   TXS0102 2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
JANUARY 2007
logo
NXP Semiconductors
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2008PW NXP-NVT2008PW Datasheet
439Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 3-27 January 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com