Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD12S520 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPD12S520
Description  SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD12S520 Datasheet(HTML) 2 Page - Texas Instruments

  TPD12S520_09 Datasheet HTML 1Page - Texas Instruments TPD12S520_09 Datasheet HTML 2Page - Texas Instruments TPD12S520_09 Datasheet HTML 3Page - Texas Instruments TPD12S520_09 Datasheet HTML 4Page - Texas Instruments TPD12S520_09 Datasheet HTML 5Page - Texas Instruments TPD12S520_09 Datasheet HTML 6Page - Texas Instruments TPD12S520_09 Datasheet HTML 7Page - Texas Instruments TPD12S520_09 Datasheet HTML 8Page - Texas Instruments TPD12S520_09 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TMDS_D2+
TMDS_GND
TMDS_D2–
TMDS_D1+
TMDS_GND
TMDS_D1–
TMDS_D0+
TMDS_GND
TMDS_D0–
TMDS_CK+
TMDS_GND
TMDS_CK–
5V_SUPPLY
DDC_DAT_OUT
HOTPLUG_DET_OUT
ESD_BYP
LV Supply
LV Supply
CE_REMOTE_IN
CE_REMOTE_OUT
DDC_DAT_IN
LV Supply
LV Supply
DDC_CLK_IN
DDC_CLK_OUT HOTPLUG_DET_IN
Board Traces
VIA ConnectedtoLVPlane
VIA Connectedto5VPlane
VIA ConnectedtoGNDPlane
GND
5Vout
High-speedlines
Controllines
1
38
20
TPD12S520
HDMICoreChip
HDMI
Connector
19
CLK–
GND
CLK+
D0–
GND
D0+
D1–
GND
D1+
D2–
GND
D2+
HTDT
5OUT
GND
D_DT
D_CK
NC
CE_R
TPD12S520
SLVS640C – OCTOBER 2007 – REVISED APRIL 2009 .................................................................................................................................................... www.ti.com
ELECTRICAL SCHEMATIC
A.
External bypass capacitors and resistor components not included
Figure 1. Board Layout for HDMI Transmitter Using TPD12S520DBTR
2
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): TPD12S520


Similar Part No. - TPD12S520_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S520DBTR TI-TPD12S520DBTR Datasheet
622Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520DBTR TI1-TPD12S520DBTR Datasheet
1Mb / 22P
[Old version datasheet]   TPD12S520 Single-Chip HDMI Receiver Port Protection and Interface Device
TPD12S520RMNR TI1-TPD12S520RMNR Datasheet
1Mb / 22P
[Old version datasheet]   TPD12S520 Single-Chip HDMI Receiver Port Protection and Interface Device
TPD12S520 TI1-TPD12S520_14 Datasheet
1Mb / 17P
[Old version datasheet]   Single-Chip HDMI Receiver Port Protection and Interface Device
TPD12S520 TI1-TPD12S520_16 Datasheet
1Mb / 22P
[Old version datasheet]   TPD12S520 Single-Chip HDMI Receiver Port Protection and Interface Device
More results

Similar Description - TPD12S520_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S520 TI-TPD12S520 Datasheet
622Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520 TI1-TPD12S520_14 Datasheet
1Mb / 17P
[Old version datasheet]   Single-Chip HDMI Receiver Port Protection and Interface Device
TPD12S520 TI1-TPD12S520_16 Datasheet
1Mb / 22P
[Old version datasheet]   TPD12S520 Single-Chip HDMI Receiver Port Protection and Interface Device
logo
California Micro Device...
CM2021 CALMIRCO-CM2021 Datasheet
268Kb / 8P
   HDMI Receiver Port Protection and Interface Device
logo
ON Semiconductor
CM2030 ONSEMI-CM2030 Datasheet
314Kb / 17P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
CM2031 ONSEMI-CM2031 Datasheet
275Kb / 18P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
logo
California Micro Device...
CM2031 CALMIRCO-CM2031 Datasheet
657Kb / 14P
   HDMI Receiver Port Protection and Interface Device
logo
ON Semiconductor
CM2021-02TR ONSEMI-CM2021-02TR Datasheet
409Kb / 12P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 3
logo
Texas Instruments
TPD12S521 TI-TPD12S521_09 Datasheet
679Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI1-TPD12S521_16 Datasheet
1Mb / 19P
[Old version datasheet]   Single-Chip HDMI Transmitter Port Protection and Interface Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com