Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS181NSR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS181NSR
Description  DIFFERENTIAL DRIVER AND RECEIVER PAIR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS181NSR Datasheet(HTML) 5 Page - Texas Instruments

  SN75ALS181NSR Datasheet HTML 1Page - Texas Instruments SN75ALS181NSR Datasheet HTML 2Page - Texas Instruments SN75ALS181NSR Datasheet HTML 3Page - Texas Instruments SN75ALS181NSR Datasheet HTML 4Page - Texas Instruments SN75ALS181NSR Datasheet HTML 5Page - Texas Instruments SN75ALS181NSR Datasheet HTML 6Page - Texas Instruments SN75ALS181NSR Datasheet HTML 7Page - Texas Instruments SN75ALS181NSR Datasheet HTML 8Page - Texas Instruments SN75ALS181NSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SN75ALS181
www.ti.com
SLLS152C – DECEMBER 1992 – REVISED MAY 2010
Driver Section
ELECTRICAL CHARACTERISTICS
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIK
Input clamp voltage
II = –18 mA
–1.5
V
VO
Output voltage
IO = 0
0
6
V
|VOD1| Differential output voltage
IO = 0
1.5
6
V
1/2 VOD1
VCC = 5 V ,
RL = 100 Ω
|VOD2| Differential output voltage
See Figure 1
2
V
RL = 54 Ω
1.5
2.3
5
|VOD3| Differential output voltage
Vtest = –7 V to 12 V,
See Figure 2
1.5
5
V
Change in magnitude of differential output
Δ|VOD|
RL = 54 Ω or 100 Ω,
See Figure 1
±0.5
V
voltage
3
VOC
Common mode output voltage
RL = 54 Ω or 100 Ω,
See Figure 1
V
–1
Change in magnitude of common-mode
Δ|VOC|
RL = 54 Ω or 100 Ω,
See Figure 1
±0.2
µA
output voltage(2)
IOZ
High-impedance-state output current
VO = –7 V to 12 V
(3)
±100
µA
IIH
High-level input current
VIH = 2.4 V
20
µA
IIL
Low-level input current
VIL = 0.4 V
–100
µA
VO = –7 V
–250
VO = VCC
250
IOS
Short circuit output current
mA
VO = 12 V
250
VO = 0 V
–150
Outputs enabled
21
30
ICC
Supply current (total package)
No load
mA
Outputs disabled
14
21
(1)
All typical values are at VCC = 5 V and TA = 25°C.
(2)
Δ|VOD| and Δ|VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from a high level
to a low level.
(3)
This applies for both power on and power off. Refer to TIA/EIA-485-A for exact conditions
SWITCHING CHARACTERISTICS
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Differential output delay time, tdDH
tdD
RL = 54 Ω ,
CL = 50 pF,
See Figure 3
9
13
20
ns
or tdDL
tsk(p)
Pulse skew (|tdDH – tdDL|)
RL = 54 Ω ,
CL = 50 pF,
See Figure 3
1
8
ns
tt
Differential output transition time
RL = 54 Ω ,
CL = 50 pF,
See Figure 3
3
10
16
ns
tPZH
Output enable time to high level
RL = 110 Ω ,
See Figure 4
36
53
ns
tPZL
Output enable time to low level
RL = 110 Ω ,
See Figure 5
39
56
ns
tPHZ
Output disable time from high level
RL = 110 Ω ,
See Figure 4
20
31
ns
tPLZ
Output disable time from low level
RL = 110 Ω ,
See Figure 5
9
20
ns
(1)
All typical values are at VCC = 5 V and TA = 25°C.
Copyright © 1992–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN75ALS181


Similar Part No. - SN75ALS181NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS181NSR TI-SN75ALS181NSR Datasheet
314Kb / 14P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75ALS181NSR TI-SN75ALS181NSR Datasheet
494Kb / 16P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75ALS181NSRG4 TI-SN75ALS181NSRG4 Datasheet
314Kb / 14P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75ALS181NSRG4 TI-SN75ALS181NSRG4 Datasheet
494Kb / 16P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
More results

Similar Description - SN75ALS181NSR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC491 LINER-LTC491 Datasheet
236Kb / 12P
   Differential Driver and Receiver Pair
LTC490 LINER-LTC490_04 Datasheet
165Kb / 12P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75179B TI-SN75179B Datasheet
140Kb / 9P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC490 LINER-LTC490_15 Datasheet
174Kb / 12P
   Differential Driver and Receiver Pair
LTC490 LINER-LTC490 Datasheet
203Kb / 8P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181 Datasheet
314Kb / 14P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75179A TI1-SN75179A Datasheet
191Kb / 10P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC491 LINER-LTC491_15 Datasheet
192Kb / 12P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181_08 Datasheet
494Kb / 16P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC491 LINER-LTC491_04 Datasheet
182Kb / 12P
   Differential Driver and Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com