Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXN1701-6 Datasheet(PDF) 2 Page - Power-One

Part # LXN1701-6
Description  375 and 500 Watt AC-DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LXN1701-6 Datasheet(HTML) 2 Page - Power-One

  LXN1701-6 Datasheet HTML 1Page - Power-One LXN1701-6 Datasheet HTML 2Page - Power-One LXN1701-6 Datasheet HTML 3Page - Power-One LXN1701-6 Datasheet HTML 4Page - Power-One LXN1701-6 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.power-one.com
Edition 5/7.2001
X Series
375 and 500 Watt AC-DC Converters
Input
Input voltage
world wide mains, single phase
85...264 V AC
for derating information see application note
90...350 V DC
Input frequency
wide frequency range
16 2/3...440 Hz
Power factor
active PFC
up to 0.99
Inrush current
virtually no inrush current
Output
Efficiency
Ui nom, Io nom
up to 89 %
Output voltage setting accuracy
Ui nom, Io nom
±1.3% U
o nom
Output voltage noise
IEC/EN 61204
typ. 50 mV
Output voltage ripple
sinusoidal output ripple at twice the line frequency
≤1.2 V
pp
Line and cross regulation
Ui min...Ui max
typ. 50 mV
Load regulation
0...100 %
Io nom, Ui nom
–1.6%
Uo nom
Minimum load
not required
Current limitation
rectangular U/I characteristic
101...112 %
Io nom
Short term peak power
1 s, electronically controlled
150%
Io nom
Operation in parallel
enabled by droop current share
Hold-up time
Io nom, Uo decreases to 80% of Uo nom
typ. 15 ms
Control
Status indication
LED output(s) OK
Protection
Input reverse polarity
bridge rectifier
Input fuse
not user accessible
10 A, fast blow
Input undervoltage lockout
typ. 80%
Ui min
Input overvoltage lockout
typ. 105 %
Ui max
Input transient
voltage depending resistor (VDR)
Output(s)
no-load, overload and short circuit proof
Output overvoltage
second control loop, each output, 24/48 V
30/60 V SELV
Overtemperature
reduced output power if thermally overloaded
Safety
Approvals in progress
EN 60950, UL 1950, CSA22.2 No. 950, UL 508 listed
Electric strength test voltage
class I, I/case
2 kV AC
class I, I/O
3 kV AC
class I, O/case
1 kV AC
class I, O/O
0.35 kV AC
Pollution degree
AC-in / DC-in
3/2
Degree of protection
IP 20


Similar Description - LXN1701-6

ManufacturerPart #DatasheetDescription
logo
Power-One
XSERIES POWER-ONE-XSERIES Datasheet
544Kb / 22P
   375, 500 Watt AC-DC and DC-DC DIN-Rail Converters
UT1201-7 POWER-ONE-UT1201-7 Datasheet
94Kb / 4P
   500 Watt AC-DC Converters
CK2540-9ERD3TB1 POWER-ONE-CK2540-9ERD3TB1 Datasheet
596Kb / 34P
   150 Watt DC-DC and AC-DC Converters
LWR-1601-6 POWER-ONE-LWR-1601-6 Datasheet
110Kb / 5P
   125 and 250 Watt AC-DC Converters
LB1740-6R POWER-ONE-LB1740-6R Datasheet
447Kb / 4P
   700 Watt AC-DC Converters
LK4003-6R POWER-ONE-LK4003-6R Datasheet
95Kb / 4P
   150 Watt AC-DC Converters
LK1001-7R POWER-ONE-LK1001-7R Datasheet
95Kb / 4P
   150 Watt AC-DC Converters
LS1001-7R POWER-ONE-LS1001-7R Datasheet
66Kb / 4P
   100 Watt AC-DC Converters
LH1001-2R POWER-ONE-LH1001-2R Datasheet
63Kb / 4P
   50 Watt AC-DC Converters
LKP5662-7R POWER-ONE-LKP5662-7R Datasheet
90Kb / 4P
   250 Watt AC-DC Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com